Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM5TW-4807SH35Z Datasheet(PDF) 3 Page - AIMTEC

Part # AM5TW-4807SH35Z
Description  5 Watt | DC-DC Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM5TW-4807SH35Z Datasheet(HTML) 3 Page - AIMTEC

  AM5TW-4807SH35Z Datasheet HTML 1Page - AIMTEC AM5TW-4807SH35Z Datasheet HTML 2Page - AIMTEC AM5TW-4807SH35Z Datasheet HTML 3Page - AIMTEC AM5TW-4807SH35Z Datasheet HTML 4Page - AIMTEC AM5TW-4807SH35Z Datasheet HTML 5Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Series AM5TW-Z
5 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.G
3 of 5
North America only
Output Specifications (continued)
Parameters
Conditions
Typical
Maximum
Units
Load voltage regulation (Dual)
0 – 100% load
±0.5
%
Load voltage regulation (Dual)
±3.3V output model
±1.5
%
Temperature coefficient
±0.02
%/oC
Ripple & Noise
At 20MHz Bandwidth
60
mV p-p
Rising time
10
ms
Minimum Load Current
0
% of Max
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
100% load
260
KHz
Operating temperature
Full Load without Derating
-40 to +85
oC
Storage temperature
-40 to +125
oC
Max Case temperature
100
oC
Derating
Non-Required
Cooling
Free air convection
Humidity
90
%
Case material
Nickel coated copper
Weight
26
g
Dimensions(L x W x H)
Tolerance ±0.5 mm or ±0.02 inches
1.28 x 0.84 x 0.41 inches
32.25 x 21.35 x 10.50 mm
MTBF
>960 000 hrs (MIL-HDBK -217F, Ground Benign, t=+25oC)
NOTE: All specifications noted in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and
at rated output load unless otherwise specified.
Safety Specifications
Parameters
Agency Approval
CE
Standards
EN55022 Class A, EN55024
IEC61000-4-2, Perf. Criteria B
IEC61000-4-3, Perf. Criteria A
IEC61000-4-4, Perf. Criteria B (external 220uF/100V cap required)
IEC61000-4-5, Perf. Criteria B (external 220uF/100V cap required)
IEC61000-4-6, Perf. Criteria A
IEC61000-4-8, Perf. Criteria A
NOTE: Also designed to meet IEC60950-1:2001
Pin Out Specifications
Pin
1500VDC
3500VDC
Single
Dual
Single
Dual
1
+V Input
+V Input
Omitted
Omitted
2
N. C.
-V Output
-V Input
-V Input
3
N. C.
Common
-V Input
-V Input
9
Omitted
Omitted
Omitted
Common
10
-V Output
Common
Omitted
Omitted
11
+V Output
+V Output
N.C.
-V Output
12/13
-V Input
-V Input
Omitted
Omitted
14
+V Output
+V Output
+V Output
+V Output
15
-V Output
Common
Omitted
Omitted
16
Omitted
Omitted
-V Output
Common
22
N. C.
Common
+V Input
+V Input
23
N. C.
-V Output
+V Input
+V Input
24
+V Input
+V Input
Omitted
Omitted


Similar Part No. - AM5TW-4807SH35Z

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM5TW-4807SH35Z AIMTEC-AM5TW-4807SH35Z Datasheet
325Kb / 6P
   5 Watt | DC-DC Converter
More results

Similar Description - AM5TW-4807SH35Z

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
MSKW WALL-MSKW Datasheet
226Kb / 7P
   5 Watt DC/DC Converter
logo
AIMTEC
AM5T-VZ AIMTEC-AM5T-VZ_16 Datasheet
183Kb / 4P
   5 Watt | DC-DC Converter
AM5T-FZ AIMTEC-AM5T-FZ Datasheet
411Kb / 3P
   5 Watt | DC-DC Converter
AM5TW-RVZ AIMTEC-AM5TW-RVZ Datasheet
403Kb / 3P
   5 Watt | DC-DC Converter
AM5T-Z AIMTEC-AM5T-Z Datasheet
543Kb / 5P
   5 Watt | DC-DC Converter
logo
List of Unclassifed Man...
FKC05 ETC-FKC05 Datasheet
292Kb / 2P
   5 WATT DC DC CONVERTER
logo
AIMTEC
AM5TW-VZ AIMTEC-AM5TW-VZ_16 Datasheet
233Kb / 3P
   5 Watt | DC-DC Converter
AM5E-FZ AIMTEC-AM5E-FZ Datasheet
456Kb / 3P
   5 Watt | DC-DC Converter
AM5TW-RZ AIMTEC-AM5TW-RZ Datasheet
412Kb / 3P
   5 Watt | DC-DC Converter
AM5E-FZ AIMTEC-AM5E-FZ_13 Datasheet
492Kb / 3P
   5 Watt | DC-DC Converter
AM5TW-RZ AIMTEC-AM5TW-RZ_13 Datasheet
243Kb / 3P
   5 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com