Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4022 Datasheet(PDF) 5 Page - Schurter Inc.

Part # 4022
Description  IEC Appliance Inlet C14 with Filter, Fuseholder 1-or 2-pole (5 x 20 mm or 6.3x32 mm, with or without voltage selector (series-parallel)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

4022 Datasheet(HTML) 5 Page - Schurter Inc.

  4022 Datasheet HTML 1Page - Schurter Inc. 4022 Datasheet HTML 2Page - Schurter Inc. 4022 Datasheet HTML 3Page - Schurter Inc. 4022 Datasheet HTML 4Page - Schurter Inc. 4022 Datasheet HTML 5Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
Power Entry Modules with Line Filter
CE
www.schurter.com /PG06
EMC Products
Accessories
Assorted Covers
Rear Cover
0859.0108
Cord retaining kits
Cord retaining strain relief
Flat head, A
4700.0001
Mating Outlets/Connectors
Category / Description
Appliance Outlet Overview complete
IEC Appliance Outlet F, Screw-on Mounting, Front Side, Solder Terminal
4787
IEC Appliance Outlet F, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
4788
IEC Appliance Outlet F or H, Screw-on Mounting, Front Side, Solder, PCB or Quick-connect Terminal
5091
Appliance Outlet further types to CE
Connector Overview complete
4782 Mounting: Power Cord, 3 x 1 mm² / 3 x 18 AWG, Cable, Connector: IEC C13
4782
4022 Mounting: Power Supply Cord, 3 x 1.5 mm², Screw clamps, Connector: IEC C13
4022
4785 Mounting: Power Cord, 3 x 1 mm² / 3 x 18 AWG, Cable, Connector: IEC C13
4785
4300-06 Mounting: Power Cord, 3 x 1 mm² / 3 x 18 AWG, Cable, Connector: IEC C13
4300-06
4012 Mounting: Power Supply Cord, 3 x 1.5 mm², Screw clamps, Connector: IEC C13
4012
Connector further types to CE
...
Mating Outlets/Connectors shuttered
Power Cord Overview complete
VAC13KS, Overview, diverse Connector IEC C13, cord end:
VAC13KS
Power Cord further types to CE
The specifications, descriptions and illustrations indicated in this document are based on current
information. All content is subject to modifications and amendments. Information furnished is believed
to be accurate and reliable. However, users should independently evaluate the suitability and test each
product selected for their own applications.


Similar Part No. - 4022

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
4022 POMONA-4022 Datasheet
26Kb / 1P
   Insulated Banana Jack, Miniature With Wire Wrap Terminal
logo
Schurter Inc.
4022 SCHURTER-4022 Datasheet
442Kb / 3P
   IEC Connector C13, Rewireable, Straight
4022 SCHURTER-4022 Datasheet
634Kb / 6P
   IEC Appliance Inlet with Filter, Fuseholder 1- or 2-pole, Line Switch 2-pole
4022 SCHURTER-4022 Datasheet
197Kb / 2P
   IEC Appliance Inlet C14, Snap-in Mounting, Front Side, Solder Terminal
4022 SCHURTER-4022 Datasheet
659Kb / 5P
   IEC Appliance Inlet C14 with Filter
More results

Similar Description - 4022

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
CE16.5100.151 SCHURTER-CE16.5100.151_V01 Datasheet
666Kb / 7P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1-or 2-pole (5 x 20 mm or 6.3x32 mm, with or without voltage selector (series-parallel)
04.01.2022
KFC SCHURTER-KFC Datasheet
578Kb / 5P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole (5x20 mm or 6.3x32 mm), optional Voltage Selector
CG16.5101.151 SCHURTER-CG16.5101.151_V01 Datasheet
635Kb / 6P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole (5x20 mm or 6.3x32 mm), Line Switch 1- or 2-pole, Voltage Selector (Series-Parallel)
04.01.2022
CG16.5101.151 SCHURTER-CG16.5101.151 Datasheet
563Kb / 5P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole (5x20 mm or 6.3x32 mm), Line Switch 1- or 2-pole, Voltage Selector (Series-Parallel)
CD11.1501.151 SCHURTER-CD11.1501.151 Datasheet
571Kb / 5P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole (5x20 mm or 6.3x32 mm), Line Switch 1- or 2-pole, Voltage Selector (Step)
CD11.1501.151 SCHURTER-CD11.1501.151_V01 Datasheet
663Kb / 7P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole (5x20 mm or 6.3x32 mm), Line Switch 1- or 2-pole, Voltage Selector (Step)
04.01.2022
KFC SCHURTER-KFC_V01 Datasheet
668Kb / 7P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole (5x20 mm or 6.3x32 mm), optional Voltage Selector (step switch)
04.01.2022
CD11.4599.151 SCHURTER-CD11.4599.151 Datasheet
600Kb / 6P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole (5x20 mm or 6.3x32 mm), Bowden Line Switch 1- or 2-pole, Voltage Selector (Step)
17.08.2020
KP01145201 SCHURTER-KP01145201_V01 Datasheet
616Kb / 7P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole (5x20 mm)
08.12.2021
1067 SCHURTER-1067 Datasheet
377Kb / 3P
   IEC Appliance Inlet C14 or C18 with Voltage Selector and Fuseholder 1- or 2-pole
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com