Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0034.6011 Datasheet(PDF) 1 Page - Schurter Inc.

Part # 0034.6011
Description  Subminiature Fuse, 8.5 mm, Quick-Acting F, 250 VAC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

0034.6011 Datasheet(HTML) 1 Page - Schurter Inc.

  0034.6011 Datasheet HTML 1Page - Schurter Inc. 0034.6011 Datasheet HTML 2Page - Schurter Inc. 0034.6011 Datasheet HTML 3Page - Schurter Inc. 0034.6011 Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Non resettable fuses
MSF 250
www.schurter.com /PG01_2
Fuses
Subminiature Fuse, 8.5 mm, Quick-Acting F, 250 VAC
IEC 60127-3 · 250VAC · Quick-Acting F
Description
- Directly solderable on printed circuit boards
- Low Breaking Capacity
Standards
- IEC 60127-3/3
- UL 248-14
- CSA C22.2 no. 248.14
Approvals
- VDE Certificate Number: 101035
- UL File Number: E41599
- CSA File Number: 51172
References
Packaging Details
Corresponding Fuseholder FMS (250V)
Fuse Kit Fuse Kit MST250 / MSF 250
Weblinks
pdf-datasheet, html-datasheet, General Product Information, Packaging
details, Approvals, CE declaration of conformity, RoHS, CHINA-RoHS,
REACH, Distributor-Stock-Check, Detailed request for product
Technical Data
Rated Voltage
250 VAC
Rated current
0.04 - 5 A
Breaking Capacity
35 A
Characteristic
Quick-Acting F
Mounting
PCB,THT
Admissible Ambient Air Temp. -40 °C to 85 °C
Climatic Category
40/085/21 acc. to IEC 60068-1
Material: Housing
Thermoplastic, UL 94V-0
Material: Terminals
Tin-Plated Copper
Unit Weight
0.5 g
Storage Conditions
0 °C to 40 °C, max. 70% r.h.
Product Marking
, Type, Rated current, Rated Voltage,
Characteristic, Approvals
Soldering Methods
Wave, Iron
Soldering Profile
Solderability
235 °C / 2 sec acc. to IEC 60068-2-20,
Test Ta
Resistance to Soldering Heat
260 °C / 10 sec acc. to IEC 60068-2-20,
Test Tb
Resistance to Vibration
acc. to IEC 60068-2-6, test Fc
Current Carrying Capacity
acc. to EIA/IS-722, Test 4.3.3
Life Test
1000h @ 0.60 x In @ 70°C
(acc. to EIA/IS-722, Test 4.4.1)
Load Humidity Test
0.1 x In @ 0.85 r.H. @ 85°C
(acc. to EIA/IS-722, Test 4.4.2)
Moisture Resistance Test
(acc. to EIA/IS-722, Test 4.4.3)
Terminal Strength
Tensile load min. 9 N
(acc. to EIA/IS-722, Test 4.5.1)
Thermal Shock
MIL-STD-202, Method 107D
(200 air-to-air cycles from -55 to
+125°C)
Case Resistance
>100 M
Ω (between leeds and body)
acc. to EIA/IS-722, Test 4.7
Mechanical Shock
MIL-STD-202, Method 213B
(Shock 50g, half sine wave, 11 ms)
Resistance to Solvents
MIL-STD-202, Method 215A
Flammability
UL 94V-0
(acc. to EIA/IS-722, Test 4.12)


Similar Part No. - 0034.6011

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
0034.6011 SCHURTER-0034.6011 Datasheet
595Kb / 4P
   Subminiature Fuse, 8.5 mm, Quick-Acting F, 250 VAC, 250 VDC
More results

Similar Description - 0034.6011

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
MSF250 SCHURTER-MSF250_18 Datasheet
311Kb / 4P
   Subminiature Fuse, 8.5 mm, Quick-Acting F, 250 VAC
MSF250 SCHURTER-MSF250_V02 Datasheet
390Kb / 5P
   Subminiature Fuse, 8.5 mm, Quick-Acting F, 250 VAC
04.01.2022
00346000 SCHURTER-00346000 Datasheet
595Kb / 4P
   Subminiature Fuse, 8.5 mm, Quick-Acting F, 250 VAC, 250 VDC
172593 SCHURTER-172593 Datasheet
282Kb / 2P
   Subminiature Fuse, 3.8 x 10 mm, Quick-Acting F, 250 VAC, 125 VDC
172593 SCHURTER-172593_18 Datasheet
291Kb / 4P
   Subminiature Fuse, 4.05 x 10 mm, Quick-Acting F, 250 VAC, 125 VDC
20300013 SCHURTER-20300013 Datasheet
448Kb / 3P
   Subminiature Fuse, 6.4 mm, Quick-Acting F, Telecom
MSU125 SCHURTER-MSU125_V01 Datasheet
291Kb / 4P
   Subminiature Fuse, 6.4 mm, Quick-Acting F, Telecom
04.10.2018
MSU125 SCHURTER-MSU125 Datasheet
250Kb / 3P
   Subminiature Fuse, 6.4 mm, Quick-Acting F, Telecom
MSU125 SCHURTER-MSU125_18 Datasheet
282Kb / 4P
   Subminiature Fuse, 6.4 mm, Quick-Acting F, Telecom
MSF SCHURTER-MSF Datasheet
505Kb / 3P
   Subminiature Fuse, 6.4 mm, Quick-Acting F, 125 VAC, 125 VDC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com