Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM5TW-4815SH35Z Datasheet(PDF) 1 Page - AIMTEC

Part # AM5TW-4815SH35Z
Description  5 Watt | DC-DC Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM5TW-4815SH35Z Datasheet(HTML) 1 Page - AIMTEC

  AM5TW-4815SH35Z Datasheet HTML 1Page - AIMTEC AM5TW-4815SH35Z Datasheet HTML 2Page - AIMTEC AM5TW-4815SH35Z Datasheet HTML 3Page - AIMTEC AM5TW-4815SH35Z Datasheet HTML 4Page - AIMTEC AM5TW-4815SH35Z Datasheet HTML 5Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Series AM5TW-Z
5 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.G
1 of 5
North America only
FEATURES:
 RoHS compliant
 Operating temperature -40oC to + 85oC
 24 Pin DIP Package
 Input / Output isolation 1500 or 3500VDC
 High efficiency up to 84%
 Pin compatible with multiple manufacturers
 Wide 4:1 input range
 Continuous short circuit protection
Models
Single output
Model
Input
Voltage (V)
Output
Voltage
(V)
Output Current
max (mA)
Isolation
(VDC)
Max
Capacitive
Load (uF)
Efficiency
(%)
AM5TW-2403SZ
9-36
3.3
1300
1500
1000
75
AM5TW-2405SZ
9-36
5
1000
1500
1000
80
AM5TW-2407SZ
9-36
7.2
690
1500
470
78
AM5TW-2409SZ
9-36
9
550
1500
470
80
AM5TW-2412SZ
9-36
12
.410
1500
220
81
AM5TW-2415SZ
9-36
15
330
1500
68
84
AM5TW-2418SZ
9-36
18
270
1500
68
82
AM5TW-2424SZ
9-36
24
200
1500
68
82
AM5TW-4803SZ
18-72
3.3
1300
1500
1000
75
AM5TW-4805SZ
18-72
5
1000
1500
1000
81
AM5TW-4807SZ
18-72
7.2
690
1500
470
80
AM5TW-4809SZ
18-72
9
550
1500
470
82
AM5TW-4812SZ
18-72
12
410
1500
220
83
AM5TW-4815SZ
18-72
15
330
1500
68
84
AM5TW-4818SZ
18-72
18
270
1500
68
83
AM5TW-4824SZ
18-72
24
200
1500
68
83
AM5TW-2403SH35Z
9-36
3.3
1300
3500
1000
75
AM5TW-2405SH35Z
9-36
5
1000
3500
1000
80
AM5TW-2407SH35Z
9-36
7.2
690
3500
470
78
AM5TW-2409SH35Z
9-36
9
550
3500
470
80
AM5TW-2412SH35Z
9-36
12
410
3500
220
81
AM5TW-2415SH35Z
9-36
15
330
3500
68
84
AM5TW-2418SH35Z
9-36
18
270
3500
68
82
AM5TW-2424SH35Z
9-36
24
200
3500
68
82
AM5TW-4803SH35Z
18-72
3.3
1300
3500
1000
75
AM5TW-4805SH35Z
18-72
5
1000
3500
1000
81
AM5TW-4807SH35Z
18-72
7.2
690
3500
470
80
AM5TW-4809SH35Z
18-72
9
550
3500
470
82
AM5TW-4812SH35Z
18-72
12
410
3500
220
83
AM5TW-4815SH35Z
18-72
15
330
3500
68
84
AM5TW-4818SH35Z
18-72
18
270
3500
68
83
AM5TW-4824SH35Z
18-72
24
200
3500
68
83
Models
Dual output
Model
Input
Voltage (V)
Output
Voltage
(V)
Output Current
max (mA)
Isolation
(VDC)
Max
Capacitive
Load (uF)
Efficiency
(%)
AM5TW-2403DZ
9-36
±3.3
±600
1500
±100
79
AM5TW-2405DZ
9-36
±5
±500
1500
±100
81
AM5TW-2407DZ
9-36
±7.2
±347
1500
±100
80
AM5TW-2409DZ
9-36
±9
±278
1500
±100
82
AM5TW-2412DZ
9-36
±12
±209
1500
±68
83
AM5TW-2415DZ
9-36
±15
±167
1500
±22
83
AM5TW-2418DZ
9-36
±18
±139
1500
±22
83
AM5TW-2424DZ
9-36
±24
±104
1500
±22
83
Click on Series name for product info on aimtec.com


Similar Part No. - AM5TW-4815SH35Z

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM5TW-4815SH35Z AIMTEC-AM5TW-4815SH35Z Datasheet
325Kb / 6P
   5 Watt | DC-DC Converter
More results

Similar Description - AM5TW-4815SH35Z

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
MSKW WALL-MSKW Datasheet
226Kb / 7P
   5 Watt DC/DC Converter
logo
AIMTEC
AM5T-VZ AIMTEC-AM5T-VZ_16 Datasheet
183Kb / 4P
   5 Watt | DC-DC Converter
AM5T-FZ AIMTEC-AM5T-FZ Datasheet
411Kb / 3P
   5 Watt | DC-DC Converter
AM5TW-RVZ AIMTEC-AM5TW-RVZ Datasheet
403Kb / 3P
   5 Watt | DC-DC Converter
AM5T-Z AIMTEC-AM5T-Z Datasheet
543Kb / 5P
   5 Watt | DC-DC Converter
logo
List of Unclassifed Man...
FKC05 ETC-FKC05 Datasheet
292Kb / 2P
   5 WATT DC DC CONVERTER
logo
AIMTEC
AM5TW-VZ AIMTEC-AM5TW-VZ_16 Datasheet
233Kb / 3P
   5 Watt | DC-DC Converter
AM5E-FZ AIMTEC-AM5E-FZ Datasheet
456Kb / 3P
   5 Watt | DC-DC Converter
AM5TW-RZ AIMTEC-AM5TW-RZ Datasheet
412Kb / 3P
   5 Watt | DC-DC Converter
AM5E-FZ AIMTEC-AM5E-FZ_13 Datasheet
492Kb / 3P
   5 Watt | DC-DC Converter
AM5TW-RZ AIMTEC-AM5TW-RZ_13 Datasheet
243Kb / 3P
   5 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com