Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC14094B Datasheet(PDF) 6 Page - ON Semiconductor

Part # MC14094B
Description  8-Stage Shift/Store Register with Three-State Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14094B Datasheet(HTML) 6 Page - ON Semiconductor

  MC14094B_14 Datasheet HTML 1Page - ON Semiconductor MC14094B_14 Datasheet HTML 2Page - ON Semiconductor MC14094B_14 Datasheet HTML 3Page - ON Semiconductor MC14094B_14 Datasheet HTML 4Page - ON Semiconductor MC14094B_14 Datasheet HTML 5Page - ON Semiconductor MC14094B_14 Datasheet HTML 6Page - ON Semiconductor MC14094B_14 Datasheet HTML 7Page - ON Semiconductor MC14094B_14 Datasheet HTML 8Page - ON Semiconductor MC14094B_14 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
MC14094B
http://onsemi.com
6
10
DYNAMIC TIMING DIAGRAM
3
15
CLOCK
2
DATA IN
1
STROBE
OUTPUT
ENABLE
N
Q1
³ Q7
9
QS
Q
S
tWH
50%
tsu
th
tWL
50%
tr
tf
90%
10%
50%
50%
tPZL
tPZH
tPHZ
tPHL
tPLH
tPLH
tPLZ
10%
90%
10%
90%
90%
90%
10%
10%
50%
50%
50%
50%
tPHL
tPLH
tTHL
tTLH
tPLH
tPHL


Similar Part No. - MC14094B_14

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14094BCP ONSEMI-MC14094BCP Datasheet
232Kb / 8P
   8-Stage Shift/Store Register with Three-State Outputs
March, 2000 ??Rev. 3
MC14094BCP ONSEMI-MC14094BCP Datasheet
121Kb / 10P
   8?뭆tage Shift/Store Register with Three?뭆tate Outputs
August, 2005 ??Rev. 6
MC14094BCPG ONSEMI-MC14094BCPG Datasheet
121Kb / 10P
   8?뭆tage Shift/Store Register with Three?뭆tate Outputs
August, 2005 ??Rev. 6
MC14094BCPG ONSEMI-MC14094BCPG Datasheet
161Kb / 10P
   8-Stage Shift/Store Register with Three-State Outputs
May, 2013 ??Rev. 9
MC14094BD ONSEMI-MC14094BD Datasheet
232Kb / 8P
   8-Stage Shift/Store Register with Three-State Outputs
March, 2000 ??Rev. 3
More results

Similar Description - MC14094B_14

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14094B ONSEMI-MC14094B Datasheet
232Kb / 8P
   8-Stage Shift/Store Register with Three-State Outputs
March, 2000 ??Rev. 3
MC14094BDTR2G ONSEMI-MC14094BDTR2G Datasheet
161Kb / 10P
   8-Stage Shift/Store Register with Three-State Outputs
May, 2013 ??Rev. 9
logo
STMicroelectronics
HCF4094B STMICROELECTRONICS-HCF4094B_04 Datasheet
237Kb / 13P
   8 STAGE SHIFT AND STORE BUS REGISTER WITH 3-STATE OUTPUTS
HCF4094B STMICROELECTRONICS-HCF4094B Datasheet
306Kb / 12P
   8 STAGE SHIFT AND STORE BUS REGISTER WITH 3-STATE OUTPUTS
October 2002
logo
ON Semiconductor
MC14094B ONSEMI-MC14094B_05 Datasheet
121Kb / 10P
   8?뭆tage Shift/Store Register with Three?뭆tate Outputs
August, 2005 ??Rev. 6
logo
Unisonic Technologies
U74HC4094 UTC-U74HC4094 Datasheet
236Kb / 6P
   8-STAGE SHIFT & STORE BUS REGISTER
U74HC4094 UTC-U74HC4094_15 Datasheet
236Kb / 6P
   8-STAGE SHIFT & STORE BUS REGISTER
logo
NXP Semiconductors
HEF4094B NXP-HEF4094B_10 Datasheet
169Kb / 19P
   8-stage shift-and-store register
Rev. 08-2 April 2010
logo
Nexperia B.V. All right...
HEF4094B NEXPERIA-HEF4094B Datasheet
263Kb / 15P
   8-stage shift-and-store register
Rev. 14 - 8 July 2021
logo
NXP Semiconductors
HEF4094BTD-T PHILIPS-HEF4094BTD-T Datasheet
204Kb / 20P
   8-stage shift-and-store register
Rev. 11-29 August 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com