Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM6TI-2405SH30Z Datasheet(PDF) 2 Page - AIMTEC

Part # AM6TI-2405SH30Z
Description  6 Watt | DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM6TI-2405SH30Z Datasheet(HTML) 2 Page - AIMTEC

  AM6TI-2405SH30Z Datasheet HTML 1Page - AIMTEC AM6TI-2405SH30Z Datasheet HTML 2Page - AIMTEC AM6TI-2405SH30Z Datasheet HTML 3Page - AIMTEC AM6TI-2405SH30Z Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Series AM6TI-Z
6 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.B
2 of 4
North America only
Models
Dual output (continued)
Model
Input Voltage
(V)
Output
Voltage (V)
Output Current
max (mA)
Efficiency
(%)
Capacitive
load, max (μF)
Isolation
(VDC)
AM6TI-2424DZ
18-36
±24
±125
82
±47
1500
AM6TI-4803DZ
36-75
±3.3
±909
78
±220
1500
AM6TI-4805DZ
36-75
±5
±600
82
±220
1500
AM6TI-4812DZ
36-75
±12
±250
84
±100
1500
AM6TI-4815DZ
36-75
±15
±200
84
±100
1500
AM6TI-4824DZ
36-75
±24
±125
80
±47
1500
AM6TI-1203DH30Z
9-18
±3.3
±909
76
±220
3000
AM6TI-1205DH30Z
9-18
±5
±600
80
±220
3000
AM6TI-1212DH30Z
9-18
±12
±250
83
±100
3000
AM6TI-1215DH30Z
9-18
±15
±200
84
±100
3000
AM6TI-1224DH30Z
9-18
±24
±125
81
±47
3000
AM6TI-2403DH30Z
18-36
±3.3
±909
76
±220
3000
AM6TI-2405DH30Z
18-36
±5
±600
80
±220
3000
AM6TI-2412DH30Z
18-36
±12
±250
83
±100
3000
AM6TI-2415DH30Z
18-36
±15
±200
84
±100
3000
AM6TI-2424DH30Z
18-36
±24
±125
82
±47
3000
AM6TI-4803DH30Z
36-75
±3.3
±909
78
±220
3000
AM6TI-4805DH30Z
36-75
±5
±600
82
±220
3000
AM6TI-4812DH30Z
36-75
±12
±250
84
±100
3000
AM6TI-4815DH30Z
36-75
±15
±200
84
±100
3000
AM6TI-4824DH30Z
36-75
±24
±125
80
±47
3000
Input Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage range
12
9-18
VDC
24
18-36
48
36-75
Filter
π
(Pi) Network
Start up time
20
ms
Absolute Maximum Rating
12 Vin
-0.7-25
VDC
24 Vin
-0.7-50
48 Vin
-0.7-100
Peak Input Voltage time
100
ms
Under Voltage Lockout (ON / OFF)
12 Vin
8.5 / 7.0
VDC
24 Vin
16.5 / 14.5
48 Vin
35.0 / 31.5
Input Reflected Ripple Current
20
mA p-p
Isolation Specifications
Parameters
Conditions
Typical
Rated
Units
Tested I/O voltage
3 sec
1500 or 3000
VDC
Resistance
> 1000
MOhm
Capacitance
1000
pF
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
Vin nom, 100% load
±2
%
Voltage balance
Balanced Load
±2
%
Short Circuit protection
Continuous
Short circuit restart
Auto recovery
Over current protection
160% Iout
Line voltage regulation
LL – HL, 100% load
±0.5
%


Similar Part No. - AM6TI-2405SH30Z

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM6TI-2405SZ AIMTEC-AM6TI-2405SZ Datasheet
190Kb / 4P
   Input / Output Isolation 1500 and 3000VDC
More results

Similar Description - AM6TI-2405SH30Z

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM6TW-RVZ AIMTEC-AM6TW-RVZ Datasheet
403Kb / 3P
   6 Watt | DC-DC Converter
AM6TW-VZ AIMTEC-AM6TW-VZ Datasheet
400Kb / 3P
   6 Watt | DC-DC Converter
AM6Q-Z AIMTEC-AM6Q-Z_13 Datasheet
270Kb / 3P
   6 Watt | DC-DC Converter
AM6TW-Z AIMTEC-AM6TW-Z_13 Datasheet
288Kb / 5P
   6 Watt | DC-DC Converter
AM6CW-FZ AIMTEC-AM6CW-FZ_16 Datasheet
110Kb / 2P
   6 Watt | DC-DC Converter
AM6GH-Z AIMTEC-AM6GH-Z_16 Datasheet
212Kb / 5P
   6 Watt | DC-DC Converter
AM6TW-RZ AIMTEC-AM6TW-RZ Datasheet
426Kb / 3P
   6 Watt | DC-DC Converter
AM6TW-RZ AIMTEC-AM6TW-RZ_16 Datasheet
258Kb / 3P
   6 Watt | DC-DC Converter
AM6TW-Z AIMTEC-AM6TW-Z Datasheet
490Kb / 5P
   6 Watt | DC-DC Converter
AM6Q-Z AIMTEC-AM6Q-Z Datasheet
261Kb / 3P
   6 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com