Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM8TW-Z Datasheet(PDF) 1 Page - AIMTEC

Part # AM8TW-Z
Description  8Watt | DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM8TW-Z Datasheet(HTML) 1 Page - AIMTEC

  AM8TW-Z_16 Datasheet HTML 1Page - AIMTEC AM8TW-Z_16 Datasheet HTML 2Page - AIMTEC AM8TW-Z_16 Datasheet HTML 3Page - AIMTEC AM8TW-Z_16 Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Series AM8TW-Z
8Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.F
1 of 4
North America only
FEATURES:
 Wide 4:1 input range
 Operating temperature -40oC to + 85oC
 Remote On/Off control
Input / Output Isolation 1600 & 3000VDC
 High efficiency up to 87%
Continuous short circuit protection
 Over Voltage/Overload Protection 
Under voltage lockout for 3000VDC models
Models
Single output
Model
Input
Voltage (V)
Output
Voltage
(V)
Output
Current max
(mA)
Isolation
(VDC)
Max
Capacitive
Load(uF)
Efficiency
(%)
AM8TW-2403SZ
9-36
3.3
2000
1600
1330
83
AM8TW-2405SZ
9-36
5
1500
1600
1330
86
AM8TW-2412SZ
9-36
12
665
1600
288
87
AM8TW-2415SZ
9-36
15
535
1600
200
87
AM8TW-4803SZ
18-75
3.3
2000
1600
1330
82
AM8TW-4805SZ
18-75
5
1500
1600
1330
86
AM8TW-4812SZ
18-75
12
665
1600
288
87
AM8TW-4815SZ
18-75
15
535
1600
200
87
AM8TW-2403SH30Z
13-70
3.3
2000
3000
1330
83
AM8TW-2405SH30Z
13-70
5
1500
3000
1330
86
AM8TW-2412SH30Z
13-70
12
665
3000
330
85
AM8TW-2415SH30Z
13-70
15
535
3000
220
86
AM8TW-11003SH30Z
42-176
3.3
2000
3000
1330
81
AM8TW-11005SH30Z
42-176
5
1500
3000
1330
84
AM8TW-11012SH30Z
42-176
12
665
3000
330
84
AM8TW-11015SH30Z
42-176
15
535
3000
220
83
Models
Dual output
Model
Input
Voltage (V)
Output
Voltage
(V)
Output Current
max (mA)
Isolation
(VDC)
Max
Capacitive
Load(uF)
Efficiency
(%)
AM8TW-2405DZ
9-36
±5
±800
1600
±900
84
AM8TW-2412DZ
9-36
±12
±335
1600
±133
86
AM8TW-2415DZ
9-36
±15
±265
1600
±90
87
AM8TW-4805DZ
18-75
±5
±800
1600
±900
84
AM8TW-4812DZ
18-75
±12
±335
1600
±133
87
AM8TW-4815DZ
18-75
±15
±265
1600
±90
87
AM8TW-2405DH30Z
13-70
±5
±800
3000
±900
83
AM8TW-2412DH30Z
13-70
±12
±335
3000
±220
85
AM8TW-2415DH30Z
13-70
±15
±265
3000
±100
86
AM8TW-11005DH30Z
42-176
±5
±800
3000
±900
80
AM8TW-11012DH30Z
42-176
±12
±335
3000
±220
82
AM8TW-11015DH30Z
42-176
±15
±265
3000
±100
83
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at
rated output load unless otherwise specified.
Click on Series name for product info on aimtec.com


Similar Part No. - AM8TW-Z_16

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM8TW-Z AIMTEC-AM8TW-Z_13 Datasheet
259Kb / 4P
   8Watt | DC-DC Converter
More results

Similar Description - AM8TW-Z_16

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM8TW-Z AIMTEC-AM8TW-Z Datasheet
386Kb / 4P
   8Watt | DC-DC Converter
AM8TW-Z AIMTEC-AM8TW-Z_13 Datasheet
259Kb / 4P
   8Watt | DC-DC Converter
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com