Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM40U-1205SAZ Datasheet(PDF) 3 Page - AIMTEC

Part # AM40U-1205SAZ
Description  40 Watt | DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM40U-1205SAZ Datasheet(HTML) 3 Page - AIMTEC

  AM40U-1205SAZ Datasheet HTML 1Page - AIMTEC AM40U-1205SAZ Datasheet HTML 2Page - AIMTEC AM40U-1205SAZ Datasheet HTML 3Page - AIMTEC AM40U-1205SAZ Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Series AM40U-AZ
40 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.G
3 of 4
North America only
EMC class B Recommended Circuit:
AM40U‐AZ
     
       L1
        10mH
        L1
          10mH
+Vin
    ‐Vin
+Vo
    ‐Vo
      CX
        0.68uF
      CX
        0.68uF
      CX
        0.68uF
Y1
2200pF
Y2
2200pF
Dimensions
50.80
(2.00)
1
2
3
4
5
6
7
Bottom View
45.72
(1.80)
Dimensions mm(inch)
Case Tolerance ±0.50 (±0.02)
Pin Pitch Tolerance ±0.35 (±0.014)
2.54
(0.10)
8
2.54
(0.1)
Ø 1.00
(0.04)
Printed Face
5.08
(0.20)


Similar Part No. - AM40U-1205SAZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM40U-1205SAZ AIMTEC-AM40U-1205SAZ Datasheet
305Kb / 3P
   40 Watt | DC-DC Converter
AM40U-1205SAZ AIMTEC-AM40U-1205SAZ Datasheet
407Kb / 3P
   40 Watt | DC-DC Converter
More results

Similar Description - AM40U-1205SAZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM40U-AZ AIMTEC-AM40U-AZ Datasheet
305Kb / 3P
   40 Watt | DC-DC Converter
AM40E-Z AIMTEC-AM40E-Z_16 Datasheet
533Kb / 7P
   40 Watt | DC-DC Converter
AM40W-NZ AIMTEC-AM40W-NZ Datasheet
143Kb / 3P
   40 Watt | DC-DC Converter
AM40U-AZ AIMTEC-AM40U-AZ_12 Datasheet
407Kb / 3P
   40 Watt | DC-DC Converter
AM40UW-Z AIMTEC-AM40UW-Z Datasheet
497Kb / 5P
   40 Watt | DC-DC Converter
AM40UW-Z AIMTEC-AM40UW-Z_16 Datasheet
485Kb / 5P
   40 Watt | DC-DC Converter
AM40U-AZ AIMTEC-AM40U-AZ_13 Datasheet
294Kb / 3P
   40 Watt | DC-DC Converter
AM40UW-Z AIMTEC-AM40UW-Z_13 Datasheet
481Kb / 5P
   40 Watt | DC-DC Converter
AM40E-Z AIMTEC-AM40E-Z Datasheet
506Kb / 7P
   40 Watt | DC-DC Converter
AM40E-Z AIMTEC-AM40E-Z_13 Datasheet
443Kb / 7P
   40 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com