Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM30EW-240515TZ Datasheet(PDF) 4 Page - AIMTEC

Part # AM30EW-240515TZ
Description  30 Watt | DC-DC Converter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM30EW-240515TZ Datasheet(HTML) 4 Page - AIMTEC

  AM30EW-240515TZ Datasheet HTML 1Page - AIMTEC AM30EW-240515TZ Datasheet HTML 2Page - AIMTEC AM30EW-240515TZ Datasheet HTML 3Page - AIMTEC AM30EW-240515TZ Datasheet HTML 4Page - AIMTEC AM30EW-240515TZ Datasheet HTML 5Page - AIMTEC AM30EW-240515TZ Datasheet HTML 6Page - AIMTEC AM30EW-240515TZ Datasheet HTML 7Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Series AM30EW-Z
30 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R11.K
4 of 7
North America only
Dimensions
1
2
3
2.54
(0.10)
50.80
(2.00)
Bottom View
2.54
(0.10)
Single and Dual Output Models
4
5
6
Notes:
All dimensions are typical in millimeters (inches).
Pin Pitch Tolerance ±0.35 (±0.014)
Case Tolerance ±0.50 (±0.02)
Diameter 1.00
(0.04)
Notes:
All dimensions are typical in millimeters (inches).
Pin Pitch Tolerance ±0.35 (±0.014)
Case Tolerance ±0.50 (±0.02)
1
2
3
2.54
(0.10)
50.80
(2.00)
Bottom View
2.54
(0.10)
Triple Output Models
4
5
6
7
Dimensions with Optional Heat Sink
Notes: Add “-K” suffix for ordering, heat sink is affixed with thermally dissipative adhesive tape.
See derating graph for temperature performance. Heat sink material is anodized (black) aluminum, adds weight 11.2g to
total mass (41.2g). Thermal impedance of converter is: with heat sink 10 /W and 12 /W without heat sink
SIDE
16.3
(0.64)
50.8
(2.0)
END
25.4
(1.0)


Similar Part No. - AM30EW-240515TZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM30EW-240515TZ AIMTEC-AM30EW-240515TZ Datasheet
464Kb / 6P
   30 Watt | DC-DC Converter
More results

Similar Description - AM30EW-240515TZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM30K-Z AIMTEC-AM30K-Z_16 Datasheet
400Kb / 4P
   30 Watt | DC-DC Converter
AM30K-NZ AIMTEC-AM30K-NZ Datasheet
373Kb / 3P
   30 Watt | DC-DC Converter
AM30K-IZ AIMTEC-AM30K-IZ_13 Datasheet
382Kb / 5P
   30 Watt | DC-DC Converter
AM30KW-IZ AIMTEC-AM30KW-IZ_13 Datasheet
496Kb / 5P
   30 Watt | DC-DC Converter
AM30EW-Z AIMTEC-AM30EW-Z Datasheet
464Kb / 6P
   30 Watt | DC-DC Converter
AM30K-Z AIMTEC-AM30K-Z Datasheet
445Kb / 4P
   30 Watt | DC-DC Converter
AM30K-NZ AIMTEC-AM30K-NZ_16 Datasheet
154Kb / 3P
   30 Watt | DC-DC Converter
AM30KW-I-Z AIMTEC-AM30KW-I-Z_16 Datasheet
500Kb / 5P
   30 Watt | DC-DC Converter
AM30K-IZ AIMTEC-AM30K-IZ Datasheet
512Kb / 5P
   30 Watt | DC-DC Converter
AM30KW-IZ AIMTEC-AM30KW-IZ Datasheet
456Kb / 5P
   30 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com