Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM30K-1205SH30IZ Datasheet(PDF) 2 Page - AIMTEC

Part # AM30K-1205SH30IZ
Description  30 Watt | DC-DC Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM30K-1205SH30IZ Datasheet(HTML) 2 Page - AIMTEC

  AM30K-1205SH30IZ Datasheet HTML 1Page - AIMTEC AM30K-1205SH30IZ Datasheet HTML 2Page - AIMTEC AM30K-1205SH30IZ Datasheet HTML 3Page - AIMTEC AM30K-1205SH30IZ Datasheet HTML 4Page - AIMTEC AM30K-1205SH30IZ Datasheet HTML 5Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Series AM30K-IZ
30 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R8.F
2 of 5
North America only
Models
Dual output (continued)
Model
Input
Voltage (V)
Output
Voltage
(V)
Output
Current max
(A)
Ripple & Noise
Typ.
Isolation
(VDC)
Efficiency
(%)
AM30K-4812DIZ
36-75
±12
±1.25
120 mV p-p
1500
88
AM30K-4815DIZ
36-75
±15
±1
150 mV p-p
1500
88
AM30K-1205DH30IZ
9-18
±5
±3
80 mV p-p
3000
81
AM30K-1212DH30IZ
9-18
±12
±1.25
120 mV p-p
3000
83
AM30K-1215DH30IZ
9-18
±15
±1
150 mV p-p
3000
83
AM30K-2405DH30IZ
18-36
±5
±3
80 mV p-p
3000
83
AM30K-2412DH30IZ
18-36
±12
±1.25
120 mV p-p
3000
85
AM30K-2415DH30IZ
18-36
±15
±1
150 mV p-p
3000
85
AM30K-4805DH30IZ
36-75
±5
±3
80 mV p-p
3000
84
AM30K-4812DH30IZ
36-75
±12
±1.25
120 mV p-p
3000
85
AM30K-4815DH30IZ
36-75
±15
±1
150 mV p-p
3000
85
Input Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage range
12
9-18
VDC
24
18-36
48
36-75
Filter
 (Pi) Network
Recommended input fuse (Slow Blow)
12 Vin
8A/250V
24 Vin
4A/250V
48 Vin
2A/250V
Remote On/Off Control
On
3.5 to 12VDC or open circuit
Off
0 to 1.2VDC or short circuit between pin 2 and 4; typical idle current 3mA
Absolute Maximum Rating
12 Vin
20
VDC
24 Vin
40
48 Vin
80
Permissible absolute maximum duration
2
hours
Isolation Specifications
Parameters
Conditions
Typical
Maximum
Units
Tested I/O voltage
3 sec
1500 & 3000
VDC
Resistance
> 1000
MOhm
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
±2
%
Short Circuit protection
Continuous
Short Circuit restart
Auto recovery
Over load protection
Auto recovery works at 110% of rated output
Over voltage protection
Zener diode clamp protection
Line voltage regulation (Single)
HL-LL
±0.5
%
Line voltage regulation (Dual)
HL-LL
±0.5
%
Load voltage regulation (Single)
25-100%
±0.5
%
Load voltage regulation (Dual)
25-100%
±2
%
Temperature coefficient
±0.05
%/
oC
Voltage adjustment range
±10
%
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
100% load
250
KHz
Operating temperature
With derating above 70ºC
-40 to +85
oC
Storage temperature
-55 to +105
oC
Maximum case temperature
95
oC
Thermal shutdown
+105
+115
oC


Similar Part No. - AM30K-1205SH30IZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM30K-1205SH30IZ AIMTEC-AM30K-1205SH30IZ Datasheet
512Kb / 5P
   30 Watt | DC-DC Converter
More results

Similar Description - AM30K-1205SH30IZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM30K-Z AIMTEC-AM30K-Z_16 Datasheet
400Kb / 4P
   30 Watt | DC-DC Converter
AM30K-NZ AIMTEC-AM30K-NZ Datasheet
373Kb / 3P
   30 Watt | DC-DC Converter
AM30K-IZ AIMTEC-AM30K-IZ_13 Datasheet
382Kb / 5P
   30 Watt | DC-DC Converter
AM30KW-IZ AIMTEC-AM30KW-IZ_13 Datasheet
496Kb / 5P
   30 Watt | DC-DC Converter
AM30EW-Z AIMTEC-AM30EW-Z Datasheet
464Kb / 6P
   30 Watt | DC-DC Converter
AM30K-Z AIMTEC-AM30K-Z Datasheet
445Kb / 4P
   30 Watt | DC-DC Converter
AM30K-NZ AIMTEC-AM30K-NZ_16 Datasheet
154Kb / 3P
   30 Watt | DC-DC Converter
AM30EW-Z AIMTEC-AM30EW-Z_16 Datasheet
367Kb / 7P
   30 Watt | DC-DC Converter
AM30KW-I-Z AIMTEC-AM30KW-I-Z_16 Datasheet
500Kb / 5P
   30 Watt | DC-DC Converter
AM30K-IZ AIMTEC-AM30K-IZ Datasheet
512Kb / 5P
   30 Watt | DC-DC Converter
AM30KW-IZ AIMTEC-AM30KW-IZ Datasheet
456Kb / 5P
   30 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com