Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM30E-2412DZ Datasheet(PDF) 3 Page - AIMTEC

Part # AM30E-2412DZ
Description  30Watt | DC-DC Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM30E-2412DZ Datasheet(HTML) 3 Page - AIMTEC

  AM30E-2412DZ Datasheet HTML 1Page - AIMTEC AM30E-2412DZ Datasheet HTML 2Page - AIMTEC AM30E-2412DZ Datasheet HTML 3Page - AIMTEC AM30E-2412DZ Datasheet HTML 4Page - AIMTEC AM30E-2412DZ Datasheet HTML 5Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Series AM30E-Z
30Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.E
3 of 5
North America only
Safety Specifications (continued)
Parameters
IEC61000-4-5, Perf. Criteria A (external 220uF/100V cap required)
IEC61000-4-6, Perf. Criteria A
IEC61000-4-8, Perf. Criteria A
NOTE: also designed to meet IEC/EN 60950-1
Pin Out Specifications
Pin
Single
Dual
1
+ V Input
+ V Input
2
- V Input
- V Input
3
On/Off Control On/Off Control
4
+ V Output
+ V Output
5
-V Output
Common
6
Trim
- V Output
Dimensions
1
2
3
2.54
(0.10)
50.80
(2.00)
Bottom View
2.54
(0.10)
Single and Dual Output Models
4
5
6
Notes:
All dimensions are typical in millimeters (inches).
Pin Pitch Tolerance ±0.35 (±0.014)
Case Tolerance ±0.50 (±0.02)
Diameter 1.00
(0.04)
Dimensions with Optional Heat Sink
Notes: Add “-K” suffix for ordering, heat sink is affixed with thermally dissipative adhesive tape.
See derating graph for temperature performance. Heat sink material is anodized (black) aluminum, adds weight 11.2g to
total mass (42.2g). Thermal impedance of converter is: with heat sink 10 /W and 12 /W without heat sink.
SIDE
16.3
(0.64)
50.8
(2.0)
END
25.4
(1.0)


Similar Part No. - AM30E-2412DZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM30E-2412DZ AIMTEC-AM30E-2412DZ Datasheet
310Kb / 4P
   30Watt | DC-DC Converter
More results

Similar Description - AM30E-2412DZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM30E-Z AIMTEC-AM30E-Z Datasheet
310Kb / 4P
   30Watt | DC-DC Converter
AM30E-Z AIMTEC-AM30E-Z_13 Datasheet
401Kb / 5P
   30Watt | DC-DC Converter
logo
CINCON ELECTRONICS Corp...
EC6C CINCON-EC6C Datasheet
371Kb / 2P
   25 - 30WATT 2:1 INPUT DC-DC CONVERTERS
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com