Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM40U-2405SAZ Datasheet(PDF) 1 Page - AIMTEC

Part # AM40U-2405SAZ
Description  40 Watt | DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM40U-2405SAZ Datasheet(HTML) 1 Page - AIMTEC

  AM40U-2405SAZ Datasheet HTML 1Page - AIMTEC AM40U-2405SAZ Datasheet HTML 2Page - AIMTEC AM40U-2405SAZ Datasheet HTML 3Page - AIMTEC AM40U-2405SAZ Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Series AM40U-AZ
40 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.G
1 of 4
North America only
FEATURES:
 Wide Input 2:1 Range
Adjustable Output Voltage
 Full Internal SMD Technology 
Remote ON/OFF Function
 1600 VDC Isolation
Over Load, Voltage & Short Circuit Protection
 Efficiency up to 89%
Operating temperature -40oC to + 85oC
Models
Single output
Model
Input Voltage
(V)
Output Voltage
(V)
Output Current
max
(A)
Isolation
(VDC)
Efficiency
(%)
AM40U-1203SAZ
9-18
3.3
8
1600
85
AM40U-1205SAZ
9-18
5
8
1600
86
AM40U-1212SAZ
9-18
12
3.3
1600
86
AM40U-1215SAZ
9-18
15
2.6
1600
87
AM40U-2403SAZ
18-36
3.3
8
1600
86
AM40U-2405SAZ
18-36
5
8
1600
88
AM40U-2412SAZ
18-36
12
3.3
1600
88
AM40U-2415SAZ
18-36
15
2.6
1600
89
AM40U-4803SAZ
36-75
3.3
8
1600
87
AM40U-4805SAZ
36-75
5
8
1600
88
AM40U-4812SAZ
36-75
12
3.3
1600
89
AM40U-4815SAZ
36-75
15
2.6
1600
89
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at
rated output load unless otherwise specified.
Input Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage range
12
9-18
VDC
24
18-36
48
36-75
Filter
π(Pi) Network
Start up time
25
ms
Absolute Maximum Rating
12
36
VDC
24
50
48
100
Peak Input Voltage time
100
ms
Input reflected ripple current
20
mA p-p
Remote CNTL (ON/OFF)
ON – Open or without any connection or 3.5V ≤ 12V
OFF- Short to input ground or 0V
1.2V
Isolation Specifications
Parameters
Conditions
Typical
Rated
Units
Tested I/O voltage
3 sec
1600
VDC
Resistance
>1000
MOhm
Capacitance
220
pF
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
±2
%
Over voltage protection
Zener Diode Clamp
Over load protection
Foldback
135~150
%
Short Circuit protection
Continuous
Short circuit restart
Auto-Restart
Thermal shutdown
On Case
110
ºC
Click on Series name for product info on aimtec.com


Similar Part No. - AM40U-2405SAZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM40U-2405SAZ AIMTEC-AM40U-2405SAZ Datasheet
305Kb / 3P
   40 Watt | DC-DC Converter
AM40U-2405SAZ AIMTEC-AM40U-2405SAZ Datasheet
407Kb / 3P
   40 Watt | DC-DC Converter
More results

Similar Description - AM40U-2405SAZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM40U-AZ AIMTEC-AM40U-AZ Datasheet
305Kb / 3P
   40 Watt | DC-DC Converter
AM40E-Z AIMTEC-AM40E-Z_16 Datasheet
533Kb / 7P
   40 Watt | DC-DC Converter
AM40W-NZ AIMTEC-AM40W-NZ Datasheet
143Kb / 3P
   40 Watt | DC-DC Converter
AM40U-AZ AIMTEC-AM40U-AZ_12 Datasheet
407Kb / 3P
   40 Watt | DC-DC Converter
AM40UW-Z AIMTEC-AM40UW-Z Datasheet
497Kb / 5P
   40 Watt | DC-DC Converter
AM40UW-Z AIMTEC-AM40UW-Z_16 Datasheet
485Kb / 5P
   40 Watt | DC-DC Converter
AM40U-AZ AIMTEC-AM40U-AZ_13 Datasheet
294Kb / 3P
   40 Watt | DC-DC Converter
AM40UW-Z AIMTEC-AM40UW-Z_13 Datasheet
481Kb / 5P
   40 Watt | DC-DC Converter
AM40E-Z AIMTEC-AM40E-Z Datasheet
506Kb / 7P
   40 Watt | DC-DC Converter
AM40E-Z AIMTEC-AM40E-Z_13 Datasheet
443Kb / 7P
   40 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com