Electronic Components Datasheet Search |
|
AM30KW-2405SH30IZ Datasheet(PDF) 2 Page - AIMTEC |
|
AM30KW-2405SH30IZ Datasheet(HTML) 2 Page - AIMTEC |
2 / 5 page Series AM30KW-IZ 30 Watt | DC-DC Converter www.aimtec.com Tel: +1 514 620 2722 Toll free: + 1 888 9 AIMTEC (924 6832) F 051e R12 2 of 5 North America only Input Specifications Parameters Nominal Typical Maximum Units Voltage range 24 9-36 VDC 48 18-75 Filter (Pi) Network Start up time ms Recommended input fuse (Slow Blow) 24 4A/250V 48 2A/250V Absolute Maximum Rating 24 50 VDC 48 100 Peak Input Voltage time ms On/Off control ON –TTL High or Open ; OFF – TTL Low or Short No Load Input Current mA Isolation Specifications Parameters Conditions Typical Maximum Units Tested I/O voltage 3 sec 1500 & 3000 VDC Resistance 500VDC >1000 MOhm Output Specifications Parameters Conditions Typical Maximum Units Voltage accuracy ±2 % Over voltage Protection Zener diode clamp Over current protection >110 % Short Circuit protection Continuous Short circuit restart Auto Recovery Line voltage regulation HL-LL ±0.5 % of Vin Load voltage regulation (Single) 25-100% ±0.5 % Load voltage regulation (Dual) 25-100% ±1 % Temperature coefficient ±0.05 %/ oC Ripple & Noise 20MHz Bandwidth 150 mV p-p Voltage adjustment range ±10 % Minimum Load Current 25 % of Max General Specifications Parameters Conditions Typical Maximum Units Switching frequency 100% load 250 KHz Operating temperature With derating above 70ºC -40 to +85 oC Storage temperature -55 to +105 oC Maximum case temperature 100 oC Cooling Free Air Convection Humidity 95 % RH Case material Nickel coated copper with non-conductive base Weight 50 g Dimensions (L x W x H) 2.00 x 1.60 x 0.40 inches 50.80 x 40.60 x 10.20 mm MTBF > 550 000 hrs (MIL-HDBK -217F, Ground Benign, t=+25 oC) Maximum soldering temperature oC Transient recovery time 25% step change 280 uS Transient recovery deviation mS Safety Specifications Parameters Agency approvals CE Standards EN 55022, EN 55024 class A |
Similar Part No. - AM30KW-2405SH30IZ |
|
Similar Description - AM30KW-2405SH30IZ |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |