Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME1-12SBAZ Datasheet(PDF) 1 Page - AIMTEC

Part # AME1-12SBAZ
Description  1Watt | AC-DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AME1-12SBAZ Datasheet(HTML) 1 Page - AIMTEC

  AME1-12SBAZ Datasheet HTML 1Page - AIMTEC AME1-12SBAZ Datasheet HTML 2Page - AIMTEC AME1-12SBAZ Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Series AME1-AZ
1Watt | AC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052e R8.H
1 of 3
North America only
FEATURES:
Models
Single output
Model
Input
Voltage
(VAC/Hz)
Input
Voltage
(VDC)
Temperature
range
(ºC)
Output
Voltage
(V)
Output
Current max
(mA)
Maximum
capacitive
Load
(µF)
Efficiency
(%)
115
VAC
230
VAC
277
VAC
480
VAC
AME1-3.3SAZ
90-305/47-440
130-430
-40 to +80
3.3
300
2200
62
59
58
AME1-5SAZ
90-305/47-440
130-430
-40 to +80
5
200
1100
58
57
56
AME1-12SAZ
90-305/47-440
130-430
-40 to +80
12
83
680
73
68
65
AME1-15SAZ
90-305/47-440
130-430
-40 to +80
15
67
560
77
68
70
AME1-24SAZ
90-305/47-440
130-430
-40 to +80
24
42
470
79
79
77
AME1-3.3SBAZ
90-528/47-440
130-745
-40 to +80
3.3
300
2200
51
51
50
44
AME1-5SBAZ
90-528/47-440
130-745
-40 to +80
5
200
1100
57
57
56
50
AME1-12SBAZ
90-528/47-440
130-745
-40 to +80
12
83
680
62
62
60
51
AME1-15SBAZ
90-528/47-440
130-745
-40 to +80
15
67
560
61
59
58
50
AME1-24SBAZ
90-528/47-440
130-745
-40 to +80
24
42
470
58
58
56
48
Input Specifications
Parameters
Conditions
Typical
Maximum
Units
Current (full load)
115 VAC
25
mA
230 VAC
20
mA
277 VAC
15
mA
480VAC
5
mA
Inrush current <2ms (cold start)
115 VAC
10
A
230 VAC
15
A
277 VAC
20
A
480 VAC
30
A
Leakage current
0.15
mA
External fuse
Recommended slow blow type
1
A
Input Dissipation (No Load)
0.3
W
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
Full load (typical)*
±5
%
Line regulation
LL-HL, Full Load
±1.5
%
Load regulation (single output)
0-100% load (typical)*
±5
%
Transient Recovery Time
200
µs
Transient Response Deviation
25% load step
±2
% of Vout
Minimum load
0
%
Ripple & Noise
3.3/5 VDC With 560µF E/C
200
mV p-p
12/15 VDC With 220µF E/C
400
mV p-p
24 VDC With 220µF E/C
500
mV p-p
*Ripple &Noise measured at 20MHz bandwidth with 0.1µF and 115/230/277/480 VAC (Typical input) with Full Load.
Isolation Specifications
Parameters
Conditions
Typical
Rated
Units
Tested I/O voltage
60 sec
3000
VAC
Isolation Resistance
>1000
MΩ
 I/O Isolation 3000VAC
 RoHS compliant
 Operating Temp: -40°C to +80°C
 Input: 90-305VAC, 47-440Hz, or 130-430 VDC
 Optional 90-528VAC, 47-440Hz, or 130-745 VDC
 Energy Star compliant
 Ultra small package
 Over load, Short Circuit Protection
Click on Series name for product info on aimtec.com


Similar Part No. - AME1-12SBAZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AME1-12SBAZ AIMTEC-AME1-12SBAZ Datasheet
444Kb / 3P
   AC-DC Converter
More results

Similar Description - AME1-12SBAZ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UM0100 ETC1-UM0100 Datasheet
96Kb / 2P
   1Watt DC-DC Converters
logo
CET Technology, LLC
CT-13DS4 CETTECHNOLOGY-CT-13DS4 Datasheet
288Kb / 2P
   1000Vdc Isolation Single & Dual Output 1watt Dc-Dc Converter
logo
Intronics Power, Inc.
B100 INTRONICS-B100 Datasheet
189Kb / 2P
   1WATT DC-DC CONVERTERS
logo
CINCON ELECTRONICS Corp...
EC1SAN CINCON-EC1SAN Datasheet
250Kb / 2P
   1WATT, UNREGULATED OUTPUT DC-DC CONVERTERS
logo
AIMTEC
AME15-MJZ AIMTEC-AME15-MJZ Datasheet
505Kb / 3P
   AC-DC / DC-DC Converter
AME20-VZ AIMTEC-AME20-VZ Datasheet
550Kb / 5P
   AC-DC / DC-DC Converter
logo
Rohm
BP5034D5 ROHM-BP5034D5 Datasheet
37Kb / 3P
   AC/DC converter
BP5037B12 ROHM-BP5037B12 Datasheet
37Kb / 2P
   AC/DC converter
logo
MORNSUN Science& Techno...
LN01-12B05 MORNSUN-LN01-12B05_15 Datasheet
221Kb / 5P
   AC/DC converter
logo
CUI INC
FSC-S30 CUI-FSC-S30_10 Datasheet
369Kb / 3P
   ac-dc converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com