Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME3-12SBAZ Datasheet(PDF) 3 Page - AIMTEC

Part # AME3-12SBAZ
Description  3Watt | AC-DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AME3-12SBAZ Datasheet(HTML) 3 Page - AIMTEC

  AME3-12SBAZ Datasheet HTML 1Page - AIMTEC AME3-12SBAZ Datasheet HTML 2Page - AIMTEC AME3-12SBAZ Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Series AME3-AZ
3Watt | AC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052e R8.I
3 of 3
North America only
Derating
Derating at 50°C for AME3-xxSBAZ models
Derating at 55°C for AME3-xxSAZ models
Dimensions
35.60
(1.40)
15.24
(0.60)
28.00
(1.10)
19.32
(0.76)
6.00
(0.24)
Dimensions mm (inch)
Case Tolerance ±0.50 (±0.02)
Pin Diameter ±0.05 (±0.002)
Pin Pitch Tolerance ±0.50 (±0.02)
0.60
(0.02)
ew
easuringpoint
4
2
(0.65)
1
Top Vi
Te mperat urem
3
11.655
(0.46)
DIV: 5.00(0.20)
Ø
10.0 ( Ø 0.40)
Ø
0.60 ( Ø 0.02)
1
3
Top View
4
2
7.60
23.31
(0.92)
(0.29)
Side View
  
 
NOTE: 1. Datasheets are updated as needed and as such, specifications are subject to change without notice. Once printed or downloaded, datasheets are no longer controlled
by Aimtec; refer to www.aimtec.com for the most current product specifications. 2. Product labels shown, including safety agency certifications on labels, may vary based on the
date manufactured. 3. Mechanical drawings and specifications are for reference only. 4. All specifications are measured at an ambient temperature of 25°C, humidity<75%,
nominal input voltage and at rated output load unless otherwise specified. 5. Aimtec may not have conducted destructive testing or chemical analysis on all internal components
and chemicals at the time of publishing this document. CAS numbers and other limited information are considered proprietary and may not be available for release. 6. This
product is not designed for use in critical life support systems, equipment used in hazardous environments, nuclear control systems or other such applications which necessitate
specific safety and regulatory standards other the ones listed in this datasheet. 7. Warranty is in accordance with Aimtec’s standard Terms of Sale available at www.aimtec.com.


Similar Part No. - AME3-12SBAZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AME3-12SBAZ AIMTEC-AME3-12SBAZ Datasheet
450Kb / 3P
   AC-DC Converter
AME3-12SBAZ AIMTEC-AME3-12SBAZ Datasheet
207Kb / 3P
   Over load, Short Circuit Protection
More results

Similar Description - AME3-12SBAZ

ManufacturerPart #DatasheetDescription
logo
GAPTEC Electronic GmbH ...
3ACFEW GAPTEC-3ACFEW Datasheet
690Kb / 6P
   3Watt - AC-DC converter
3ACEW GAPTEC-3ACEW Datasheet
647Kb / 4P
   3Watt - AC-DC converter
logo
Astrodyne Corporation
OBH ASTRODYNE-OBH Datasheet
2Mb / 10P
   3WATT DC CONVERTER
logo
AIMTEC
AME15-MJZ AIMTEC-AME15-MJZ Datasheet
505Kb / 3P
   AC-DC / DC-DC Converter
AME20-VZ AIMTEC-AME20-VZ Datasheet
550Kb / 5P
   AC-DC / DC-DC Converter
logo
Rohm
BP5034D5 ROHM-BP5034D5 Datasheet
37Kb / 3P
   AC/DC converter
BP5037B12 ROHM-BP5037B12 Datasheet
37Kb / 2P
   AC/DC converter
logo
MORNSUN Science& Techno...
LN01-12B05 MORNSUN-LN01-12B05_15 Datasheet
221Kb / 5P
   AC/DC converter
logo
CUI INC
FSC-S30 CUI-FSC-S30_10 Datasheet
369Kb / 3P
   ac-dc converter
logo
Rohm
BP5075-5 ROHM-BP5075-5 Datasheet
485Kb / 3P
   AC/DC converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com