Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMEC40-5SMAZ Datasheet(PDF) 3 Page - AIMTEC

Part # AMEC40-5SMAZ
Description  40 Watt | AC-DC / DC-DC Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMEC40-5SMAZ Datasheet(HTML) 3 Page - AIMTEC

  AMEC40-5SMAZ Datasheet HTML 1Page - AIMTEC AMEC40-5SMAZ Datasheet HTML 2Page - AIMTEC AMEC40-5SMAZ Datasheet HTML 3Page - AIMTEC AMEC40-5SMAZ Datasheet HTML 4Page - AIMTEC AMEC40-5SMAZ Datasheet HTML 5Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Series AMEC40-MAZ
40 Watt | AC-DC / DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052e R7.R
3 of 5
North America only
Pin Out Specifications
Pin
Single
Dual
1
AC Input (L)
AC Input (L)
2
AC Input (N)
AC Input (N)
3
+V Output
+V Output
4
-V Output
Common
5
N.C.
Common
6
N.C.
-V Output
N.C.: Not Connected
Dimensions


Similar Part No. - AMEC40-5SMAZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEC40-5SMAZ AIMTEC-AMEC40-5SMAZ Datasheet
482Kb / 4P
   40 Watt | AC-DC Converter
AMEC40-5SMAZ AIMTEC-AMEC40-5SMAZ Datasheet
590Kb / 4P
   40 Watt | AC-DC Converter
AMEC40-5SMAZ AIMTEC-AMEC40-5SMAZ Datasheet
209Kb / 4P
   40 Watt | AC-DC / DC-DC Converter
AMEC40-5SMAZ AIMTEC-AMEC40-5SMAZ Datasheet
574Kb / 5P
   40 Watt | AC-DC / DC-DC Converter
More results

Similar Description - AMEC40-5SMAZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AME40-MAZ AIMTEC-AME40-MAZ_16 Datasheet
679Kb / 4P
   40 Watt | AC-DC / DC-DC Converter
AME40-MAZ AIMTEC-AME40-MAZ_12 Datasheet
411Kb / 3P
   40 Watt | AC-DC / DC-DC Converter
AMEC40-MAZ AIMTEC-AMEC40-MAZ_12 Datasheet
209Kb / 4P
   40 Watt | AC-DC / DC-DC Converter
AMES40-MAZ AIMTEC-AMES40-MAZ_12 Datasheet
246Kb / 4P
   40 Watt | AC-DC / DC-DC Converter
AMEC40-MAZ AIMTEC-AMEC40-MAZ_13 Datasheet
437Kb / 4P
   40 Watt | AC-DC / DC-DC Converter
AMEOC40-MAZ AIMTEC-AMEOC40-MAZ_13 Datasheet
380Kb / 4P
   40 Watt | AC-DC / DC-DC Converter
AMEOC40-MAZ AIMTEC-AMEOC40-MAZ_16 Datasheet
214Kb / 4P
   40 Watt | AC-DC / DC-DC Converter
AMES40-MAZ AIMTEC-AMES40-MAZ_13 Datasheet
462Kb / 4P
   40 Watt | AC-DC / DC-DC Converter
AME40-MAZ-1 AIMTEC-AME40-MAZ-1_16 Datasheet
679Kb / 4P
   40 Watt | AC-DC / DC-DC Converter
AMES40-MAZ AIMTEC-AMES40-MAZ_16 Datasheet
493Kb / 5P
   40 Watt | AC-DC / DC-DC Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com