Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMEL20-5SAZ Datasheet(PDF) 1 Page - AIMTEC

Part # AMEL20-5SAZ
Description  20 Watt | AC-DC / DC-DC Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMEL20-5SAZ Datasheet(HTML) 1 Page - AIMTEC

  AMEL20-5SAZ Datasheet HTML 1Page - AIMTEC AMEL20-5SAZ Datasheet HTML 2Page - AIMTEC AMEL20-5SAZ Datasheet HTML 3Page - AIMTEC AMEL20-5SAZ Datasheet HTML 4Page - AIMTEC AMEL20-5SAZ Datasheet HTML 5Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Series AMEL20-AZ
20 Watt | AC-DC / DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052e R8.H
1 of 5
North America only
FEATURES:
Models
Single output
Model
Input Voltage
(VAC/Hz)
Input
Voltage
(VDC)
Max
Output
wattage
(W)
Output
Voltage(V)
Output
Current
max (A)
Maximum
capacitive
load (µF)
Efficiency
(%)
115
VAC
230
VAC
277
VAC
AMEL20-3.3SAZ
90-305/47-440
130-430
13.2
3.3
4
5600
73
73
72
AMEL20-5SAZ
90-305/47-440
130-430
20
5
4
4700
77
77
76
AMEL20-12SAZ
90-305/47-440
130-430
20
12
1.66
3300
80
80
80
AMEL20-15SAZ
90-305/47-440
130-430
20
15
1.33
2200
81
80
80
AMEL20-24SAZ
90-305/47-440
130-430
20
24
0.84
1000
79
80
79
Note: Optional mounting plate version can be order by adding “-ST” suffix to part number (ex. AMEL20-5SMAZ-ST)
Input Specifications
Parameters
Conditions
Typical
Maximum
Units
Current (full load)
115 VAC
460
mA
230 VAC
290
mA
277 VAC
260
mA
Inrush current <2ms (cold start)
115 VAC
30
A
230 VAC
50
A
277 VAC
55
A
Leakage current
0.25
mA
External fuse
Recommended slow blow type
1.5
A
Input dissipation
(115/230/277 VAC)
0.5
W
Start-up time
150
ms
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
±2
%
Line regulation
(LL-HL)
±1
%
Load regulation
0-100% load
±2
%
Transient recovery time
500
µs
Transient response deviation
25% load step
±2
% of Vout
Ripple & Noise*
200
mV p-p
Hold-up time
10
ms
*Ripple and Noise are measured at 20MHz bandwidth by using a 0.1μF (M/C) and 47µF (E/C) parallel capacitor.
Isolation Specifications
Parameters
Conditions
Typical
Rated
Units
Tested I/O voltage
60 sec
3000
VAC
Isolation resistance
>1000
MΩ
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
65
KHz
Over load protection
Foldback
130
%
Over voltage protection
Zener Diode Clamp
 I/O Isolation 3000VAC
 Energy Star compliant
 Operating Temp: -40 oC to +80 oC
 Ultra small package
 Over load and, Over Voltage Protection
 Input: 90-305VAC, 47-440Hz, or 130-430VDC
 Up to 81% efficiency
 Short Circuit Protection
Click on Series name for product info on aimtec.com
CB 


Similar Part No. - AMEL20-5SAZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEL20-5SAZ AIMTEC-AMEL20-5SAZ Datasheet
337Kb / 3P
   20 Watt | AC-DC Converter
More results

Similar Description - AMEL20-5SAZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEL20-MAZ AIMTEC-AMEL20-MAZ_12 Datasheet
534Kb / 4P
   20 Watt | AC-DC / DC-DC Converter
AMEL20-AZ AIMTEC-AMEL20-AZ_13 Datasheet
753Kb / 3P
   20 Watt | AC-DC / DC-DC Converter
AMEL20-MAZ AIMTEC-AMEL20-MAZ_13 Datasheet
428Kb / 4P
   20 Watt | AC-DC / DC-DC Converter
AME20-CJZ AIMTEC-AME20-CJZ Datasheet
217Kb / 7P
   20 Watt | AC-DC / DC-DC Converter
AME20-JZ AIMTEC-AME20-JZ Datasheet
218Kb / 5P
   20 Watt | AC-DC / DC-DC Converter
AMEL20-MAZ AIMTEC-AMEL20-MAZ_16 Datasheet
650Kb / 6P
   20 Watt | AC-DC / DC-DC Converter
AMEL20-MAZ AIMTEC-AMEL20-MAZ Datasheet
292Kb / 4P
   20 Watt | AC-DC Converter
logo
STMicroelectronics
GS20AC-12 STMICROELECTRONICS-GS20AC-12 Datasheet
55Kb / 3P
   20 WATT AC-DC CONVERTER
February 1994
logo
AIMTEC
AMEL20-AZ AIMTEC-AMEL20-AZ Datasheet
337Kb / 3P
   20 Watt | AC-DC Converter
AM20E-Z AIMTEC-AM20E-Z_16 Datasheet
423Kb / 5P
   20 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com