Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

632P563X9400 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 632P563X9400
Description  Film Capacitors Metalized Polycarbonate, Wrap-and-Fill
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

632P563X9400 Datasheet(HTML) 1 Page - Vishay Siliconix

  632P563X9400 Datasheet HTML 1Page - Vishay Siliconix 632P563X9400 Datasheet HTML 2Page - Vishay Siliconix 632P563X9400 Datasheet HTML 3Page - Vishay Siliconix 632P563X9400 Datasheet HTML 4Page - Vishay Siliconix 632P563X9400 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.vishay.com
83
Type 632P
Vishay Sprague
Document Number: 42028
Revision 04-Dec-03
For technical questions, contact spresale@vishay.com
* Leads to be within ± 0.062" [1.57mm] of center line at egress but not less than 0.031" [0.79mm] from edge.
FEATURES
• Superior performance
• High efficiency
• High stability
• High reliability
• Rugged construction
• Small size
DC Life Test: 140% of rated voltage for 250 hours
@ + 125°C. No open or short circuits. No visible damage.
Maximum ∆ CAP ± 5%.
Minimum IR = 30% of initial limit.
Maximum DF = 0.5%.
Humidity Test: 95% relative humidity @ + 40°C for
240 hours. No visible damage.
Maximum ∆ CAP ± 5%.
Minimum IR = 50% of initial limit.
Maximum DF = 0.5%.
PERFORMANCE CHARACTERISTICS
Operating Temperature: - 55°C to + 125°C.
Capacitance Range: 0.001µF to 10.0µF.
Capacitance Tolerance: ± 10%, ± 5%, ± 2%.
DC Voltage Rating: 50 WVDC to 400 WVDC.
AC Voltage Rating: See AC Voltage Rating table.
Dissipation Factor: 0.25% maximum.
Voltage Test: 200% of rated voltage for 1 minute.
Insulation Resistance:
At + 25°C: 50,000 Megohm - Microfarads,
or 100,000 Megohm minimum.
At + 85°C: 2,000 Megohm - Microfarads,
or 4000 Megohm minimum.
At + 125°C: 250 Megohm - Microfarads
or 500 Megohm minimum
Vibration Test (Condition D): No mechanical damage.
No short, open or intermittent circuits.
PHYSICAL CHARACTERISTICS
Lead Pull: 5 pounds (2.3 kilograms) for one minute.
No physical damage.
Lead Bend: After three complete consecutive bends,
no damage.
Marking: Sprague® trademark, type or part number,
capacitance and voltage.
DIMENSIONS in inches [millimeters]
AC VOLTAGE RATING (- 55°C to + 105°C Ambient)
L
± 0.040 [1.02]
1.625
[41.27]
Min.
1.625
[41.27]
Min.
Solid Tinned Wire*
D
Max.
DC VOLTAGE RATING
50
100
200
400
(0.33µF through 5.6µF)
(6.8µF through 10.0µF)
(0.15µF through 5.0µF)
(6.8µF through 12.0µF)
(0.056µF through 2.0µF)
(2.2µF through 5.0µF)
(0.022µF through 1.2µF)
(1.5µF through 2.0µF)
400Hz
25.0
20.0
65.0
40.0
120.0
95.0
200.0
165.0
800Hz
20.0
18.0
45.0
30.0
85.0
65.0
140.0
110.0
1200Hz
15.0
12.0
35.0
25.0
65.0
55.0
115.0
90.0
1600Hz
12.0
10.0
30.0
20.0
55.0
45.0
100.0
80.0
2000Hz
10.0
8.0
25.0
18.0
50.0
40.0
90.0
70.0
EQUIVALENT VAC rms RATINGS @
Film Capacitors
Metalized Polycarbonate, Wrap-and-Fill


Similar Part No. - 632P563X9400

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
632 CTS-632 Datasheet
148Kb / 4P
   HCMOS/TTL CLOCK OSCILLATOR
logo
Oscilent Corporation
632 OSCILENT-632 Datasheet
141Kb / 2P
   Low Frequencies
logo
EDAC, All Rights Reserv...
632-015-266-031 EDAC-632-015-266-031 Datasheet
405Kb / 2P
   632 Series D-Sub Connectors | High Density Three Contact Rows with .121"(3.08mm) Footprint RightAngle Bend | Receptacle
logo
List of Unclassifed Man...
632-015-266-032 ETC2-632-015-266-032 Datasheet
560Kb / 3P
   High-density there contact rows with 125 footprint right angle bend
logo
EDAC, All Rights Reserv...
632-015-266-032 EDAC-632-015-266-032 Datasheet
405Kb / 2P
   632 Series D-Sub Connectors | High Density Three Contact Rows with .121"(3.08mm) Footprint RightAngle Bend | Receptacle
More results

Similar Description - 632P563X9400

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
430P VISHAY-430P Datasheet
47Kb / 3P
   Metalized Polyester Film Capacitors Wrap-and-Fill
Revision 13-Nov-03
732P VISHAY-732P Datasheet
40Kb / 1P
   Film Capacitors Metalized Polypropylene, Wrap-and-Fill
Revision 17-Nov-03
735P VISHAY-735P Datasheet
81Kb / 3P
   Film Capacitors High Current, Wrap-and-Fill, Metalized Polypropylene
Revision 17-Nov-03
V-430P VISHAY-V-430P Datasheet
70Kb / 4P
   Metallized Polyester Film Capacitors, Wrap-and-Fill
Revision: 12-Mar-09
730P224X9100 VISHAY-730P224X9100 Datasheet
81Kb / 4P
   Film Capacitors High Frequency, Wrap-and-Fill, Metallized Polypropylene
Revision: 07-Feb-07
V-730P VISHAY-V-730P Datasheet
173Kb / 4P
   Film Capacitors High Frequency, Wrap-and-Fill, Metallized Polypropylene
Revision: 16-Nov-07
V-735P VISHAY-V-735P Datasheet
77Kb / 3P
   Film Capacitors, High Current, Wrap-and-Fill, Metallized Polypropylene
Revision: 12-Mar-09
logo
Surge Components
SAM SURGE-SAM Datasheet
134Kb / 1P
   WRAP AND FILL, NON-INDUCTIVE, METALLIZED FILM
SAMR SURGE-SAMR Datasheet
142Kb / 1P
   WRAP AND FILL, NON-INDUCTIVE, METALLIZED FILM CAPACITORS, AXIAL LEAD
SAPR SURGE-SAPR Datasheet
131Kb / 1P
   WRAP AND FILL, NON-INDUCTIVE, METALLIZED FILM CAPACITORS, AXIAL LEAD
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com