Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMEL5-5DEMAZ Datasheet(PDF) 4 Page - AIMTEC

Part # AMEL5-5DEMAZ
Description  5 Watt | AC-DC / DC-DC Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMEL5-5DEMAZ Datasheet(HTML) 4 Page - AIMTEC

  AMEL5-5DEMAZ Datasheet HTML 1Page - AIMTEC AMEL5-5DEMAZ Datasheet HTML 2Page - AIMTEC AMEL5-5DEMAZ Datasheet HTML 3Page - AIMTEC AMEL5-5DEMAZ Datasheet HTML 4Page - AIMTEC AMEL5-5DEMAZ Datasheet HTML 5Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Series AMEL5-MAZ
5 Watt | AC-DC / DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052e R8.R
4 of 5
North America only
Pin Out Specifications
Derating
Pin
Single
Dual
1
AC Input (N)
AC Input (N)
2
AC Input (L)
AC Input (L)
3
+V Output
+V Output
4
-V Output
Common
5
No pin
-V Output


Similar Part No. - AMEL5-5DEMAZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEL5-5DEMAZ AIMTEC-AMEL5-5DEMAZ Datasheet
252Kb / 4P
   5 Watt | AC-DC Converter
AMEL5-5DEMAZ AIMTEC-AMEL5-5DEMAZ Datasheet
147Kb / 4P
   5 Watt | AC-DC / DC-DC Converter
AMEL5-5DEMAZ AIMTEC-AMEL5-5DEMAZ Datasheet
535Kb / 5P
   5 Watt | AC-DC / DC-DC Converter
More results

Similar Description - AMEL5-5DEMAZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEL5-AZ-1 AIMTEC-AMEL5-AZ-1_16 Datasheet
561Kb / 5P
   5 Watt | AC-DC / DC-DC Converter
AME5-JZ AIMTEC-AME5-JZ Datasheet
173Kb / 3P
   5 Watt | AC-DC / DC-DC Converter
AMEL5-MAZ AIMTEC-AMEL5-MAZ_12 Datasheet
147Kb / 4P
   5 Watt | AC-DC / DC-DC Converter
AMEL5-MAZ AIMTEC-AMEL5-MAZ_16 Datasheet
535Kb / 5P
   5 Watt | AC-DC / DC-DC Converter
AMEL5-MAZ AIMTEC-AMEL5-MAZ_13 Datasheet
379Kb / 4P
   5 Watt | AC-DC / DC-DC Converter
AMEL5-AZ AIMTEC-AMEL5-AZ_16 Datasheet
561Kb / 5P
   5 Watt | AC-DC / DC-DC Converter
AMEL5-AZ AIMTEC-AMEL5-AZ_13 Datasheet
678Kb / 3P
   5 Watt | AC-DC / DC-DC Converter
AMEOF5-JZ AIMTEC-AMEOF5-JZ Datasheet
210Kb / 3P
   5 Watt | AC-DC Converter
AMEL5-MAZ AIMTEC-AMEL5-MAZ Datasheet
252Kb / 4P
   5 Watt | AC-DC Converter
AMEL5-AZ AIMTEC-AMEL5-AZ Datasheet
320Kb / 3P
   5 Watt | AC-DC Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com