Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIF0402AR36MN Datasheet(PDF) 3 Page - Superworld Electronics

Part # PIF0402AR36MN
Description  High Current Power Inductor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

PIF0402AR36MN Datasheet(HTML) 3 Page - Superworld Electronics

  PIF0402AR36MN Datasheet HTML 1Page - Superworld Electronics PIF0402AR36MN Datasheet HTML 2Page - Superworld Electronics PIF0402AR36MN Datasheet HTML 3Page - Superworld Electronics PIF0402AR36MN Datasheet HTML 4Page - Superworld Electronics PIF0402AR36MN Datasheet HTML 5Page - Superworld Electronics PIF0402AR36MN Datasheet HTML 6Page - Superworld Electronics PIF0402AR36MN Datasheet HTML 7Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
High Current Power Inductor– PIF0402A Series
Proprietary and Confidential
Document of Superworld
06/06/2016
P3
6. Electrical Characteristics:
*Tolerance code : M = ±20%
Notes:
1) Isat Typ. and Irms Typ. value is derived based from accounting the upper limit tolerance into the inductance value.
2) At all times, the current supplied to the product should not exceed Isat Max. value
Part Number
Inductance(uH)
±20% @ 0 A
I rms(A) Typ.
I sat(A)
DCR
(mΩ) Typ.
DCR
(mΩ) Max.
@20
@40
Typ.
Max.
PIF0402AR22MN
0.22
13.0
16.8
19.5
18.8
4.10
4.60
PIF0402AR36MN
0.36
11.0
14.5
17.0
15.0
5.60
6.30
PIF0402AR40MN
0.40
10.0
14.0
15.5
13.5
6.90
7.73
PIF0402AR56MN
0.56
8.5
12.0
14.0
12.6
8.40
9.30
PIF0402AR60MN
0.60
8.0
11.7
13.7
12.3
8.60
9.52
PIF0402AR72MN
0.72
7.6
10.5
12.0
10.6
10.40
11.60
PIF0402A1R0MN
1.00
6.8
9.6
9.6
8.8
13.30
14.60
PIF0402A1R2MN
1.20
6.6
9.0
9.0
7.8
16.20
17.90
PIF0402A1R8MN
1.80
5.2
7.0
7.5
7.0
25.00
28.00
PIF0402A2R2MN
2.20
4.6
5.6
6.5
6.0
35.20
38.70


Similar Part No. - PIF0402AR36MN

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
PIF0502A1R0MN SUPERWORLD-PIF0502A1R0MN Datasheet
236Kb / 7P
   High Current Power Inductor
PIF0502A1R2MN SUPERWORLD-PIF0502A1R2MN Datasheet
236Kb / 7P
   High Current Power Inductor
PIF0502A1R5MN SUPERWORLD-PIF0502A1R5MN Datasheet
236Kb / 7P
   High Current Power Inductor
PIF0502AR15MN SUPERWORLD-PIF0502AR15MN Datasheet
236Kb / 7P
   High Current Power Inductor
PIF0502AR16MN SUPERWORLD-PIF0502AR16MN Datasheet
236Kb / 7P
   High Current Power Inductor
More results

Similar Description - PIF0402AR36MN

ManufacturerPart #DatasheetDescription
logo
Caliber Electronics Inc...
PSSL-0804HC CALIBER-PSSL-0804HC Datasheet
26Kb / 1P
   Power Inductor - High Current
logo
Shenzhen Codaca Electro...
CSBL1040 CODACA-CSBL1040 Datasheet
879Kb / 5P
   High Current Power Inductor
07/14/2020
CPEX2626L CODACA-CPEX2626L Datasheet
962Kb / 6P
   High Current Power Inductor
07/14/2020
CPQ4228 CODACA-CPQ4228 Datasheet
783Kb / 4P
   High Current Power Inductor
07/14/2020
CPU2916 CODACA-CPU2916 Datasheet
761Kb / 4P
   High Current Power Inductor
07/14/2020
CPEX2722 CODACA-CPEX2722 Datasheet
764Kb / 4P
   High Current Power Inductor
07/14/2020
CSCM1460 CODACA-CSCM1460 Datasheet
897Kb / 5P
   High Current Power Inductor
07/14/2020
CSCM1480L CODACA-CSCM1480L Datasheet
871Kb / 5P
   High Current Power Inductor
07/14/2020
CSBX0650 CODACA-CSBX0650 Datasheet
718Kb / 5P
   High Current Power Inductor
Revised: 07/14/2020
CSBL1250 CODACA-CSBL1250 Datasheet
947Kb / 5P
   High Current Power Inductor
07/14/2020
CSBL1265 CODACA-CSBL1265 Datasheet
941Kb / 5P
   High Current Power Inductor
07/14/2020
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com