Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLT171445G241P7B8 Datasheet(PDF) 3 Page - Superworld Electronics

Part # SLT171445G241P7B8
Description  LAN Transformer
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SLT171445G241P7B8 Datasheet(HTML) 3 Page - Superworld Electronics

  SLT171445G241P7B8 Datasheet HTML 1Page - Superworld Electronics SLT171445G241P7B8 Datasheet HTML 2Page - Superworld Electronics SLT171445G241P7B8 Datasheet HTML 3Page - Superworld Electronics SLT171445G241P7B8 Datasheet HTML 4Page - Superworld Electronics SLT171445G241P7B8 Datasheet HTML 5Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
LAN Transformer – SLT171445G241P7B8
Proprietary and Confidential
Document of Superworld
08/04/2016
P3
7. Soldering:
Mildly activated rosin fluxes are preferred. Our terminations are suitable for all re-flow soldering systems. If
hand soldering cannot be avoided, the preferred technique is the utilization of hot air soldering tools.
7-1 Solder Re-flow:
Recommended temperature profiles for re-flow soldering in Figure 1.
7-2 Soldering Iron (Figure 2):
Products attachment with soldering iron is discouraged due to the inherent process control limitations.
In the event that a soldering iron must be employed the following precautions are recommended.
Note :
a) Preheat circuit and products to 150°C.
b) 355°C tip temperature (Max.)
c) 1.0mm tip diameter (Max.)
d) Use a 20 watt soldering iron with tip diameter of 1.0mm
e) Limit soldering time to 4~5 secs.


Similar Part No. - SLT171445G241P7B8

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SLT128740M162P7A8 SUPERWORLD-SLT128740M162P7A8 Datasheet
239Kb / 5P
   LAN Transformer
SLT128740M162P7B8 SUPERWORLD-SLT128740M162P7B8 Datasheet
236Kb / 5P
   LAN Transformer
SLT128740M165P7A8 SUPERWORLD-SLT128740M165P7A8 Datasheet
246Kb / 5P
   LAN Transformer
SLT161040G241P1A8 SUPERWORLD-SLT161040G241P1A8 Datasheet
239Kb / 3P
   LAN Transformer
SLT161040G241P1B8 SUPERWORLD-SLT161040G241P1B8 Datasheet
240Kb / 3P
   LAN Transformer
More results

Similar Description - SLT171445G241P7B8

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
7490100110A WURTH-7490100110A Datasheet
260Kb / 3P
   LAN-Transformer WE-LAN
7490100111A WURTH-7490100111A Datasheet
503Kb / 4P
   LAN-Transformer WE-LAN
749020100A WURTH-749020100A Datasheet
221Kb / 3P
   LAN-Transformer WE-LAN
749010012 WURTH-749010012 Datasheet
169Kb / 3P
   LAN-Transformer WE-LAN
749020111A WURTH-749020111A Datasheet
277Kb / 3P
   LAN-Transformer WE-LAN
2016-02-16 Version 03
7490220120 WURTH-7490220120_V01 Datasheet
209Kb / 3P
   LAN-Transformer WE-LAN
2018-09-10
749023010A WURTH-749023010A Datasheet
373Kb / 3P
   LAN-Transformer WE-LAN
749020022A WURTH-749020022A Datasheet
300Kb / 3P
   LAN-Transformer WE-LAN
2016-09-26 Revision 03
749010012A WURTH-749010012A Datasheet
278Kb / 3P
   LAN-Transformer WE-LAN
2015-01-26
749020112B WURTH-749020112B Datasheet
357Kb / 3P
   LAN-Transformer WE-LAN
2017-05-24 Revision 01
749023113C WURTH-749023113C Datasheet
319Kb / 3P
   LAN-Transformer WE-LAN
2018-09-11 Revision 01
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com