Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC3012FT2R7F Datasheet(PDF) 1 Page - Superworld Electronics

Part # SPC3012FT2R7F
Description  Low Profile Power Inductors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SPC3012FT2R7F Datasheet(HTML) 1 Page - Superworld Electronics

  SPC3012FT2R7F Datasheet HTML 1Page - Superworld Electronics SPC3012FT2R7F Datasheet HTML 2Page - Superworld Electronics SPC3012FT2R7F Datasheet HTML 3Page - Superworld Electronics SPC3012FT2R7F Datasheet HTML 4Page - Superworld Electronics SPC3012FT2R7F Datasheet HTML 5Page - Superworld Electronics SPC3012FT2R7F Datasheet HTML 6Page - Superworld Electronics SPC3012FT2R7F Datasheet HTML 7Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
2. CONFIGURATION & DIMENSIONS :
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 1
(f)
(d) (e)
(b)
(c)
(a)
1. PART NO. EXPRESSION :
(c) Powder coating type
(a) Series code
(b) Dimension code
(f) Tolerance code : M=± 20%, N=± 30%
(d) Taping package
(e) Inductance code : 3R3= 3.3uH
(h) F : RoHS Compliant
(g) Z : Standard Part
(g)(h)
S P C 3 0 1 2 F T 3 R 3 N Z F -□□
16.10.2014
SPC3012FT SERIES
Low Profile Power Inductors
NOTE : Specifications subject to change without notice. Please check our website for latest information.
Powder Coating
Recommended PCB Pattern
A
E
D
E
G
0.6
3.2
1.4
3.4
OR
1.2 Max.
ABC
1.5± 0.15
DE
0.76± 0.1
2.9± 0.2
3.0± 0.2
Unit:m/m
1.2± 0.15
FG
0.7± 0.1
Marking
(Black)
3. MATERIALS :
d
e
a
b
c
a
w
(i) 10: Standard
11 ~ 99 : Internal control number
(i)
(a) Core
(b) Wire
(c) Clip
(e) Powder Coating
(d) Epoxy Resin
Exposed wire tolerance limit of coating resin part on product side.
1. Width direction(dimension a):Acceptable when a≦w/2
Nonconforming when a>w/2
2. Length direction(dimension b):Dimension b is not specified.
3. The total expose wire area of each side should not be more than 50%
of the coating resin area.


Similar Part No. - SPC3012FT2R7F

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SPC3012FT SUPERWORLD-SPC3012FT Datasheet
245Kb / 5P
   SMD POWER INDUCTORS
SPC3012FT-100MZF SUPERWORLD-SPC3012FT-100MZF Datasheet
245Kb / 5P
   SMD POWER INDUCTORS
SPC3012FT-150MZF SUPERWORLD-SPC3012FT-150MZF Datasheet
245Kb / 5P
   SMD POWER INDUCTORS
SPC3012FT-1R0NZF SUPERWORLD-SPC3012FT-1R0NZF Datasheet
245Kb / 5P
   SMD POWER INDUCTORS
SPC3012FT-1R2NZF SUPERWORLD-SPC3012FT-1R2NZF Datasheet
245Kb / 5P
   SMD POWER INDUCTORS
More results

Similar Description - SPC3012FT2R7F

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SPA252010HFR16M SUPERWORLD-SPA252010HFR16M Datasheet
307Kb / 8P
   Low Profile Power Inductors
SPS6045N1R0YF SUPERWORLD-SPS6045N1R0YF Datasheet
1Mb / 7P
   LOW PROFILE POWER INDUCTORS
L252010SFR24MA SUPERWORLD-L252010SFR24MA Datasheet
518Kb / 5P
   Low Profile Power Inductors
logo
ice Components, Ins.
LP01 ICE-LP01 Datasheet
257Kb / 1P
   Low Profile Power Inductors
logo
Superworld Electronics
SPS4012FT SUPERWORLD-SPS4012FT Datasheet
694Kb / 9P
   Low Profile Power Inductors
SPS3012FT SUPERWORLD-SPS3012FT Datasheet
254Kb / 5P
   Low Profile Power Inductors
SPS3020FT SUPERWORLD-SPS3020FT Datasheet
248Kb / 5P
   Low Profile Power Inductors
logo
Cooper Bussmann, Inc.
DR1040-1R5-R COOPER-DR1040-1R5-R Datasheet
175Kb / 3P
   Low Profile Power Inductors
logo
Superworld Electronics
SPS5012FTR47N SUPERWORLD-SPS5012FTR47N Datasheet
303Kb / 8P
   Low Profile Power Inductors
SPC4018FT-R56NZF SUPERWORLD-SPC4018FT-R56NZF Datasheet
848Kb / 7P
   Low Profile Power Inductors
SPS8040N1R0YF SUPERWORLD-SPS8040N1R0YF Datasheet
1Mb / 7P
   LOW PROFILE POWER INDUCTORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com