Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8681 Datasheet(PDF) 11 Page - Texas Instruments

Part # ADS8681
Description  16-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System with Programmable, Bipolar Input Ranges
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8681 Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADS8681_16 Datasheet HTML 7Page - Texas Instruments ADS8681_16 Datasheet HTML 8Page - Texas Instruments ADS8681_16 Datasheet HTML 9Page - Texas Instruments ADS8681_16 Datasheet HTML 10Page - Texas Instruments ADS8681_16 Datasheet HTML 11Page - Texas Instruments ADS8681_16 Datasheet HTML 12Page - Texas Instruments ADS8681_16 Datasheet HTML 13Page - Texas Instruments ADS8681_16 Datasheet HTML 14Page - Texas Instruments ADS8681_16 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 74 page
background image
11
ADS8681, ADS8685, ADS8689
www.ti.com
SBAS633B – FEBRUARY 2016 – REVISED DECEMBER 2016
Product Folder Links: ADS8681 ADS8685 ADS8689
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
6.9 Timing Requirements: Source-Synchronous Serial Interface (External Clock)
all minimum and maximum specifications are at TA = –40°C to +125°C; typical specifications are at TA = 25°C; AVDD = 5 V,
DVDD = 3.3 V, VREF = 4.096 V (internal), and maximum throughput (unless otherwise noted)
MIN
TYP
MAX
UNIT
TIMING REQUIREMENTS
fCLK
Serial clock frequency
66.67
MHz
tCLK
Serial clock time period
1/fCLK
tPH_CK
SCLK high time
0.45
0.55
tCLK
tPL_CK
SCLK low time
0.45
0.55
tCLK
TIMING SPECIFICATIONS
tDEN_CSDO
Delay time: CONVST/CS falling edge to data enable
9.5
ns
tDZ_CSDO
Delay time: CONVST/CS rising to SDO-x going to 3-state
10
ns
tD_CKRVS_r
Delay time: SCLK rising edge to RVS rising
14
ns
tD_CKRVS_f
Delay time: SCLK falling edge to RVS falling
14
ns
tD_RVSDO
Delay time: RVS rising to (next) data valid on SDO-x
2.5
ns
tD_CSRVS
Delay time: CONVST/CS rising edge to RVS displaying internal device state
15
ns
6.10 Timing Requirements: Source-Synchronous Serial Interface (Internal Clock)
all minimum and maximum specifications are at TA = –40°C to +125°C; typical specifications are at TA = 25°C; AVDD = 5 V,
DVDD = 3.3 V, VREF = 4.096 V (internal), and maximum throughput (unless otherwise noted)
MIN
TYP
MAX
UNIT
TIMING SPECIFICATIONS
tDEN_CSDO
Delay time: CONVST/CS falling edge to data enable
9.5
ns
tDZ_CSDO
Delay time: CONVST/CS rising to SDO-x going to 3-state
10
ns
tDEN_CSRVS
Delay time: CONVST/CS falling edge to first rising edge on RVS
50
ns
tD_RVSDO
Delay time: RVS rising to (next) data valid on SDO-x
2.5
ns
tINTCLK
Time period: internal clock
15
ns
tCYC_RVS
Time period: RVS signal
15
ns
tWH_RVS
RVS high time
0.4
0.6
tINTCLK
tWL_RVS
RVS low time
0.4
0.6
tINTCLK
tD_CSRVS
Delay time: CONVST/CS rising edge to RVS displaying internal
device state
15
ns


Similar Part No. - ADS8681_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8681IPW TI1-ADS8681IPW Datasheet
239Kb / 8P
[Old version datasheet]   Single-Supply, SAR ADC Data Acquisition System
ADS8681IPWR TI1-ADS8681IPWR Datasheet
239Kb / 8P
[Old version datasheet]   Single-Supply, SAR ADC Data Acquisition System
ADS8681IRUMR TI1-ADS8681IRUMR Datasheet
239Kb / 8P
[Old version datasheet]   Single-Supply, SAR ADC Data Acquisition System
ADS8681IRUMT TI1-ADS8681IRUMT Datasheet
239Kb / 8P
[Old version datasheet]   Single-Supply, SAR ADC Data Acquisition System
More results

Similar Description - ADS8681_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8671 TI1-ADS8671 Datasheet
1Mb / 72P
[Old version datasheet]   14-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System with Programmable, Bipolar Input Ranges
ADS8691 TI1-ADS8691 Datasheet
1Mb / 73P
[Old version datasheet]   18-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System with Programmable, Bipolar Input Ranges
ADS8661 TI1-ADS8661 Datasheet
1Mb / 71P
[Old version datasheet]   12-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System with Programmable, Bipolar Input Ranges
ADS8681 TI1-ADS8681 Datasheet
239Kb / 8P
[Old version datasheet]   Single-Supply, SAR ADC Data Acquisition System
ADS8688AT TI1-ADS8688AT Datasheet
3Mb / 78P
[Old version datasheet]   16-Bit, 500-kSPS, 8-Channel, Single-Supply, SAR ADC With Bipolar Input Ranges
logo
SG Micro Corp
SGM51652H4 SGMICRO-SGM51652H4 Datasheet
1Mb / 43P
   16-Bit, 500kSPS, 4- and 8-Channel,Single Supply, SAR ADCs with Bipolar Input Ranges
DECEMBER 2022-REV.A
logo
Linear Technology
LTC1609 LINER-LTC1609 Datasheet
432Kb / 24P
   16-Bit, 200ksps, Serial ADC with Multiple Input Ranges
LTC1609 LINER-LTC1609_15 Datasheet
433Kb / 24P
   16-Bit, 200ksps, Serial ADC with Multiple Input Ranges
logo
Analog Devices
AD1362 AD-AD1362 Datasheet
431Kb / 8P
   16-Channel,12-Bit Data Acquisition System
REV. A
logo
API Technologies Corp
HS9403 APITECH-HS9403 Datasheet
3Mb / 4P
   16-Channel, 12-Bit Data Acquisition System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com