Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8689IRUMT Datasheet(PDF) 4 Page - Texas Instruments

Part # ADS8689IRUMT
Description  16-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System with Programmable, Bipolar Input Ranges
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8689IRUMT Datasheet(HTML) 4 Page - Texas Instruments

  ADS8689IRUMT Datasheet HTML 1Page - Texas Instruments ADS8689IRUMT Datasheet HTML 2Page - Texas Instruments ADS8689IRUMT Datasheet HTML 3Page - Texas Instruments ADS8689IRUMT Datasheet HTML 4Page - Texas Instruments ADS8689IRUMT Datasheet HTML 5Page - Texas Instruments ADS8689IRUMT Datasheet HTML 6Page - Texas Instruments ADS8689IRUMT Datasheet HTML 7Page - Texas Instruments ADS8689IRUMT Datasheet HTML 8Page - Texas Instruments ADS8689IRUMT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 74 page
background image
ALARM/SDO-1/GPO
SDO-0
CONVST/CS
SCLK
AGND
REFIO
REFGND
REFCAP
1
2
3
4
16
15
14
13
ALARM/SDO-1/GPO
SDO-0
CONVST/CS
SDI
RST
DGND
AVDD
SCLK
AGND
REFIO
REFGND
REFCAP
5
6
7
8
12
11
10
9
AIN_P
AIN_GND
DVDD
RVS
4
ADS8681, ADS8685, ADS8689
SBAS633B – FEBRUARY 2016 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: ADS8681 ADS8685 ADS8689
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
PW Package
16-Pin TSSOP
Top View (Not to Scale)
RUM Package
16-Pin WQFN
Top View (Not to Scale)
(1)
AI = analog input, AIO = analog input/output, DI = digital input, DO = digital output, and P = power supply.
Pin Functions
NAME
NO.
TYPE(1)
DESCRIPTION
TSSOP
WQFN
AGND
3
1
P
Analog ground pin. Decouple with the AVDD pin.
AIN_GND
8
6
AI
Analog input: negative. Decouple with the AIN_P pin.
AIN_P
7
5
AI
Analog input: positive. Decouple with the AIN_GND pin.
ALARM/SDO-1/GPO
14
12
DO
Multi-function output pin. Active high alarm.
Data output 1 for serial communication. General-purpose output pin.
AVDD
2
16
P
Analog supply pin. Decouple with the AGND pin.
CONVST/CS
11
9
DI
Dual-functionality pin.
Active high logic: conversion start input pin; a CONVST rising edge brings the device from
acquisition phase to conversion phase.
Active low logic: chip-select input pin; the device takes control of the data bus when CS is low;
the SDO-x pins go to tri-state when CS is high.
DGND
1
15
P
Digital ground pin. Decouple with the DVDD pin.
DVDD
16
14
P
Digital supply pin. Decouple with the DGND pin.
REFCAP
6
4
AO
ADC reference buffer decoupling capacitor pin. Decouple with the REFGND pin.
REFGND
5
3
P
Reference ground pin; short to the analog ground plane. Decouple with the REFIO and
REFCAP pins.
REFIO
4
2
AIO
Internal reference output and external reference input pin. Decouple with REFGND.
RST
9
7
DI
Active low logic input to reset the device.
RVS
15
13
DO
Multi-function output pin for serial interface; see the RESET State section.
With CS held high, RVS reflects the status of the internal ADCST signal.
With CS low, the status of RVS depends on the output protocol selection.
SCLK
12
10
DI
Serial communication: clock input pin for the serial interface.
All system-synchronous data transfer protocols are timed with respect to the SCLK signal.
SDI
10
8
DI
Dual function: data input pin for serial communication.
Chain data input during serial communication in daisy-chain mode.
SDO-0
13
11
DO
Serial communication: data output 0


Similar Part No. - ADS8689IRUMT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8681 TI1-ADS8681 Datasheet
239Kb / 8P
[Old version datasheet]   Single-Supply, SAR ADC Data Acquisition System
ADS8681IPW TI1-ADS8681IPW Datasheet
239Kb / 8P
[Old version datasheet]   Single-Supply, SAR ADC Data Acquisition System
ADS8681IPWR TI1-ADS8681IPWR Datasheet
239Kb / 8P
[Old version datasheet]   Single-Supply, SAR ADC Data Acquisition System
ADS8681IRUMR TI1-ADS8681IRUMR Datasheet
239Kb / 8P
[Old version datasheet]   Single-Supply, SAR ADC Data Acquisition System
ADS8681IRUMT TI1-ADS8681IRUMT Datasheet
239Kb / 8P
[Old version datasheet]   Single-Supply, SAR ADC Data Acquisition System
More results

Similar Description - ADS8689IRUMT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8671 TI1-ADS8671 Datasheet
1Mb / 72P
[Old version datasheet]   14-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System with Programmable, Bipolar Input Ranges
ADS8691 TI1-ADS8691 Datasheet
1Mb / 73P
[Old version datasheet]   18-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System with Programmable, Bipolar Input Ranges
ADS8661 TI1-ADS8661 Datasheet
1Mb / 71P
[Old version datasheet]   12-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System with Programmable, Bipolar Input Ranges
ADS8681 TI1-ADS8681 Datasheet
239Kb / 8P
[Old version datasheet]   Single-Supply, SAR ADC Data Acquisition System
ADS8688AT TI1-ADS8688AT Datasheet
3Mb / 78P
[Old version datasheet]   16-Bit, 500-kSPS, 8-Channel, Single-Supply, SAR ADC With Bipolar Input Ranges
logo
SG Micro Corp
SGM51652H4 SGMICRO-SGM51652H4 Datasheet
1Mb / 43P
   16-Bit, 500kSPS, 4- and 8-Channel,Single Supply, SAR ADCs with Bipolar Input Ranges
DECEMBER 2022-REV.A
logo
Linear Technology
LTC1609 LINER-LTC1609 Datasheet
432Kb / 24P
   16-Bit, 200ksps, Serial ADC with Multiple Input Ranges
LTC1609 LINER-LTC1609_15 Datasheet
433Kb / 24P
   16-Bit, 200ksps, Serial ADC with Multiple Input Ranges
logo
Analog Devices
AD1362 AD-AD1362 Datasheet
431Kb / 8P
   16-Channel,12-Bit Data Acquisition System
REV. A
logo
API Technologies Corp
HS9403 APITECH-HS9403 Datasheet
3Mb / 4P
   16-Channel, 12-Bit Data Acquisition System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com