Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS40422RHAR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40422RHAR
Description  Dual-Output or Two-Phase Synchronous Buck Controller with PMBus Interface
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40422RHAR Datasheet(HTML) 3 Page - Texas Instruments

  TPS40422RHAR Datasheet HTML 1Page - Texas Instruments TPS40422RHAR Datasheet HTML 2Page - Texas Instruments TPS40422RHAR Datasheet HTML 3Page - Texas Instruments TPS40422RHAR Datasheet HTML 4Page - Texas Instruments TPS40422RHAR Datasheet HTML 5Page - Texas Instruments TPS40422RHAR Datasheet HTML 6Page - Texas Instruments TPS40422RHAR Datasheet HTML 7Page - Texas Instruments TPS40422RHAR Datasheet HTML 8Page - Texas Instruments TPS40422RHAR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 71 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
30
29
28
27
26
25
24
23
22
21
40
39
38
37
36
35
34
33
32
31
RT
FB1
COMP1
CNTL1
CNTL2
AGND
COMP2
FB2
ADDR1
ADDR0
TPS40422
BOOT1
HDRV1
SW1
LDRV1
PGND
BP6
BPEXT
LDRV2
SW2
HDRV2
3
TPS40422
www.ti.com
SLUSAQ4E – OCTOBER 2011 – REVISED SEPTEMBER 2016
Product Folder Links: TPS40422
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
5 Description (continued)
Using the PMBus protocol, the device margining function, reference voltage, fault limit, UVLO threshold, soft-start
time, turn-on delay, and turn-off delay can be programmed.
In addition, an accurate measurement system is implemented to monitor the output voltages, currents and
temperatures for each channel.
6 Pin Configuration and Functions
RHA Packages
40-Pin VQFN
Top View
Pin Functions
PIN
NO.
I/O
DESCRIPTION
ADDR0
10
I
Low-order address pin for PMBus address configuration. One of eight resistor values must be connected
from this pin to AGND to select the low-order octal digit in the PMBus address.
ADDR1
9
I
High-order address pin for PMBus address configuration. One of eight resistor values must be
connected from this pin to AGND to select the high-order octal digit in the PMBus address.
AGND
6
Low-noise ground connection to the controller. Connections should be arranged so that power level
currents do not flow through the AGND path.
BOOT1
30
I
Bootstrapped supply for the high-side FET driver for channel 1 (CH1). Connect a capacitor (100 nF
typical) from BOOT1 to SW1 pin.
BOOT2
20
I
Bootstrapped supply for the high-side FET driver for channel 2 (CH2). Connect a capacitor (100 nF
typical) from BOOT2 to SW2 pin.
BP3
32
O
Output bypass for the internal 3.3-V regulator. Connect a 100 nF or larger capacitor from this pin to
AGND. The maximum suggested capacitor value is 10 µF.
BP6
25
O
Output bypass for the internal 6.5-V regulator. Connect a low ESR, 1 µF or larger ceramic capacitor
from this pin to PGND. The maximum suggested capacitor value is 10 µF.
BPEXT
24
I
External voltage input for BP6 switchover function. If the BPEXT function is not used, connect this pin to
PGND via a 10-kΩ resistor. Otherwise connect a 100-nF or larger capacitor from this pin to PGND. The
maximum suggested capacitor value is 10 µF.
CLK
12
I
Clock input for the PMBus interface. Pull up to 3.3 V with a resistor.
CNTL1
4
I
Logic level input which controls startup and shutdown of CH1, determined by PMBus options. When
floating, the pin is pulled up to BP6 by an internal 6-µA current source.


Similar Part No. - TPS40422RHAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40422RHAR TI1-TPS40422RHAR Datasheet
965Kb / 54P
[Old version datasheet]   Dual-Output or Two-Phase Synchronous Buck Controller with PMBus
More results

Similar Description - TPS40422RHAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40422 TI1-TPS40422 Datasheet
965Kb / 54P
[Old version datasheet]   Dual-Output or Two-Phase Synchronous Buck Controller with PMBus
TPS40322 TI1-TPS40322_16 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI1-TPS40322 Datasheet
1,023Kb / 40P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS5120-Q1 TI1-TPS5120-Q1 Datasheet
325Kb / 21P
[Old version datasheet]   DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI1-TPS5120_16 Datasheet
840Kb / 23P
[Old version datasheet]   DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI-TPS5120_15 Datasheet
858Kb / 24P
[Old version datasheet]   DUAL OUTPUT,TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120-EP TI1-TPS5120-EP Datasheet
483Kb / 23P
[Old version datasheet]   DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI-TPS5120 Datasheet
291Kb / 20P
[Old version datasheet]   DUAL OUTPUT, TWO PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
logo
Semtech Corporation
SC2443 SEMTECH-SC2443_08 Datasheet
1Mb / 22P
   Dual-Phase Single or Two Output Synchronous Step-Down Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com