Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS6213013A-Q1 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS6213013A-Q1
Description  3-V to 17-V 3-A Step-Down Converter with DCS-Control
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS6213013A-Q1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS6213013A-Q1 Datasheet HTML 3Page - Texas Instruments TPS6213013A-Q1 Datasheet HTML 4Page - Texas Instruments TPS6213013A-Q1 Datasheet HTML 5Page - Texas Instruments TPS6213013A-Q1 Datasheet HTML 6Page - Texas Instruments TPS6213013A-Q1 Datasheet HTML 7Page - Texas Instruments TPS6213013A-Q1 Datasheet HTML 8Page - Texas Instruments TPS6213013A-Q1 Datasheet HTML 9Page - Texas Instruments TPS6213013A-Q1 Datasheet HTML 10Page - Texas Instruments TPS6213013A-Q1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
COUT
VOUT
CIN
L1
VIN
FB
PG
TPS62130A-Q1
R1
R2
CSS
R3
PVIN
AVIN
EN
SS/TR
DEF
FSW
SW
VOS
PG
FB
AGND
PGND
Copyright © 2016, Texas Instruments Incorporated
7
TPS62130A-Q1, TPS62133A-Q1, TPS6213013A-Q1
www.ti.com
SLVSCC2B – MAY 2014 – REVISED NOVEMBER 2016
Product Folder Links: TPS62130A-Q1 TPS62133A-Q1 TPS6213013A-Q1
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
8 Parameter Measurement Information
spacing
Table 1. List of Components
REFERENCE
DESCRIPTION
MANUFACTURER
IC
17V, 3A Step-Down Converter, QFN
TPS62130AQRGT, Texas Instruments
L1
2.2µH, 0.165 x 0.165 in
XFL4020-222MEB, Coilcraft
CIN
10µF, 25V, Ceramic, 1210
Standard
COUT
22µF, 6.3V, Ceramic, 0805
Standard
CSS
3300pF, 25V, Ceramic, 0603
Standard
C7
0.1µF, 25V, Ceramic, 0603
Standard
R1
depending on VOUT
R2
depending on VOUT
R3
100kΩ, Chip, 0603, 1/16W, 1%
Standard
spacing
spacing
Figure 6. Measurement Setup


Similar Part No. - TPS6213013A-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62130 TI1-TPS62130 Datasheet
1Mb / 34P
[Old version datasheet]   3-17V 3A Step-Down Converter in 3x3 QFN Package
TPS62130 TI1-TPS62130 Datasheet
1Mb / 36P
[Old version datasheet]   3-17V 3A Step-Down Converter in 3x3 QFN Package
TPS62130 TI1-TPS62130 Datasheet
1Mb / 37P
[Old version datasheet]   3-17V 3A Step-Down Converter in 3x3 QFN Package
TPS62130A TI1-TPS62130A Datasheet
1Mb / 36P
[Old version datasheet]   3-17V 3A Step-Down Converter in 3x3 QFN Package
TPS62130A TI1-TPS62130A Datasheet
1Mb / 37P
[Old version datasheet]   3-17V 3A Step-Down Converter in 3x3 QFN Package
More results

Similar Description - TPS6213013A-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV62130 TI-TLV62130_15 Datasheet
1Mb / 38P
[Old version datasheet]   TLV62130x 3-V to 17-V 3-A Step-Down Converter With DCS-Control?
TPS62160-Q1 TI1-TPS62160-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   3-V to 17-V 1-A Step-Down Converter with DCS-Control
TPS62160-Q1 TI1-TPS62160-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   3-V to 17-V 1-A Step-Down Converter with DCS-Control
TPS62152C-Q1 TI1-TPS62152C-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   3-V to 17-V 1 A Step-Down Converter with DCS-Control
TPS62130A-Q1 TI1-TPS62130A-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   TPS6213xA-Q1 3-V to 17-V 3-A Step-Down Converter with DCS-Control
TPS62148 TI1-TPS62148 Datasheet
2Mb / 46P
[Old version datasheet]   High Accuracy 3-V to 17-V 2-A Step-Down Converter With DCS-Control
TPS62150A-Q1 TI1-TPS62150A-Q1_V01 Datasheet
1Mb / 39P
[Old version datasheet]   3-V to 17-V 1 A Step-Down Converter with DCS-ControlTM
TPS62135 TI1-TPS62135 Datasheet
1Mb / 40P
[Old version datasheet]   High Accuracy 3-V to 17-V 3.5-A Step-Down Converters with DCS-Control
TLV62150 TI-TLV62150_15 Datasheet
1Mb / 38P
[Old version datasheet]   TLV62150x 4-V to 17-V 1-A Step-Down Converter With DCS-Control?
TPS62136 TI1-TPS62136 Datasheet
3Mb / 45P
[Old version datasheet]   1-MHz High Accuracy 3-V to 17-V 4-A Step-Down Converters with DCS Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com