Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62130AQRGTTQ1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62130AQRGTTQ1
Description  3-V to 17-V 3-A Step-Down Converter with DCS-Control
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62130AQRGTTQ1 Datasheet(HTML) 1 Page - Texas Instruments

  TPS62130AQRGTTQ1 Datasheet HTML 1Page - Texas Instruments TPS62130AQRGTTQ1 Datasheet HTML 2Page - Texas Instruments TPS62130AQRGTTQ1 Datasheet HTML 3Page - Texas Instruments TPS62130AQRGTTQ1 Datasheet HTML 4Page - Texas Instruments TPS62130AQRGTTQ1 Datasheet HTML 5Page - Texas Instruments TPS62130AQRGTTQ1 Datasheet HTML 6Page - Texas Instruments TPS62130AQRGTTQ1 Datasheet HTML 7Page - Texas Instruments TPS62130AQRGTTQ1 Datasheet HTML 8Page - Texas Instruments TPS62130AQRGTTQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
22uF
2.5V / 3A
10uF
(3 .. 17)V
3.3nF
TPS62130A-Q1
510k
240k
PVIN
AVIN
EN
SS/TR
DEF
FSW
SW
VOS
PG
FB
AGND
PGND
100k
0.1uF
1 / 2.2 µH
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TPS62130A-Q1, TPS62133A-Q1, TPS6213013A-Q1
SLVSCC2B – MAY 2014 – REVISED NOVEMBER 2016
TPS6213xA-Q1 3-V to 17-V 3-A Step-Down Converter with DCS-Control™
1
1 Features
1
DCS-Control™ Topology
Qualified for Automotive Applications
AEC-Q100 Qualified With the Following Results:
Device Temperature Grade: –40°C to 125°C
Operating Junction Temperature Range
Device HBM ESD Classification Level H2
Device CDM ESD Classification Level C4B
Input Voltage Range: 3 to 17V
Adjustable Output Voltage from 0.9 to 6V
Pin-Selectable Output Voltage (nominal, + 5%)
Programmable Soft Start and Tracking
Seamless Power Save Mode Transition
Quiescent Current of 17µA (typ.)
Power Good Output
100% Duty Cycle Mode
Short Circuit Protection
Over Temperature Protection
Pin to Pin Compatible with TPS62150A-Q1
Available in a 3 × 3 mm, VQFN-16 Package
2 Applications
Automotive POL supply
Infotainment, CAN-, USB- power supply
Embedded Systems,
LDO Replacement
3 Description
The
TPS6213XA-Q1
devices
are
easy-to-use
synchronous step-down DC-DC converters optimized
for applications with high power density. A high
switching frequency of typically 2.5 MHz allows the
use of small inductors and provides fast transient
response as well as high output-voltage accuracy
through the use of the DCS-Control™ topology.
With a wide operating input-voltage range of 3 to 17
V, the devices are ideally suited for systems powered
from intermediate bus power rails. The devices
support up to 3-A continuous output current at output
voltages between 0.9 V and 6 V (with 100% duty
cycle mode).
The output-voltage startup ramp is controlled by the
soft-start pin, which allows operation as either a
standalone power supply or in tracking configurations.
Power sequencing is also possible by configuring the
enable and open-drain power-good pins.
In power save mode, the devices show quiescent
current of about 17 μA from VIN. Power save mode
which is entered automatically and seamlessly if the
load is small, maintains high efficiency over the entire
load range. In shutdown mode, the devices are
turned off and shutdown current consumption is less
than 2 μA. The devices are packaged in a 16-pin
VQFN package measuring 3 × 3 mm (RGT).
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS62130A-Q1
VQFN (16)
3.00 mm x 3.00 mm
TPS62133A-Q1
TPS6213013A-Q1
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Typical Application Schematic
Efficiency vs Output Current
space


Similar Part No. - TPS62130AQRGTTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62130AQRGTTQ1 TI1-TPS62130AQRGTTQ1 Datasheet
1Mb / 35P
[Old version datasheet]   TPS6213xA-Q1 3-V to 17-V 3-A Step-Down Converter with DCS-Control
More results

Similar Description - TPS62130AQRGTTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV62130 TI-TLV62130_15 Datasheet
1Mb / 38P
[Old version datasheet]   TLV62130x 3-V to 17-V 3-A Step-Down Converter With DCS-Control?
TPS62160-Q1 TI1-TPS62160-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   3-V to 17-V 1-A Step-Down Converter with DCS-Control
TPS62160-Q1 TI1-TPS62160-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   3-V to 17-V 1-A Step-Down Converter with DCS-Control
TPS62152C-Q1 TI1-TPS62152C-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   3-V to 17-V 1 A Step-Down Converter with DCS-Control
TPS62130A-Q1 TI1-TPS62130A-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   TPS6213xA-Q1 3-V to 17-V 3-A Step-Down Converter with DCS-Control
TPS62148 TI1-TPS62148 Datasheet
2Mb / 46P
[Old version datasheet]   High Accuracy 3-V to 17-V 2-A Step-Down Converter With DCS-Control
TPS62150A-Q1 TI1-TPS62150A-Q1_V01 Datasheet
1Mb / 39P
[Old version datasheet]   3-V to 17-V 1 A Step-Down Converter with DCS-ControlTM
TPS62135 TI1-TPS62135 Datasheet
1Mb / 40P
[Old version datasheet]   High Accuracy 3-V to 17-V 3.5-A Step-Down Converters with DCS-Control
TLV62150 TI-TLV62150_15 Datasheet
1Mb / 38P
[Old version datasheet]   TLV62150x 4-V to 17-V 1-A Step-Down Converter With DCS-Control?
TPS62136 TI1-TPS62136 Datasheet
3Mb / 45P
[Old version datasheet]   1-MHz High Accuracy 3-V to 17-V 4-A Step-Down Converters with DCS Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com