Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62162QDSGTQ1 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62162QDSGTQ1
Description  3-V to 17-V 1-A Step-Down Converter with DCS-Control
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62162QDSGTQ1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS62162QDSGTQ1 Datasheet HTML 7Page - Texas Instruments TPS62162QDSGTQ1 Datasheet HTML 8Page - Texas Instruments TPS62162QDSGTQ1 Datasheet HTML 9Page - Texas Instruments TPS62162QDSGTQ1 Datasheet HTML 10Page - Texas Instruments TPS62162QDSGTQ1 Datasheet HTML 11Page - Texas Instruments TPS62162QDSGTQ1 Datasheet HTML 12Page - Texas Instruments TPS62162QDSGTQ1 Datasheet HTML 13Page - Texas Instruments TPS62162QDSGTQ1 Datasheet HTML 14Page - Texas Instruments TPS62162QDSGTQ1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
(
)
IN
OUT
peak(typ)
LIMF _ HS
V
V
I
I
30ns
L
-
=
+
´
11
TPS62160-Q1, TPS62162-Q1
www.ti.com
SLVSCK6A – DECEMBER 2014 – REVISED NOVEMBER 2016
Product Folder Links: TPS62160-Q1 TPS62162-Q1
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
Device Functional Modes (continued)
space
The dynamic high side switch peak current can be calculated as follows:
space
(5)
space
Care on the current limit has to be taken if the input voltage is high and very small inductances are used.
9.4.5 Operation Above TJ = 125°C
The operating junction temperature of the device is specified up to 125°C. In power supply circuits, the self
heating effect causes, that the junction temperature, TJ, is even higher than the ambient temperature TA.
Depending on TA and the load current, the maximum operating temperature TJ can be exceeded. However, the
electrical characteristics are specified up to a TJ of 125°C only. The device operates as long as thermal
shutdown threshold is not triggered.


Similar Part No. - TPS62162QDSGTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62162 TI1-TPS62162 Datasheet
1Mb / 34P
[Old version datasheet]   3V-17V 1A Step-Down Converters with DCS-ControlTM
TPS62162 TI1-TPS62162 Datasheet
1Mb / 35P
[Old version datasheet]   3V-17V 1A Step-Down Converters with DCS-ControlTM
TPS62162DSG TI1-TPS62162DSG Datasheet
1Mb / 34P
[Old version datasheet]   3V-17V 1A Step-Down Converters with DCS-ControlTM
TPS62162DSGR TI1-TPS62162DSGR Datasheet
1Mb / 34P
[Old version datasheet]   3V-17V 1A Step-Down Converters with DCS-ControlTM
TPS62162DSGT TI1-TPS62162DSGT Datasheet
1Mb / 34P
[Old version datasheet]   3V-17V 1A Step-Down Converters with DCS-ControlTM
More results

Similar Description - TPS62162QDSGTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62160-Q1 TI1-TPS62160-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   3-V to 17-V 1-A Step-Down Converter with DCS-Control
TPS62152C-Q1 TI1-TPS62152C-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   3-V to 17-V 1 A Step-Down Converter with DCS-Control
TPS62130A-Q1_016 TI1-TPS62130A-Q1_016 Datasheet
1Mb / 37P
[Old version datasheet]   3-V to 17-V 3-A Step-Down Converter with DCS-Control
TLV62130 TI-TLV62130_15 Datasheet
1Mb / 38P
[Old version datasheet]   TLV62130x 3-V to 17-V 3-A Step-Down Converter With DCS-Control?
TPS62150A-Q1 TI1-TPS62150A-Q1_V01 Datasheet
1Mb / 39P
[Old version datasheet]   3-V to 17-V 1 A Step-Down Converter with DCS-ControlTM
TLV62150 TI-TLV62150_15 Datasheet
1Mb / 38P
[Old version datasheet]   TLV62150x 4-V to 17-V 1-A Step-Down Converter With DCS-Control?
TPS62130A-Q1 TI1-TPS62130A-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   TPS6213xA-Q1 3-V to 17-V 3-A Step-Down Converter with DCS-Control
TPS62148 TI1-TPS62148 Datasheet
2Mb / 46P
[Old version datasheet]   High Accuracy 3-V to 17-V 2-A Step-Down Converter With DCS-Control
TPS62136 TI1-TPS62136 Datasheet
3Mb / 45P
[Old version datasheet]   1-MHz High Accuracy 3-V to 17-V 4-A Step-Down Converters with DCS Control
TPS62135 TI1-TPS62135 Datasheet
1Mb / 40P
[Old version datasheet]   High Accuracy 3-V to 17-V 3.5-A Step-Down Converters with DCS-Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com