Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF4360-1BCP Datasheet(PDF) 11 Page - Analog Devices

Part # ADF4360-1BCP
Description  Integrated Synthesizer and VCO
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4360-1BCP Datasheet(HTML) 11 Page - Analog Devices

Back Button ADF4360-1BCP Datasheet HTML 7Page - Analog Devices ADF4360-1BCP Datasheet HTML 8Page - Analog Devices ADF4360-1BCP Datasheet HTML 9Page - Analog Devices ADF4360-1BCP Datasheet HTML 10Page - Analog Devices ADF4360-1BCP Datasheet HTML 11Page - Analog Devices ADF4360-1BCP Datasheet HTML 12Page - Analog Devices ADF4360-1BCP Datasheet HTML 13Page - Analog Devices ADF4360-1BCP Datasheet HTML 14Page - Analog Devices ADF4360-1BCP Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
PRELIMINARY TECHNICAL DATA
ADF4360-2
REV. PrA
07/03
–11–
TABLE III: CONTROL LATCH
DB20
DB19
DB18 DB17 DB16
DB15
DB14 DB13 DB12
DB11 DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
C2 (0) C1 (0)
PC1
PC2
M2
M3
PDP
P1
P2
CPI2
CPI3
CPI6
PD1
CPI1
PD2
Control
Bits
MUXOUT
Control
Current
Setting
1
Prescaler
Value
CPI4
CPI5
DB21
Current
Setting
2
PL2
PL1
MTLD
DB22
DB23
CP
CPG
P2
P1
Prescaler Value
0
0
8/9
0
1
16/17
1
0
32/33
1
1
32/33
CE Pin
PD2
PD1
Mode
0
X
X
Asynchronous Power-Down
1
X
0
Normal Operation
1
0
1
Asynchronous Power-Down
1
1
1
Synchronous Power-Down
CPI6
CPI5
CP14
ICP (mA)
CPI3
CPI2
CPI1
4.7k
0
0
0
0.31
0
0
1
0.62
0
1
0
0.93
0
1
1
1.25
1
0
0
1.56
1
0
1
1.87
1
1
0
2.18
1
1
1
2.50
M3
M2
M1
Output
0
0
0
3-State Output
0
0
1
Digital Lock Detect
(Active High)
0
1
0
N Divider Output
011
DV
DD
1
0
0
R Divider Output
1
0
1
N-Channel Open-Drain
Lock Detect
1
1
0
Serial Data Output
1
1
1
DGND
CP
Charge Pump
Output
0
Normal
1
3-State
PDP
Phase Detector
Polarity
0
Negative
1
Positive
Core
Power
Level
CR
M1
Output
Power
Level
PC2
PC1
Core Power Level
0
0
5mA
0
1
10mA
1
0
15mA
1
1
20mA
CPG
CP Gain
0
Current Setting 1
1
Current Setting 2
MTLD
Mute Till Lock Detect
0
Disabled
1
Enabled
P2
P1
Output Power Level
Current
Power into 50Ohm, (using 50Ohm to Vvco)
0
0
3.5mA
-6dBm
0
1
5.0mA
-8dBm
1
0
7.5mA
-10.5dBm
1
1
11.0mA
-13.0dBm
CR
Counter
Operation
0
Normal
1
R, A, B Counters
held in Reset


Similar Part No. - ADF4360-1BCP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4360-1BCP AD-ADF4360-1BCP Datasheet
857Kb / 24P
   Integrated Synthesizer and VCO
REV. B
ADF4360-1BCPRL AD-ADF4360-1BCPRL Datasheet
857Kb / 24P
   Integrated Synthesizer and VCO
REV. B
ADF4360-1BCPRL7 AD-ADF4360-1BCPRL7 Datasheet
857Kb / 24P
   Integrated Synthesizer and VCO
REV. B
ADF4360-1BCPZ AD-ADF4360-1BCPZ Datasheet
335Kb / 24P
   Integrated Synthesizer and VCO
Rev. C
ADF4360-1BCPZ AD-ADF4360-1BCPZ Datasheet
377Kb / 24P
   Integrated Synthesizer and VCO
More results

Similar Description - ADF4360-1BCP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4360-8 AD-ADF4360-8 Datasheet
570Kb / 24P
   Integrated Synthesizer and VCO
REV. A
ADF4360-0 AD-ADF4360-0 Datasheet
315Kb / 24P
   Integrated Synthesizer and VCO
REV. B
ADF4360-5 AD-ADF4360-5 Datasheet
480Kb / 24P
   Integrated Synthesizer and VCO
REV. A
ADF4360-7 AD-ADF4360-7 Datasheet
336Kb / 28P
   Integrated Synthesizer and VCO
REV. B
ADF4360-8 AD-ADF4360-8_15 Datasheet
716Kb / 24P
   Integrated Synthesizer and VCO
REV. C
ADF4360-2 AD-ADF4360-2_15 Datasheet
589Kb / 24P
   Integrated Synthesizer and VCO
REV. C
ADF4360-1 AD-ADF4360-1_16 Datasheet
377Kb / 24P
   Integrated Synthesizer and VCO
ADF4360-4 AD-ADF4360-4_16 Datasheet
394Kb / 24P
   Integrated Synthesizer and VCO
ADF4360-6 AD-ADF4360-6_16 Datasheet
389Kb / 24P
   Integrated Synthesizer and VCO
ADF4360-0 AD-ADF4360-0_16 Datasheet
366Kb / 24P
   Integrated Synthesizer and VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com