Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TH72032 Datasheet(PDF) 6 Page - Melexis Microelectronic Systems

Part # TH72032
Description  ASK Transmitter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH72032 Datasheet(HTML) 6 Page - Melexis Microelectronic Systems

Back Button TH72032 Datasheet HTML 2Page - Melexis Microelectronic Systems TH72032 Datasheet HTML 3Page - Melexis Microelectronic Systems TH72032 Datasheet HTML 4Page - Melexis Microelectronic Systems TH72032 Datasheet HTML 5Page - Melexis Microelectronic Systems TH72032 Datasheet HTML 6Page - Melexis Microelectronic Systems TH72032 Datasheet HTML 7Page - Melexis Microelectronic Systems TH72032 Datasheet HTML 8Page - Melexis Microelectronic Systems TH72032 Datasheet HTML 9Page - Melexis Microelectronic Systems TH72032 Datasheet HTML 10Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
TH72032
868/915MHz
ASK Transmitter
3901072032
Page 6 of 20
Data Sheet
Rev. 011
Jun/12
2.7
Mode Control Logic
The mode control logic allows two different
modes of operation as listed in the following
table. The mode control pin ENTX is pulled-
down internally. This guarantees that the whole
circuit is shut down if this pin is left floating.
ENTX
Mode
Description
0
TX standby
TX disabled
1
TX active
TX enable
2.8
Timing Diagrams
After enabling the transmitter by the ENTX signal, the power amplifier remains inactive for the time ton, the
transmitter start-up time. The crystal oscillator starts oscillation and the PLL locks to the desired output
frequency within the time duration ton. After successful PLL lock, the LOCK signal turns on the power
amplifier, and then the RF carrier can be ASK modulated.
Fig. 4: Timing diagram for ASK modulation
low
low
high
high
LOCK
ASKDTA
RF carrier
t
low
high
ENTX
t on


Similar Part No. - TH72032

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
TH72032 MELEXIS-TH72032 Datasheet
504Kb / 20P
   868/915MHz ASK Transmitter
TH72032 MELEXIS-TH72032 Datasheet
1Mb / 21P
   868/915MHz ASK Transmitter
TH72032KDC MELEXIS-TH72032KDC Datasheet
504Kb / 20P
   868/915MHz ASK Transmitter
TH72032 MELEXIS-TH72032_17 Datasheet
1Mb / 21P
   868/915MHz ASK Transmitter
More results

Similar Description - TH72032

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
TH72012 MELEXIS-TH72012_12 Datasheet
696Kb / 20P
   ASK Transmitter
TH72002 MELEXIS-TH72002_12 Datasheet
700Kb / 20P
   ASK Transmitter
TH72002 MELEXIS-TH72002 Datasheet
512Kb / 20P
   ASK Transmitter
logo
Infineon Technologies A...
TX98-4 INFINEON-TX98-4 Datasheet
1Mb / 20P
   ASK Transmitter
Revision 1.0, 2010-04-23
logo
Melexis Microelectronic...
MLX72013 MELEXIS-MLX72013 Datasheet
411Kb / 21P
   FSK/ASK Transmitter
EVB72013 MELEXIS-EVB72013 Datasheet
896Kb / 13P
   FSK/ASK Transmitter
TH72015 MELEXIS-TH72015_12 Datasheet
807Kb / 20P
   FSK/ASK Transmitter
TH72016 MELEXIS-TH72016_12 Datasheet
375Kb / 15P
   FSK/ASK Transmitter
TH72002 MELEXIS-TH72002_17 Datasheet
1Mb / 21P
   315MHz ASK Transmitter
logo
ATMEL Corporation
ATA2745M-TCQY ATMEL-ATA2745M-TCQY Datasheet
237Kb / 10P
   UHF ASK Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com