Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABM10-166-12.000MHZ Datasheet(PDF) 2 Page - Abracon Corporation

Part # ABM10-166-12.000MHZ
Description  IoT OPTIMIZED LOW PROFILE QUARTZ CRYSTAL
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABM10-166-12.000MHZ Datasheet(HTML) 2 Page - Abracon Corporation

  ABM10-166-12.000MHZ Datasheet HTML 1Page - Abracon Corporation ABM10-166-12.000MHZ Datasheet HTML 2Page - Abracon Corporation ABM10-166-12.000MHZ Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ABRACON IS
ISO9001-2008
CERTIFIED
5101 Hidden Creek Lane Spicewood TX 78669
Phone: 512-371-6159 | Fax: 512-351-8858
For terms and conditions of sale visit:
www.abracon.com
REVISED:
06/21/2016
IoT OPTIMIZED LOW PROFILE QUARTZ CRYSTAL
ABM10-166-12.00MHz
2.5 x 2.0 x 0.5 mm
Pb RoHS/RoHS II Compliant
MSL = N/A: NOT APPLICABLE (See Note #1)
PART IDENTIFICATION AND ORDERING INFORMATION
MECHANICAL DIMENSIONS (ALL DIMENSIONS ARE IN mm)
ABM10-166-12.000MHz-
PACKAGING
Blank: Bulk
T3: 3K/Reel
RECOMMENDED LAND PATTERN


Similar Part No. - ABM10-166-12.000MHZ

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABM10-165-38.400MHZ-T3 ABRACON-ABM10-165-38.400MHZ-T3 Datasheet
1Mb / 2P
   Ultra Miniature Ceramic SMD Crystal
ABM10-167-12.000MHZ ABRACON-ABM10-167-12.000MHZ Datasheet
546Kb / 3P
   IoT OPTIMIZED LOW PROFILE QUARTZ CRYSTAL
06/21/2016
More results

Similar Description - ABM10-166-12.000MHZ

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABM11-141-26.000MHZ ABRACON-ABM11-141-26.000MHZ Datasheet
573Kb / 3P
   IoT OPTIMIZED LOW PROFILE QUARTZ CRYSTAL
06/21/2016
ABM11W ABRACON-ABM11W Datasheet
1Mb / 6P
   IoT OPTIMIZED LOW PROFILE QUARTZ CRYSTAL
ABM8W ABRACON-ABM8W Datasheet
1Mb / 6P
   IoT OPTIMIZED LOW PROFILE QUARTZ CRYSTAL
ABM10W ABRACON-ABM10W Datasheet
1Mb / 6P
   IoT OPTIMIZED LOW PROFILE QUARTZ CRYSTAL
08.09.2018
ABM12W ABRACON-ABM12W Datasheet
1Mb / 6P
   IoT OPTIMIZED LOW PROFILE QUARTZ CRYSTAL
ABM12-117-27.120MHZ ABRACON-ABM12-117-27.120MHZ Datasheet
607Kb / 3P
   IoT OPTIMIZED LOW PROFILE QUARTZ CRYSTAL
ABM11-140-26.000MHZ ABRACON-ABM11-140-26.000MHZ Datasheet
540Kb / 3P
   IoT OPTIMIZED LOW PROFILE QUARTZ CRYSTAL
06/21/2016
ABM11-142-27.120MHZ ABRACON-ABM11-142-27.120MHZ Datasheet
573Kb / 3P
   IoT OPTIMIZED LOW PROFILE QUARTZ CRYSTAL
06/21/2016
ABM11-143-27.120MHZ ABRACON-ABM11-143-27.120MHZ Datasheet
571Kb / 3P
   IoT OPTIMIZED LOW PROFILE QUARTZ CRYSTAL
06/21/2016
ABM12-118-27.120MHZ-T3 ABRACON-ABM12-118-27.120MHZ-T3 Datasheet
600Kb / 3P
   IoT OPTIMIZED LOW PROFILE QUARTZ CRYSTAL
06/21/2016
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com