Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF4360-4BCP Datasheet(PDF) 5 Page - Analog Devices

Part # ADF4360-4BCP
Description  Integrated Synthesizer and VCO
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4360-4BCP Datasheet(HTML) 5 Page - Analog Devices

  ADF4360-4BCP Datasheet HTML 1Page - Analog Devices ADF4360-4BCP Datasheet HTML 2Page - Analog Devices ADF4360-4BCP Datasheet HTML 3Page - Analog Devices ADF4360-4BCP Datasheet HTML 4Page - Analog Devices ADF4360-4BCP Datasheet HTML 5Page - Analog Devices ADF4360-4BCP Datasheet HTML 6Page - Analog Devices ADF4360-4BCP Datasheet HTML 7Page - Analog Devices ADF4360-4BCP Datasheet HTML 8Page - Analog Devices ADF4360-4BCP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
PRELIMINARY TECHNICAL DATA
REV. PrA
07/03
–5–
ADF4360-2
PIN DESCRIPTION
Mnemonic
Function
AV DD
Analog Power Supply. This may range from 3.0V to 3.6V. Decoupling capacitors to the analog ground
plane should be placed as close as possible to this pin.
AVDD must be the same value as DVDD.
DV DD
Digital Power Supply.
This may range from 3.0V to 3.6V.
Decoupling capacitors to the digital ground
plane should be placed as close as possible to this pin.
DVDD must be the same value as AVDD.
VVCO
Power supply for the VCO.
This may range from 3.0V to 3.6V. Decoupling capacitors to the analog
ground plane should be placed as close as possible to this pin.
VVCO must be the same value as AVDD.
RSET
Connecting a resistor between this pin and CPGND sets the maximum charge pump output current for
the synthesizer.
The nominal voltage potential at the RSET pin is 0.6V.
The relationship between ICP
and RSET is
So, with RSET = 4.7k
Ω, I
CPmax = 2.5mA.
MUXOUT
This multiplexer output allows either the Lock Detect, the scaled RF or the scaled Reference Frequency
to be accessed externally.
C P
Charge Pump Output.
When enabled this provides ±ICP to the external loop filter, which in turn drives
the internal VCO.
V TUNE
Control input to the VCO.
This voltage determines the output frequency and is derived from filtering
the CPOUT voltage.
C C
Internal compensation node.
This pin must be decoupled to ground with a 10nF capacitor.
C N
Internal compensation node.
This pin must be decoupled to VVCO with a 10uF capacitor.
RFOUTA
VCO output. The output level is programmable from -6dBm to -13dBm. See Page 18 for a description
of various output stages.
RF OUTB
VCO complementary output. The output level is programmable from -6dBm to -13dBm. See Page 18
for a description of various output stages.
CPGND
Charge Pump Ground.
This is the ground return path for the charge pump.
DGND
Digital Ground.
AGND
Analog Ground. This is the ground return path of the prescaler & VCO.
L E
Load Enable, CMOS Input.
When LE goes high, the data stored in the shift registers is loaded into
one of the four latches, the relevant latch is selected using the control bits.
DATA
Serial Data Input.
The serial data is loaded MSB first with the two LSBs being the control bits.
This
input is a high impedance CMOS input.
C L K
Serial Clock Input.
This serial clock is used to clock in the serial data to the registers.
The data is
latched into the 24-bit shift register on the CLK rising edge.
This input is a high impedance CMOS
input.
C E
Chip Enable. A logic low on this pin powers down the device and puts the charge pump into three state
mode. Taking the pin high will power up the device depending on the status of the power-down bits.
REFIN
Reference Input.
This is a CMOS input with a nominal threshold of VDD/2 and a dc equivalent input
resistance of 100k
Ω. See Figure 2. This input can be driven from a TTL or CMOS crystal oscillator or
it can be ac coupled.
ICPmax =
RSET
11.75


Similar Part No. - ADF4360-4BCP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4360-4BCP AD-ADF4360-4BCP Datasheet
480Kb / 24P
   Integrated Synthesizer and VCO
REV. A
ADF4360-4BCPRL AD-ADF4360-4BCPRL Datasheet
480Kb / 24P
   Integrated Synthesizer and VCO
REV. A
ADF4360-4BCPRL7 AD-ADF4360-4BCPRL7 Datasheet
480Kb / 24P
   Integrated Synthesizer and VCO
REV. A
ADF4360-4BCPZ AD-ADF4360-4BCPZ Datasheet
480Kb / 24P
   Integrated Synthesizer and VCO
REV. A
ADF4360-4BCPZ AD-ADF4360-4BCPZ Datasheet
394Kb / 24P
   Integrated Synthesizer and VCO
More results

Similar Description - ADF4360-4BCP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4360-8 AD-ADF4360-8 Datasheet
570Kb / 24P
   Integrated Synthesizer and VCO
REV. A
ADF4360-0 AD-ADF4360-0 Datasheet
315Kb / 24P
   Integrated Synthesizer and VCO
REV. B
ADF4360-5 AD-ADF4360-5 Datasheet
480Kb / 24P
   Integrated Synthesizer and VCO
REV. A
ADF4360-7 AD-ADF4360-7 Datasheet
336Kb / 28P
   Integrated Synthesizer and VCO
REV. B
ADF4360-8 AD-ADF4360-8_15 Datasheet
716Kb / 24P
   Integrated Synthesizer and VCO
REV. C
ADF4360-2 AD-ADF4360-2_15 Datasheet
589Kb / 24P
   Integrated Synthesizer and VCO
REV. C
ADF4360-1 AD-ADF4360-1_16 Datasheet
377Kb / 24P
   Integrated Synthesizer and VCO
ADF4360-4 AD-ADF4360-4_16 Datasheet
394Kb / 24P
   Integrated Synthesizer and VCO
ADF4360-6 AD-ADF4360-6_16 Datasheet
389Kb / 24P
   Integrated Synthesizer and VCO
ADF4360-0 AD-ADF4360-0_16 Datasheet
366Kb / 24P
   Integrated Synthesizer and VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com