Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7833 Datasheet(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # ADS7833
Description  10-Channel, 12-Bit DATA ACQUISITION SYSTEM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS7833 Datasheet(HTML) 2 Page - Burr-Brown (TI)

  ADS7833 Datasheet HTML 1Page - Burr-Brown (TI) ADS7833 Datasheet HTML 2Page - Burr-Brown (TI) ADS7833 Datasheet HTML 3Page - Burr-Brown (TI) ADS7833 Datasheet HTML 4Page - Burr-Brown (TI) ADS7833 Datasheet HTML 5Page - Burr-Brown (TI) ADS7833 Datasheet HTML 6Page - Burr-Brown (TI) ADS7833 Datasheet HTML 7Page - Burr-Brown (TI) ADS7833 Datasheet HTML 8Page - Burr-Brown (TI) ADS7833 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
®
ADS7833
2
RESOLUTION
12
Bit
ANALOG INPUT
Full Scale Voltage, Differential
G = 1.0V/V
±2.5
V
G = 1.25V/V
±2.0
V
G = 2.5V/V
±1.0
V
G = 5.0V/V
±0.5
V
Common-Mode Voltage
±0.5
See Table VII
V
Impedance
1012
Capacitance
20
pF
THROUGHPUT SPEED
Conversion Time
CLK = 2.1MHz
6.1
µs
Complete Cycle
Acquire and Convert
6.6
µs
Throughput Rate
150
200
kHz
SAMPLING DYNAMICS
S/H Droop Rate
0.1
µV/µs
S/H Acquisition Time
0.5
µs
S/H Aperture Delay
50
ns
S/H Aperture Jitter
50
ps
Sampling Skew, Channel-to-Channel
3ns
DC ACCURACY
Integral Linearity - ADC
±0.5
±2
LSB
Differential Linearity - ADC
±0.5
LSB
No Missing Codes
12
Bits
Integral Linearity - Asynchronous, Synchronous
0.5
±3
LSB
Differential Linearity - Asynchronous, Synchronous
0.5
±3
LSB
Full Scale Error
G = 1.0V/V
2
% of FSR
Full Scale Error Other Gains
4
% of FSR
Full Scale Error Drift
G = 1.0V/V
±10
±100
ppm/
°C
G = 2.5V/V
±10
±100
ppm/
°C
Zero Error - ADC
G = 1.0V/V
±0.5
±15
LSB
Zero Error - Asynchronous, Synchronous
G = 1.0V/V
±0.5
±20
LSB
Zero Error Drift
G = 1.0V/V
±0.5
ppm/
°C
AC ACCURACY
Total Harmonic Distortion
fIN = 1kHz
92
dB
fIN = 1MHz
72
dB
CMR
VCM = 1V, fCM = 1MHz
40
dB
REFERENCE
Internal Reference Voltage
2.5
V
Internal Reference Accuracy
±0.25
%
Internal Reference Drift
±10
ppm/
°C
Internal Reference Source Current
10
µA
External Reference Voltage Range
2.25
2.5
2.75
V
for Specified Linearity
External Reference Current Drain
10
µA
DIGITAL INPUTS
Logic Levels
VIL
0
1.5
V
VIH
+3.5
+5
V
IIL
±10
µA
IIH
±10
µA
Input Capacitance
At All Digital Input Pins
15
pF
DIGITAL OUTPUTS
Data Format
12-Bit Serial
Data Coding
BTC
VOL
ISINK = 1.6mA
0
0.4
V
VOH
ISOURCE = 500µA
4.2
5
V
Leakage Current
±5
µA
Output Capacitance
At All Digital Output Pins
15
pF
SPECIFICATIONS
At VANA+ = +5V, VANA– = –5V, VDIG+ = +5V, VDIG– = –5V, and TA = –40°C to +85°C, using internal reference, fCLOCK = 2.1MHz.
ANALOG-TO-DIGITAL CONVERTER CHANNELS
ADS7833N
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.


Similar Part No. - ADS7833

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7830 BURR-BROWN-ADS7830 Datasheet
251Kb / 16P
   8-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
logo
Texas Instruments
ADS7830 TI1-ADS7830 Datasheet
930Kb / 27P
[Old version datasheet]   8-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
logo
Burr-Brown (TI)
ADS7830I BURR-BROWN-ADS7830I Datasheet
251Kb / 16P
   8-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
ADS7830IPWR BURR-BROWN-ADS7830IPWR Datasheet
251Kb / 16P
   8-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
logo
Texas Instruments
ADS7830IPWR TI1-ADS7830IPWR Datasheet
929Kb / 26P
[Old version datasheet]   8-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS7833

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
VECANA01 BURR-BROWN-VECANA01 Datasheet
329Kb / 17P
   10-Channel, 12-Bit DATA ACQUISITION SYSTEM
logo
Texas Instruments
VECANA01 TI1-VECANA01_13 Datasheet
328Kb / 17P
[Old version datasheet]   10-Channel, 12-Bit DATA ACQUISITION SYSTEM
logo
Analog Devices
AD1362 AD-AD1362 Datasheet
431Kb / 8P
   16-Channel,12-Bit Data Acquisition System
REV. A
logo
API Technologies Corp
HS9403 APITECH-HS9403 Datasheet
3Mb / 4P
   16-Channel, 12-Bit Data Acquisition System
logo
Analog Devices
AD1362 AD-AD1362_15 Datasheet
437Kb / 8P
   16 Channel 12 Bit Data Acquisition System
REV. A
logo
Sipex Corporation
SP8121 SIPEX-SP8121 Datasheet
168Kb / 13P
   Monolithic, 12-Bit Data Acquisition System
logo
Texas Instruments
LM12454 TI1-LM12454 Datasheet
1Mb / 43P
[Old version datasheet]   12-Bit Sign Data Acquisition System
logo
Sipex Corporation
SP8481 SIPEX-SP8481 Datasheet
208Kb / 12P
   Monolithic, 12-Bit Data Acquisition System
logo
Analog Devices
AD7890 AD-AD7890_17 Datasheet
392Kb / 29P
   8-Channel, 12-Bit Serial Data Acquisition System
AD363 AD-AD363 Datasheet
682Kb / 8P
   Complete 16-Channel,12-Bit Data Acquisition System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com