Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF4360-6BCP Datasheet(PDF) 9 Page - Analog Devices

Part # ADF4360-6BCP
Description  Integrated Synthesizer and VCO
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4360-6BCP Datasheet(HTML) 9 Page - Analog Devices

Back Button ADF4360-6BCP Datasheet HTML 5Page - Analog Devices ADF4360-6BCP Datasheet HTML 6Page - Analog Devices ADF4360-6BCP Datasheet HTML 7Page - Analog Devices ADF4360-6BCP Datasheet HTML 8Page - Analog Devices ADF4360-6BCP Datasheet HTML 9Page - Analog Devices ADF4360-6BCP Datasheet HTML 10Page - Analog Devices ADF4360-6BCP Datasheet HTML 11Page - Analog Devices ADF4360-6BCP Datasheet HTML 12Page - Analog Devices ADF4360-6BCP Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
PRELIMINARY TECHNICAL DATA
ADF4360-2
REV. PrA
07/03
–9–
VCO
The VCO core in the ADF4360 family uses eight overlapping
bands as shown in figure 6 to allow a wide frequency range to
be covered without a large VCO sensitivity (Kv) and resultant
poor phase noise and spurious performance.
The correct band is chosen automatically by the band select
logic at power-up or whenever the N Counter latch is updated.
It is important that the correct write sequence be followed at
power-up. This sequence is:
1) R Counter latch
2) Control latch
3) N Counter latch
During band select, which takes five PFD cycles, The VCO
Vtune is disconnected from the output of the loop filter and
connected to an internal reference voltage.
The operating current in the VCO core is programmable
in four steps, 5mA, 10mA, 15mA & 20mA. This is
controlled by bits PC1 & PC2 in the Control latch.
OUTPUT STAGE
The RFoutA and RFoutB pins of the ADF4360 family are
connected to the collectors of an NPN differential pair
driven by buffered outputs of the VCO as shown in figure
7. To allow the user to optimise his/her power dissipation
vs output power requirements, The tail current of the
differential pair is programmable via bits PL1 & PL2 in
the Control latch. Four current levels may be set; 3.5mA,
5mA, 7.5mA and 11mA giving output power levels of -
13dBm, -10.5dBm, -8dBm & -6dBm using a 50Ohm
resistor to Vdd and ac-coupling into a 50Ohm load.
Alternatively, both outputs can be combined in a 1+1:1
transformer or a 180 microstrip coupler. See Page 19.
If the outputs are to be used individually, then the
optimum output stage
consists of a shunt inductor to Vdd.
Another feature of the ADF4360 family is provided
whereby the supply current to the RF output stage is shut
down until the part achieves lock as measured by the
Digital Lock Detect circuitry. This is enabled by the
MTLD (Mute Till Lock Detect) bit in the Control latch.
Figure 6 Frequency vs Vtune, ADF4360-2
After band select, normal PLL action resumes. The
nominal value of Kv is 57MHz/Volt or 28MHZ/Volt if
divide by two operation has been selected (by
programming DIVSEL (DB22), high in the N Counter
latch). The ADF4360 family contains linearisation
circuitry to minimise any variation of the product of Icp
and Kv.
The R Counter output is used as the clock for the band select
logic and should not exceed 1MHz. A programmable divider
is provided at the R Counter input to allow division by 1,2,4
or 8, and is controlled by bits BSC1 and BSC2 in the R
Counter Latch. Where the required PFD frequency exceeds 1
MHz the divide ratio should be set to allow enough time for
correct band selection.
VCO
BUFFER /
DIVIDE BY 2
RFOUTA
RFOUTB
Figure 7 RF Output Stage ADF4360-2


Similar Part No. - ADF4360-6BCP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4360-6BCP AD-ADF4360-6BCP Datasheet
479Kb / 24P
   Integrated Synthesizer and VCO
REV. A
ADF4360-6BCPRL AD-ADF4360-6BCPRL Datasheet
479Kb / 24P
   Integrated Synthesizer and VCO
REV. A
ADF4360-6BCPRL7 AD-ADF4360-6BCPRL7 Datasheet
479Kb / 24P
   Integrated Synthesizer and VCO
REV. A
ADF4360-6BCPZ AD-ADF4360-6BCPZ Datasheet
479Kb / 24P
   Integrated Synthesizer and VCO
REV. A
ADF4360-6BCPZ AD-ADF4360-6BCPZ Datasheet
389Kb / 24P
   Integrated Synthesizer and VCO
More results

Similar Description - ADF4360-6BCP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4360-8 AD-ADF4360-8 Datasheet
570Kb / 24P
   Integrated Synthesizer and VCO
REV. A
ADF4360-0 AD-ADF4360-0 Datasheet
315Kb / 24P
   Integrated Synthesizer and VCO
REV. B
ADF4360-5 AD-ADF4360-5 Datasheet
480Kb / 24P
   Integrated Synthesizer and VCO
REV. A
ADF4360-7 AD-ADF4360-7 Datasheet
336Kb / 28P
   Integrated Synthesizer and VCO
REV. B
ADF4360-8 AD-ADF4360-8_15 Datasheet
716Kb / 24P
   Integrated Synthesizer and VCO
REV. C
ADF4360-2 AD-ADF4360-2_15 Datasheet
589Kb / 24P
   Integrated Synthesizer and VCO
REV. C
ADF4360-1 AD-ADF4360-1_16 Datasheet
377Kb / 24P
   Integrated Synthesizer and VCO
ADF4360-4 AD-ADF4360-4_16 Datasheet
394Kb / 24P
   Integrated Synthesizer and VCO
ADF4360-6 AD-ADF4360-6_16 Datasheet
389Kb / 24P
   Integrated Synthesizer and VCO
ADF4360-0 AD-ADF4360-0_16 Datasheet
366Kb / 24P
   Integrated Synthesizer and VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com