Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSD18512Q5BT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # CSD18512Q5BT
Description  CSD18512Q5B 40 V N-Channel NexFET Power MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD18512Q5BT Datasheet(HTML) 10 Page - Texas Instruments

Back Button CSD18512Q5BT Datasheet HTML 5Page - Texas Instruments CSD18512Q5BT Datasheet HTML 6Page - Texas Instruments CSD18512Q5BT Datasheet HTML 7Page - Texas Instruments CSD18512Q5BT Datasheet HTML 8Page - Texas Instruments CSD18512Q5BT Datasheet HTML 9Page - Texas Instruments CSD18512Q5BT Datasheet HTML 10Page - Texas Instruments CSD18512Q5BT Datasheet HTML 11Page - Texas Instruments CSD18512Q5BT Datasheet HTML 12Page - Texas Instruments CSD18512Q5BT Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Ø 1.50
+0.10
–0.00
4.00 ±0.10 (See Note 1)
R 0.30 TYP
Ø 1.50 MIN
A0
K0
0.30 ±0.05
R 0.30 MAX
A0 = 6.50 ±0.10
B0 = 5.30 ±0.10
K0 = 1.40 ±0.10
M0138-01
2.00 ±0.05
8.00 ±0.10
B0
10
CSD18512Q5B
SLPS624 – DECEMBER 2016
www.ti.com
Product Folder Links: CSD18512Q5B
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
7.4 Q5B Tape and Reel Information
Notes:
1. 10-sprocket hole-pitch cumulative tolerance ±0.2.
2. Camber not to exceed 1 mm in 100 mm, noncumulative over 250 mm.
3. Material: black static-dissipative polystyrene.
4. All dimensions are in mm (unless otherwise specified).
5. A0 and B0 measured on a plane 0.3 mm above the bottom of the pocket.


Similar Part No. - CSD18512Q5BT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD18510KCS TI1-CSD18510KCS Datasheet
526Kb / 13P
[Old version datasheet]   40-V N-Channel NexFET Power MOSFET
logo
Inchange Semiconductor ...
CSD18510KCS ISC-CSD18510KCS Datasheet
321Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Texas Instruments
CSD18510KTT TI1-CSD18510KTT Datasheet
413Kb / 13P
[Old version datasheet]   CSD18510KTT 40-V N-Channel NexFET Power MOSFET
logo
Inchange Semiconductor ...
CSD18510KTT ISC-CSD18510KTT Datasheet
321Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Texas Instruments
CSD18510KTTT TI1-CSD18510KTTT Datasheet
413Kb / 13P
[Old version datasheet]   CSD18510KTT 40-V N-Channel NexFET Power MOSFET
More results

Similar Description - CSD18512Q5BT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD18511KTT TI1-CSD18511KTT Datasheet
377Kb / 11P
[Old version datasheet]   40-V N-Channel NexFET Power MOSFET
CSD18511KCS TI1-CSD18511KCS Datasheet
353Kb / 10P
[Old version datasheet]   40-V N-Channel NexFET Power MOSFET
CSD18510KCS TI1-CSD18510KCS Datasheet
526Kb / 13P
[Old version datasheet]   40-V N-Channel NexFET Power MOSFET
CSD18511Q5A TI1-CSD18511Q5A Datasheet
602Kb / 13P
[Old version datasheet]   CSD18511Q5A 40 V N-Channel NexFET Power MOSFET
CSD18513Q5A TI1-CSD18513Q5A Datasheet
608Kb / 13P
[Old version datasheet]   CSD18513Q5A 40-V N-Channel NexFET Power MOSFET
CSD18510KTT TI1-CSD18510KTT Datasheet
413Kb / 13P
[Old version datasheet]   CSD18510KTT 40-V N-Channel NexFET Power MOSFET
CSD18514Q5A TI1-CSD18514Q5A Datasheet
450Kb / 13P
[Old version datasheet]   CSD18514Q5A 40-V N-Channel NexFET Power MOSFET
CSD18503KCS TI-CSD18503KCS Datasheet
740Kb / 8P
[Old version datasheet]   40-V, N-Channel NexFET Power MOSFETs
CSD18502Q5B TI-CSD18502Q5B Datasheet
1Mb / 12P
[Old version datasheet]   40-V, N-Channel NexFET Power MOSFETs
CSD18504KCS TI-CSD18504KCS Datasheet
299Kb / 8P
[Old version datasheet]   40-V, N-Channel NexFET Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com