Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC6551-Q1 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # DAC6551-Q1
Description  DACx551-Q1 Automotive 16-, 12-Bit, Ultralow-Glitch, Voltage-Output DAC
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC6551-Q1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button DAC6551-Q1 Datasheet HTML 7Page - Texas Instruments DAC6551-Q1 Datasheet HTML 8Page - Texas Instruments DAC6551-Q1 Datasheet HTML 9Page - Texas Instruments DAC6551-Q1 Datasheet HTML 10Page - Texas Instruments DAC6551-Q1 Datasheet HTML 11Page - Texas Instruments DAC6551-Q1 Datasheet HTML 12Page - Texas Instruments DAC6551-Q1 Datasheet HTML 13Page - Texas Instruments DAC6551-Q1 Datasheet HTML 14Page - Texas Instruments DAC6551-Q1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
98
96
94
92
90
88
86
84
0
0.5
1.0
1.5
2.0
3.0
3.5
4.5
2.5
4.0
5.5
f
(kHz)
OUT
V
REF
DD
=V
=5V
-1dBFSRDigitalInput
f =1MSPS
S
MeasurementBandwidth=20kHz
-10
-30
-50
-70
-90
-110
-130
0
20
5
10
15
Frequency(kHz)
V
=5V
DD
V
=4.096V
REF
f
=1kHz
OUT
f
=1MSPS
CLK
-40
-50
-60
-70
-80
-90
-100
0
5
1
2
3
4
f
(kHz)
OUT
THD
2ndHarmonic
3rdHarmonic
V
=5V
DD
V
=4.9V
REF
-1dBFSRDigitalInput
f =1MSPS
S
MeasurementBandwidth=20kHz
Time(400ns/div)
V
=5V
V
=4.096V
FromCode:80FF
ToCode:8000
Glitch:NotDetected
TheoreticalWorstCase
DD
REF
Time(400ns/div)
V
=5V
V
=4.096V
FromCode:8010
ToCode:8000
Glitch:0.08nV-s
DD
REF
Time(400ns/div)
V
=5V
V
=4.096V
FromCode:8000
ToCode:80FF
Glitch:NotDetected
TheoreticalWorstCase
DD
REF
11
DAC8551-Q1, DAC6551-Q1
www.ti.com
SLASEB8C – FEBRUARY 2016 – REVISED NOVEMBER 2016
Product Folder Links: DAC8551-Q1 DAC6551-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical Characteristics (continued)
At TA = 25°C, VDD = 5 V unless otherwise noted.
Figure 20. Glitch Impulse: 5 V, 16-LSB Step, Falling Edge
Figure 21. Glitch Impulse: 5 V, 256-LSB Step, Rising Edge
Figure 22. Glitch Impulse: 5 V, 256-LSB Step, Falling Edge
Figure 23. Total Harmonic Distortion vs Output Frequency
Figure 24. Signal-to-Noise Ratio vs Output Frequency
Figure 25. Power Spectral Density


Similar Part No. - DAC6551-Q1

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC650 BURR-BROWN-DAC650 Datasheet
98Kb / 11P
   12-Bit 500MHz DIGITAL-TO-ANALOG CONVERTER
DAC650JL BURR-BROWN-DAC650JL Datasheet
98Kb / 11P
   12-Bit 500MHz DIGITAL-TO-ANALOG CONVERTER
DAC650KL BURR-BROWN-DAC650KL Datasheet
98Kb / 11P
   12-Bit 500MHz DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC6571 TI-DAC6571 Datasheet
524Kb / 22P
[Old version datasheet]   2.7 V to 5.5 V, I2C INTERFACE, VOLTAGE OUTPUT, 10-BIT DIGITAL-TO-ANALOG CONVERTER
DAC6571 TI1-DAC6571 Datasheet
732Kb / 25P
[Old version datasheet]   INTERFACE, VOLTAGE OUTPUT, 10-BIT DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC6551-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8551-Q1 TI1-DAC8551-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   Automotive 16-Bit, Ultralow-Glitch, Voltage-Output DAC
logo
Linear Technology
LTC1650 LINER-LTC1650 Datasheet
253Kb / 12P
   Low Glitch 16-Bit Voltage Output DAC
LTC1650 LINER-LTC1650_15 Datasheet
525Kb / 12P
   Low Glitch 16-Bit Voltage Output DAC
logo
Texas Instruments
DAC8562 TI1-DAC8562 Datasheet
1Mb / 56P
[Old version datasheet]   DUAL 16-/14-/12-BIT, ULTRALOW-GLITCH, LOW-POWER, BUFFERED, VOLTAGE-OUTPUT
JUNE2011
DAC7551 TI-DAC7551 Datasheet
539Kb / 18P
[Old version datasheet]   12-BIT, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7553 TI1-DAC7553_14 Datasheet
1Mb / 26P
[Old version datasheet]   12-BIT, DUAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7552 TI-DAC7552 Datasheet
862Kb / 22P
[Old version datasheet]   12-BIT, DUAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7554 TI-DAC7554 Datasheet
1Mb / 21P
[Old version datasheet]   12-BIT, QUAD, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7552 TI1-DAC7552_13 Datasheet
1Mb / 24P
[Old version datasheet]   12-BIT, DUAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7558 TI1-DAC7558_16 Datasheet
2Mb / 31P
[Old version datasheet]   12-BIT, OCTAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com