Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA4187 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # OPA4187
Description  Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA4187 Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA4187 Datasheet HTML 5Page - Texas Instruments OPA4187 Datasheet HTML 6Page - Texas Instruments OPA4187 Datasheet HTML 7Page - Texas Instruments OPA4187 Datasheet HTML 8Page - Texas Instruments OPA4187 Datasheet HTML 9Page - Texas Instruments OPA4187 Datasheet HTML 10Page - Texas Instruments OPA4187 Datasheet HTML 11Page - Texas Instruments OPA4187 Datasheet HTML 12Page - Texas Instruments OPA4187 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
±5
±4
±3
±2
±1
0
1
2
3
4
5
0.0
2.0
4.0
6.0
8.0
10.0 12.0 14.0 16.0 18.0 20.0
V
SUPPLY (V)
C001
V
S = ± 2.25 V
-45
0
45
90
135
±40
±20
0
20
40
60
80
100
120
140
1
10
100
1k
10k
100k
1M
10M
Frequency (Hz)
C001
Open-loop Gain
Phase
±10
±8
±6
±4
±2
0
2
4
6
8
10
±20
±15
±10
±5
0
5
10
15
20
V
CM (V)
C003
V
CM = ±18.1 V
V
CM = 16 V
±10
±8
±6
±4
±2
0
2
4
6
8
10
±75
±50
±25
0
25
50
75
100
125
150
Temperature (
ƒC)
C001
0
2
4
6
8
10
12
14
16
18
20
Offset Voltage (µV)
C002
0
5
10
15
20
25
30
35
40
45
50
Offset Voltage Drift (µV/
ƒC)
C001
9
OPA187, OPA2187, OPA4187
www.ti.com
SBOS807 – DECEMBER 2016
Product Folder Links: OPA187 OPA2187 OPA4187
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
at VS = ±18 V, VCM = VS / 2, RLOAD = 10 kΩ connected to VS / 2, and CL = 100 pF (unless otherwise noted)
Figure 1. Offset Voltage Production Distribution
Figure 2. Offset Voltage Drift Distribution
Figure 3. Offset Voltage vs Temperature
Figure 4. Offset Voltage vs Common-Mode Voltage
Figure 5. Offset Voltage vs Power Supply
Figure 6. Open-Loop Gain and Phase vs Frequency


Similar Part No. - OPA4187

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4187 TI1-OPA4187 Datasheet
1Mb / 35P
[Old version datasheet]   Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
OPA4187 TI1-OPA4187 Datasheet
2Mb / 41P
[Old version datasheet]   0.005-uV/C Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
OPA4187 TI1-OPA4187 Datasheet
2Mb / 44P
[Old version datasheet]   0.001-關V/째C Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
OPA4187 TI1-OPA4187 Datasheet
2Mb / 43P
[Old version datasheet]   0.001-關V/째C Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
OPA4187 TI-OPA4187 Datasheet
2Mb / 45P
[Old version datasheet]   0.001-關V/째C Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
More results

Similar Description - OPA4187

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA187 TI1-OPA187_17 Datasheet
1Mb / 35P
[Old version datasheet]   Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
OPA180 TI-OPA180_15 Datasheet
1Mb / 38P
[Old version datasheet]    Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
OPA187 TI1-OPA187_18 Datasheet
2Mb / 41P
[Old version datasheet]   0.005-uV/C Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
OPA187 TI-OPA187_19 Datasheet
2Mb / 45P
[Old version datasheet]   0.001-關V/째C Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
OPA187_1810 TI1-OPA187_1810 Datasheet
2Mb / 44P
[Old version datasheet]   0.001-關V/째C Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
OPA187_1812 TI1-OPA187_1812 Datasheet
2Mb / 43P
[Old version datasheet]   0.001-關V/째C Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
OPA188 TI1-OPA188 Datasheet
483Kb / 23P
[Old version datasheet]   0.03-uV/C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA188 TI-OPA188_15 Datasheet
1Mb / 34P
[Old version datasheet]   Precision, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
OPA188 TI-OPA188_13 Datasheet
1Mb / 33P
[Old version datasheet]   Precision, Low-Noise, Rail-to-Rail Output,36-V, Zero-Drift Operational Amplifiers
OPA180-Q1 TI1-OPA180-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   0.1-uV/C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com