Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2317-Q1 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2317-Q1
Description  Zero-Drift, Low-Offset, Rail-to-Rail I/O Operational Amplifier
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2317-Q1 Datasheet(HTML) 2 Page - Texas Instruments

  OPA2317-Q1 Datasheet HTML 1Page - Texas Instruments OPA2317-Q1 Datasheet HTML 2Page - Texas Instruments OPA2317-Q1 Datasheet HTML 3Page - Texas Instruments OPA2317-Q1 Datasheet HTML 4Page - Texas Instruments OPA2317-Q1 Datasheet HTML 5Page - Texas Instruments OPA2317-Q1 Datasheet HTML 6Page - Texas Instruments OPA2317-Q1 Datasheet HTML 7Page - Texas Instruments OPA2317-Q1 Datasheet HTML 8Page - Texas Instruments OPA2317-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
2
OPA317-Q1, OPA2317-Q1, OPA4317-Q1
SLOS914 – JULY 2016
www.ti.com
Product Folder Links: OPA317-Q1 OPA2317-Q1 OPA4317-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 6
6.1
Absolute Maximum Ratings ...................................... 6
6.2
ESD Ratings.............................................................. 6
6.3
Recommended Operating Conditions ...................... 6
6.4
Thermal Information: OPA317-Q1 ............................ 7
6.5
Thermal Information: OPA2317-Q1 .......................... 7
6.6
Thermal Information: OPA4317-Q1 .......................... 7
6.7
Electrical Characteristics: VS = 1.8 V to 5.5 V .......... 8
6.8
Typical Characteristics .............................................. 9
7
Parameter Measurement Information ................ 12
8
Detailed Description ............................................ 13
8.1
Overview ................................................................ 13
8.2
Functional Block Diagram ...................................... 13
8.3
Feature Description................................................. 13
8.4
Device Functional Modes ....................................... 15
9
Application and Implementation ........................ 16
9.1
Application Information............................................ 16
9.2
Typical Applications ................................................ 17
9.3
System Example ..................................................... 19
10
Power Supply Recommendations ..................... 19
11
Layout................................................................... 20
11.1
Layout Guidelines ................................................. 20
11.2
Layout Example .................................................... 20
12
Device and Documentation Support ................. 21
12.1
Documentation Support ........................................ 21
12.2
Receiving Notification of Documentation Updates 21
12.3
Related Links ........................................................ 21
12.4
Community Resources.......................................... 21
12.5
Trademarks ........................................................... 21
12.6
Electrostatic Discharge Caution ............................ 21
12.7
Glossary ................................................................ 21
13
Mechanical, Packaging, and Orderable
Information ........................................................... 22
4 Revision History
DATE
REVISION
NOTES
July 2016
*
Initial release.


Similar Part No. - OPA2317-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2317-Q1 TI1-OPA2317-Q1 Datasheet
994Kb / 29P
[Old version datasheet]   Zero-Drift, Low-Offset, Rail-to-Rail I/O Operational Amplifier
More results

Similar Description - OPA2317-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA317-Q1 TI1-OPA317-Q1 Datasheet
994Kb / 29P
[Old version datasheet]   Zero-Drift, Low-Offset, Rail-to-Rail I/O Operational Amplifier
OPA4317 TI1-OPA4317 Datasheet
1Mb / 30P
[Old version datasheet]   Low-Offset, Rail-to-Rail I/O Operational Amplifier
OPA317 TI1-OPA317 Datasheet
1Mb / 30P
[Old version datasheet]   Low-Offset, Rail-to-Rail I/O Operational Amplifier
OPA317 TI-OPA317 Datasheet
1Mb / 29P
[Old version datasheet]   Low-Offset, Rail-to-Rail I/O Operational Amplifier Precision Catalog
logo
Rohm
LMR1001YF-C ROHM-LMR1001YF-C Datasheet
1Mb / 20P
   Automotive Zero Drift Low Offset Voltage Rail-to-Rail input/output CMOS Operational Amplifier
16.Jan.2023 Rev.001
logo
Zhaoxingwei Electronics...
ISL28130CHZ ZHAOXINGWEI-ISL28130CHZ Datasheet
1Mb / 11P
   350kHz, Zero-Drift, CMOS,Rail-to-Rail Operational Amplifier
logo
E-CMOS Corporation
EC5731 E-CMOS-EC5731 Datasheet
821Kb / 13P
   350kHz, Zero-Drift, CMOS, Rail-to-Rail Operational Amplifier
EC5761 E-CMOS-EC5761 Datasheet
451Kb / 13P
   1.5M, Zero-Drift, CMOS, Rail-to-Rail Operational Amplifier
logo
SG Micro Corp
SGM8044 SGMICRO-SGM8044 Datasheet
296Kb / 10P
   Quad Rail-to-Rail I/O Operational Amplifier
SGM8545 SGMICRO-SGM8545 Datasheet
381Kb / 11P
   Rail-to-Rail I/O CMOS Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com