Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH103-PCB1900 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # AH103-PCB1900
Description  High Gain, High LinearityWatt Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AH103-PCB1900 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  AH103-PCB1900 Datasheet HTML 1Page - List of Unclassifed Manufacturers AH103-PCB1900 Datasheet HTML 2Page - List of Unclassifed Manufacturers AH103-PCB1900 Datasheet HTML 3Page - List of Unclassifed Manufacturers AH103-PCB1900 Datasheet HTML 4Page - List of Unclassifed Manufacturers AH103-PCB1900 Datasheet HTML 5Page - List of Unclassifed Manufacturers AH103-PCB1900 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
November 2003
The Communications Edge
TM
AH103
High Gain, High Linearity ½ Watt Amplifier
Product Information
Typical Device Data
1
2
3
4
8
7
6
5
AMP 1
AMP 2
Typical AH103 Performance Chain Analysis at 900 MHz
Cumulative Performance
Stage
Gain
(dB)
Output
P1dB
(dBm)
Output
IP3
(dBm)
NF
(dB)
Voltage
(V)
Current
(mA)
Gain
(dB)
Output
P1dB
(dBm)
Output
IP3
(dBm)
NF
(dB)
Amplifier 1
14.5
18
39
2.7
+4.5
75
14.5
18
39
2.7
Amplifier 2
14
27
46
3.1
+9
200
28.5
25.8
45.2
2.8
AH103
Cumulative Performance
275
28.5
+25.8
+45.2
2.8
S-Parameters (Amplifier #1, VD = +4.5 V, ID = 75 mA, T = 25
°C, calibrated to device leads, pin 4 = port 1, pin 2 = port 2)
Freq (MHz)
S11 (dB)
S11 (ang)
S21 (dB)
S21 (ang)
S12 (dB)
S12 (ang)
S22 (dB)
S22 (ang)
50
-4.86
-26.48
15.26
166.07
-21.98
27.52
-9.70
-36.91
200
-7.73
-22.56
14.09
165.44
-20.82
4.55
-15.06
-23.28
400
-6.98
-31.07
13.81
158.26
-20.79
-1.20
-13.38
-23.85
600
-7.02
-42.34
13.67
149.51
-20.87
-5.43
-13.42
-28.27
800
-7.16
-54.83
13.52
140.22
-20.74
-9.01
-13.71
-34.42
1000
-7.19
-67.46
13.36
131.15
-20.75
-12.46
-13.81
-40.37
1200
-7.17
-79.27
13.18
122.10
-20.61
-15.68
-14.16
-45.64
1400
-7.41
-91.82
13.04
113.28
-20.49
-19.43
-14.82
-50.24
1600
-7.64
-105.01
12.84
104.13
-20.43
-23.02
-15.82
-55.50
1800
-7.89
-118.56
12.65
95.51
-20.23
-27.00
-17.15
-60.75
2000
-8.01
-125.93
12.51
87.63
-20.10
-29.55
-17.66
-53.33
2200
-8.49
-142.46
12.36
78.62
-19.93
-34.96
-20.96
-54.42
2400
-8.67
-160.24
12.13
69.65
-19.89
-38.99
-26.00
-54.24
2600
-8.68
-172.38
11.93
63.44
-19.88
-43.41
-33.58
-50.38
2800
-8.41
169.78
11.67
54.46
-19.87
-47.77
-34.93
72.34
3000
-7.99
153.13
11.27
45.65
-19.92
-53.05
-25.07
91.10
S-Parameters (Amplifier #2, VD = +9 V, ID = 200 mA, T = 25
°C, calibrated to device leads, pin 1 = port 1, pin 7 = port 2)
Freq (MHz)
S11 (dB)
S11 (ang)
S21 (dB)
S21 (ang)
S12 (dB)
S12 (ang)
S22 (dB)
S22 (ang)
50
-14.89
-61.31
15.70
167.65
-19.34
7.31
-20.46
-69.94
200
-18.44
-66.85
15.25
161.10
-19.19
-8.11
-27.00
35.96
400
-13.76
-79.48
14.98
146.18
-19.43
-18.63
-18.71
6.17
600
-12.08
-100.14
14.63
131.18
-19.72
-29.44
-16.02
-1.40
800
-10.77
-119.25
14.23
116.54
-20.04
-39.85
-14.15
-10.84
1000
-9.63
-134.77
13.84
102.40
-20.41
-49.54
-12.62
-22.52
1200
-8.84
-148.91
13.45
88.71
-20.82
-58.10
-11.52
-32.78
1400
-8.26
-163.49
13.12
75.19
-21.26
-67.89
-10.66
-42.36
1600
-7.70
-177.35
12.79
61.97
-21.81
-76.50
-10.11
-52.56
1800
-7.18
169.87
12.46
48.61
-22.20
-86.90
-9.60
-63.61
2000
-7.12
156.94
12.32
35.83
-22.71
-93.31
-9.46
-69.21
2200
-6.52
142.96
12.06
21.94
-23.51
-103.96
-9.28
-79.85
2400
-5.85
131.77
11.71
8.30
-24.26
-113.83
-8.99
-93.56
2600
-5.38
124.67
11.47
-1.71
-24.94
-120.76
-8.74
-104.09
2800
-4.72
115.12
11.10
-15.80
-25.66
-129.36
-8.43
-118.28
3000
-4.13
106.69
10.56
-30.06
-27.18
-137.91
-8.04
-135.08


Similar Part No. - AH103-PCB1900

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AH103 ETC-AH103 Datasheet
103Kb / 1P
   High Gain, High Linearity 쩍 Watt Amplifier
logo
WJ Communication. Inc.
AH103A WJCI-AH103A Datasheet
263Kb / 6P
   High Gain, High Linearity 쩍-Watt Amplifier
AH103A-G WJCI-AH103A-G Datasheet
263Kb / 6P
   High Gain, High Linearity 쩍-Watt Amplifier
logo
TriQuint Semiconductor
AH103A-G TRIQUINT-AH103A-G Datasheet
306Kb / 6P
   High Gain, High Linearity Watt Amplifier
logo
WJ Communication. Inc.
AH103A-PCB1900 WJCI-AH103A-PCB1900 Datasheet
263Kb / 6P
   High Gain, High Linearity 쩍-Watt Amplifier
More results

Similar Description - AH103-PCB1900

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AH103 ETC-AH103 Datasheet
103Kb / 1P
   High Gain, High Linearity 쩍 Watt Amplifier
logo
WJ Communication. Inc.
AH103A WJCI-AH103A Datasheet
263Kb / 6P
   High Gain, High Linearity 쩍-Watt Amplifier
AH115 WJCI-AH115 Datasheet
422Kb / 5P
   쩍 Watt, High Linearity InGaP HBT Amplifier
ECP052D WJCI-ECP052D_06 Datasheet
369Kb / 4P
   쩍 Watt, High Linearity InGaP HBT Amplifier
AH116 WJCI-AH116 Datasheet
361Kb / 4P
   쩍 Watt, High Linearity InGaP HBT Amplifier
logo
TriQuint Semiconductor
AH103A TRIQUINT-AH103A_15 Datasheet
306Kb / 6P
   High Gain, High Linearity Watt Amplifier
logo
Broadcom Corporation.
DEMO-MGA-30X16 BOARDCOM-DEMO-MGA-30X16 Datasheet
311Kb / 17P
   쩍 Watt High Linearity Amplifi er
logo
Qorvo, Inc
QPA9119 QORVO-QPA9119 Datasheet
999Kb / 14P
   쩍 W High Linearity Amplifier
April 26, 2021
logo
TriQuint Semiconductor
QPA9119 TRIQUINT-QPA9119 Datasheet
939Kb / 12P
   쩍 W High Linearity Amplifier
logo
Broadcom Corporation.
MGA-30216 BOARDCOM-MGA-30216 Datasheet
217Kb / 14P
   1.7-2.7GHz 쩍 Watt High Linearity Amplifi er
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com