Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

107E Datasheet(PDF) 2 Page - Hammond Manufacturing Ltd.

Part # 107E
Description  MINIATURE EPOXY POTTED AUDIO TRANSFORMER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

107E Datasheet(HTML) 2 Page - Hammond Manufacturing Ltd.

  107E Datasheet HTML 1Page - Hammond Manufacturing Ltd. 107E Datasheet HTML 2Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TYPICAL TEST CIRCUIT
Measurement instruments
Hp4192a impedance analyzer
Hp3456a DVM
Keithley 2002 DVM
D scope series iii audio analyzer
** The epoxy that is used to cast these parts has a workable temperature range of –40
°C to +105°C
Under a normal rate of change, this does not include thermal shock.
Variations in the transformer materials and environmental conditions may reduce the workable temperature range.
This drawing and the information in it is the property of Hammond Manufacturing. It may not be reproduced, transmitted or used in any manner whatsoever without the written permission of
Hammond Manufacturing. Data subject to change without notice.
PRIMARY
SECONDARY
R
L
R
S
/2
R
S
/2
OUT


Similar Part No. - 107E

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
107E HAMMOND-107E Datasheet
258Kb / 1P
   P.C. Board Mount (107-109 Series)
More results

Similar Description - 107E

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
108N HAMMOND-108N Datasheet
368Kb / 2P
   MINIATURE EPOXY POTTED AUDIO TRANSFORMER
107D HAMMOND-107D Datasheet
437Kb / 2P
   MINIATURE EPOXY POTTED AUDIO TRANSFORMER
109H HAMMOND-109H Datasheet
339Kb / 2P
   MINIATURE EPOXY POTTED AUDIO TRANSFORMER
109G HAMMOND-109G Datasheet
338Kb / 2P
   MINIATURE EPOXY POTTED AUDIO TRANSFORMER
109F HAMMOND-109F Datasheet
341Kb / 2P
   MINIATURE EPOXY POTTED AUDIO TRANSFORMER
109E HAMMOND-109E Datasheet
343Kb / 2P
   MINIATURE EPOXY POTTED AUDIO TRANSFORMER
108L HAMMOND-108L_13 Datasheet
378Kb / 2P
   MINIATURE EPOXY POTTED AUDIO TRANSFORMER
108H HAMMOND-108H Datasheet
367Kb / 2P
   MINIATURE EPOXY POTTED AUDIO TRANSFORMER
107G HAMMOND-107G Datasheet
442Kb / 2P
   MINIATURE EPOXY POTTED AUDIO TRANSFORMER
109J HAMMOND-109J Datasheet
339Kb / 2P
   MINIATURE EPOXY POTTED AUDIO TRANSFORMER
108E HAMMOND-108E Datasheet
366Kb / 2P
   MINIATURE EPOXY POTTED AUDIO TRANSFORMER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com