Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA4377-Q1 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # OPA4377-Q1
Description  Low-Noise, Low Quiescent Current, Precision Automotive Grade Operational Precision Automotive Grade Operational
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA4377-Q1 Datasheet(HTML) 3 Page - Texas Instruments

  OPA4377-Q1 Datasheet HTML 1Page - Texas Instruments OPA4377-Q1 Datasheet HTML 2Page - Texas Instruments OPA4377-Q1 Datasheet HTML 3Page - Texas Instruments OPA4377-Q1 Datasheet HTML 4Page - Texas Instruments OPA4377-Q1 Datasheet HTML 5Page - Texas Instruments OPA4377-Q1 Datasheet HTML 6Page - Texas Instruments OPA4377-Q1 Datasheet HTML 7Page - Texas Instruments OPA4377-Q1 Datasheet HTML 8Page - Texas Instruments OPA4377-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
1
2
3
5
4
V+
-
IN
OUT
V
-
+IN
3
OPA377-Q1, OPA2377-Q1, OPA4377-Q1
www.ti.com
SBOS797A – MAY 2016 – REVISED MAY 2016
Product Folder Links: OPA377-Q1 OPA2377-Q1 OPA4377-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
OPA377-Q1: DBV Package
5-Pin SOT23
Top View
Pin Functions: OPA377-Q1
PIN
I/O
DESCRIPTION
NAME
NO.
DBV
+IN
3
I
Noninverting input
–IN
4
I
Inverting input
NC
No internal connection (can be left floating)
OUT
1
O
Output
V–
2
Negative (lowest) power supply
V+
5
Positive (highest) power supply


Similar Part No. - OPA4377-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4377-Q1 TI1-OPA4377-Q1 Datasheet
978Kb / 26P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Automotive Grade Operational Amplifier
More results

Similar Description - OPA4377-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA377-Q1 TI1-OPA377-Q1 Datasheet
978Kb / 26P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Automotive Grade Operational Amplifier
logo
Burr-Brown (TI)
OPA376 BURR-BROWN-OPA376 Datasheet
786Kb / 23P
   Precision, Low Noise, Low Quiescent Current, Operational Amplifier
logo
Diodes Incorporated
AS2376Q DIODES-AS2376Q Datasheet
1Mb / 13P
   LOW-NOISE, LOW QUIESCENT CURRENT, PRECISION OPERATIONAL AMPLIFIER
Rev. 1 - 2 September 2022
AS2376 DIODES-AS2376 Datasheet
1Mb / 13P
   LOW-NOISE, LOW QUIESCENT CURRENT, PRECISION OPERATIONAL AMPLIFIER
September 2022 Rev. 1 - 2
logo
Texas Instruments
OPA376 TI1-OPA376 Datasheet
1Mb / 42P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier
OPA376-Q1 TI1-OPA376-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier
OPA376-Q1_016 TI1-OPA376-Q1_016 Datasheet
1Mb / 39P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier e-trim Series
OPA2376AIYZDR TI-OPA2376AIYZDR Datasheet
1Mb / 30P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier e-trim Series
OPA376-Q1 TI-OPA376-Q1_15 Datasheet
448Kb / 20P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier e-trim??Series
OPA376-Q1 TI1-OPA376-Q1 Datasheet
547Kb / 19P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier e-trim??Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com