Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3851G18SDRBR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3851G18SDRBR
Description  Precision Voltage Supervisor with Integrated Watchdog Timer
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3851G18SDRBR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS3851G18SDRBR Datasheet HTML 7Page - Texas Instruments TPS3851G18SDRBR Datasheet HTML 8Page - Texas Instruments TPS3851G18SDRBR Datasheet HTML 9Page - Texas Instruments TPS3851G18SDRBR Datasheet HTML 10Page - Texas Instruments TPS3851G18SDRBR Datasheet HTML 11Page - Texas Instruments TPS3851G18SDRBR Datasheet HTML 12Page - Texas Instruments TPS3851G18SDRBR Datasheet HTML 13Page - Texas Instruments TPS3851G18SDRBR Datasheet HTML 14Page - Texas Instruments TPS3851G18SDRBR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
VDD
Precision
Clock
State
Machine
Cap
Control
CWD
GND
VDD
WDI
MR
SET1
WDO
RESET
Reference
R1
R2
11
TPS3851
www.ti.com
SBVS300 – NOVEMBER 2016
Product Folder Links: TPS3851
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The TPS3851 is a high-accuracy voltage supervisor with an integrated watchdog timer. This device includes a
precision undervoltage supervisor with a threshold that achieves 0.8% accuracy over the specified temperature
range of –40°C to +125°C. In addition, the TPS3851 includes accurate hysteresis on the threshold, making the
device ideal for use with tight tolerance systems where voltage supervisors must ensure a RESET before the
minimum supply tolerance of the microprocessor or system-on-a-chip (SoC) is reached. There are two options
for the watchdog timing standard and extended timing. To get standard timing use the TPS3851Xyy(y)S, for
extended timing use the TPS3851Xyy(y)E.
7.2 Functional Block Diagram
(1)
Note: R1 + R2 = 4.5 MΩ.


Similar Part No. - TPS3851G18SDRBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3851G18SQDRBRQ1 TI1-TPS3851G18SQDRBRQ1 Datasheet
1Mb / 34P
[Old version datasheet]   High-Accuracy Voltage Supervisor with Integrated Watchdog Timer
More results

Similar Description - TPS3851G18SDRBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3850 TI1-TPS3850_16 Datasheet
1Mb / 44P
[Old version datasheet]   Precision Voltage Supervisor with Programmable Window Watchdog Timer
TPS3852 TI1-TPS3852 Datasheet
1Mb / 30P
[Old version datasheet]   Precision Voltage Supervisor with Programmable Window Watchdog Timer
TPS3850-Q1 TI1-TPS3850-Q1 Datasheet
814Kb / 39P
[Old version datasheet]   Precision Voltage Supervisor with Programmable Window Watchdog Timer
TPS3850 TI1-TPS3850 Datasheet
849Kb / 35P
[Old version datasheet]   Precision Voltage Supervisor with Programmable Window Watchdog Timer
TPS3852-Q1 TI1-TPS3852-Q1 Datasheet
503Kb / 28P
[Old version datasheet]   High-Accuracy Voltage Supervisor with Integrated Watchdog Timer
TPS3851-Q1 TI1-TPS3851-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   High-Accuracy Voltage Supervisor with Integrated Watchdog Timer
TPS35 TI-TPS35 Datasheet
1Mb / 46P
[Old version datasheet]   TPS35 Nano IQ Precision Voltage Supervisor with Precision Timeout Watchdog Timer
JUNE 2023
TPS35 TI1-TPS35_V01 Datasheet
2Mb / 47P
[Old version datasheet]   TPS35 Nano IQ Precision Voltage Supervisor with Precision Timeout Watchdog Timer
JUNE 2023
TPS35-Q1 TI-TPS35-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   TPS35-Q1 Automotive Nano IQ Precision Voltage Supervisor with Precision Watchdog Timer
NOVEMBER 2022
UCC1946 TI-UCC1946 Datasheet
105Kb / 6P
[Old version datasheet]   Microprocessor Supervisor with Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com