Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMEPR30-5070AZ Datasheet(PDF) 2 Page - AIMTEC

Part # AMEPR30-5070AZ
Description  AC-DC Constant Current or Constant Voltage LED Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMEPR30-5070AZ Datasheet(HTML) 2 Page - AIMTEC

  AMEPR30-5070AZ Datasheet HTML 1Page - AIMTEC AMEPR30-5070AZ Datasheet HTML 2Page - AIMTEC AMEPR30-5070AZ Datasheet HTML 3Page - AIMTEC AMEPR30-5070AZ Datasheet HTML 4Page - AIMTEC AMEPR30-5070AZ Datasheet HTML 5Page - AIMTEC AMEPR30-5070AZ Datasheet HTML 6Page - AIMTEC AMEPR30-5070AZ Datasheet HTML 7Page - AIMTEC AMEPR30-5070AZ Datasheet HTML 8Page - AIMTEC AMEPR30-5070AZ Datasheet HTML 9Page - AIMTEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Series AMEPR30-AZ
up to 2.5A | AC-DC / DC-DC | LED Driver / Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052.1e R3.AG
2 of 15
North America only
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Current accuracy
±3
%
Line regulation
(LL-HL)
±2
%
Load regulation
0-100% load
±3
%
Ripple & Noise*
100
mV p-p
Hold-up time
50
ms
Current adjustment range
100-10
%
Tested with 0.1µF (C/C) or (M/C) and 47µF (E/C) parallel capacitors at the end.
Note: from 0% to 10% dimming adjustment signal instability may be present.
Isolation Specifications
Parameters
Conditions
Typical
Rated
Units
Tested voltage
I/O
3sec
3750
VAC
I/FG
2000
VAC
O/FG
500
VAC
Isolation resistance
500VDC
>1000
MΩ
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
130
KHz
Over current protection
AMEPR30-5070AZ
0.77
A
AMEPR30-4864AZ
0.68
AMEPR30-36100AZ
1.04
AMEPR30-24140AZ
1.45
AMEPR30-12250AZ
2.55
Over voltage protection
Refer to Constant Current vs. Constant Voltage Mode curve
Short circuit protection
Auto recovery
Over temperature protection
110~120
oC
Operating temperature
With derating over 55°C
Refer to model application
oC
Maximum case temperature
100
oC
Storage temperature
-40 to +95
oC
Temperature coefficient
±0.02
% / oC
Cooling
Free air convection
Humidity
Non condensing
20~95
% RH
Case material
Plastic
Potting
Epoxy (IP68 rated)
Wires
UL1015 18AWG * 20CM
Weight
530
g
Dimensions (L X W X H)
5.30 x 2.27 x 1.59 inches
134.80 x 57.68 x 40.50 mm
MTBF
>400,000 hrs (MIL-HDBK-217F at t=+25°C)
Safety Specifications
Parameters
Agency approvals
cULus, CE
Standards
UL8750, UL60950-1, EN55022, class B, EN60529(IP68), EN61347-1, EN61347-2-13
Information Technology Equipment
EN55022 Class B
Harmonic Current Emissions
IEC/EN 61000-3-2, Class C
Voltage fluctuations and flicker
IEC/EN 61000-3-3, (EN60555-3)
Electrostatic Discharge Immunity
IEC 61000-4-2 Level 3
RF, Electromagnetic Field Immunity
IEC 61000-4-3 Level 2
Electrical Fast Transient / Burst Immunity
IEC 61000-4-4 Level 2
Surge Immunity
IEC 61000-4-5 Level 3
RF, Conducted Disturbance Immunity
IEC 61000-4-6 Level 2
Power frequency Magnetic Field Immunity
IEC 61000-4-8 Level 1
Voltage dips, Short Interruptions Immunity
IEC 61000-4-11


Similar Part No. - AMEPR30-5070AZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEPR30-5070AZ AIMTEC-AMEPR30-5070AZ Datasheet
712Kb / 13P
   up to 2.5A | AC-DC LED driver
AMEPR30-5070AZ AIMTEC-AMEPR30-5070AZ Datasheet
1Mb / 15P
   up to 2.5A | AC-DC / DC-DC | LED Driver / Converter
More results

Similar Description - AMEPR30-5070AZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEPR60-AZ AIMTEC-AMEPR60-AZ_16 Datasheet
701Kb / 14P
   AC-DC Constant Current or Constant Voltage LED Driver
AMER150-AZ AIMTEC-AMER150-AZ_16 Datasheet
640Kb / 11P
   AC-DC Constant Current or Constant Voltage LED Driver
AMER90-AZ AIMTEC-AMER90-AZ_16 Datasheet
632Kb / 11P
   AC-DC Constant Current or Constant Voltage LED Driver
AMEPR30C-AZ AIMTEC-AMEPR30C-AZ_16 Datasheet
760Kb / 17P
   AC-DC Constant Current or Constant Voltage LED Driver
AMER120-AZ AIMTEC-AMER120-AZ_16 Datasheet
641Kb / 10P
   AC-DC Constant Current or Constant Voltage LED Driver
AMER150-CAZ-4 AIMTEC-AMER150-CAZ-4_16 Datasheet
542Kb / 10P
   Constant Current or Constant Voltage LED Driver or Converter
AMEPR60C-AZ AIMTEC-AMEPR60C-AZ_16 Datasheet
645Kb / 13P
   AC-DC Constant Current or Constant
AMER150-CAZ AIMTEC-AMER150-CAZ_16 Datasheet
542Kb / 10P
   Constant Current or Constant Voltage LED Driver or Converter
AMER120-CAZ AIMTEC-AMER120-CAZ_16 Datasheet
563Kb / 11P
   Constant Current or Constant Voltage LED Driver or Converter
AMER150-CAZ-6 AIMTEC-AMER150-CAZ-6_16 Datasheet
542Kb / 10P
   Constant Current or Constant Voltage LED Driver or Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com