Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMEPR30D-3670AZ Datasheet(PDF) 2 Page - AIMTEC

Part # AMEPR30D-3670AZ
Description  AC-DC Constant current LED Driver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMEPR30D-3670AZ Datasheet(HTML) 2 Page - AIMTEC

  AMEPR30D-3670AZ Datasheet HTML 1Page - AIMTEC AMEPR30D-3670AZ Datasheet HTML 2Page - AIMTEC AMEPR30D-3670AZ Datasheet HTML 3Page - AIMTEC AMEPR30D-3670AZ Datasheet HTML 4Page - AIMTEC AMEPR30D-3670AZ Datasheet HTML 5Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Series AMEPR30D-AZ
up to 2A | AC-DC LED driver
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052.1e R3.S
2 of 5
North America only
Output Specifications (continued)
Parameters
Conditions
Typical
Maximum
Units
Ripple & Noise
3
V p-p
Hold-up time
1
ms
Minimum Load Voltage
See the models table
Ripple and Noise are measured at 20MHz bandwidth by using a 0.1μF (M/C) or (C/C) and 47µF (E/C) parallel capacitor.
Isolation Specifications
Parameters
Conditions
Typical
Maximum
Units
Tested I/O voltage
60sec
3000
VAC
Isolation Resistance
>1000
MΩ
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
65
KHz
Over load protection
110
%
Over voltage protection
110
%
Short circuit protection
Auto recovery
Over temperature protection
>105°C
Operating temperature
With derating over 55°C
-20 to +80
oC
Maximum case temperature
100
oC
Storage temperature
-40 to +95
oC
Temperature coefficient
±0.02
% / oC
Cooling
Free air convection
Humidity
95
% RH
Case material
Plastic
Wires
UL1015 Input 18AWG*10CM/ Output 20 AWG * 10CM
Weight
200
g
Dimensions (L X H X W)
133x33x30mm (5.24 x 1.30 x 1.18 inch)
MTBF
>400,000 hrs (MIL-HDBK-217F at +25°C)
Environment Approval
Test
Parameters
Conditions
Shock
Wave form
Half sine wave
Acceleration amplitude
5gn
Bump duration
30 ms
Converter operation
Before and after test, body mounted (on chassis)
Number of bumps
18 (3 in each direction for every axis)
Vibration
Test mode
Sweep sine, 10-100Hz, speed 0.05Hz/s
Displacement
1 mm
Acceleration
3g, 3 loops 30min one cycle, 3h total, every axis tested
Converter operation
Before and after test, body mounted (on chassis)
Safety Specifications
Parameters
Agency approvals
cULus, CE, FCC
Standards
EN61347-1, EN61347-2-13, IEC62384, UL8750, UL60950-1, EN55015, EN55024, FCC Part 15 Subpart B, Class
B, ANSI C63.4 :2003
Harmonic Current Emissions
IEC/EN 61000-3-2, Class C
Voltage fluctuations and flicker
IEC/EN 61000-3-3, (EN60555-3)
Electrostatic Discharge Immunity
IEC 61000-4-2 Level 3
RF, Electromagnetic Field Immunity
IEC 61000-4-3 Level 2
Electrical Fast Transient/Burst Immunity
IEC 61000-4-4 Level 2
Surge Immunity
IEC 61000-4-5 Level 2
RF, Conducted Disturbance Immunity
IEC 61000-4-6 Level 2
Power frequency Magnetic Field Immunity
IEC 61000-4-8 Level 2
Voltage dips, Short Interruptions Immunity
IEC 61000-4-11


Similar Part No. - AMEPR30D-3670AZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEPR30D-3670AZ AIMTEC-AMEPR30D-3670AZ Datasheet
519Kb / 5P
   up to 2A | AC-DC / DC-DC LED driver
AMEPR30D-3670AZ-110 AIMTEC-AMEPR30D-3670AZ-110 Datasheet
505Kb / 5P
   up to 2A | AC-DC LED driver
AMEPR30D-3670AZ-220 AIMTEC-AMEPR30D-3670AZ-220 Datasheet
505Kb / 5P
   up to 2A | AC-DC LED driver
AMEPR30D-3670AZ-U AIMTEC-AMEPR30D-3670AZ-U Datasheet
505Kb / 5P
   up to 2A | AC-DC LED driver
More results

Similar Description - AMEPR30D-3670AZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEPR25D-24100AZ AIMTEC-AMEPR25D-24100AZ Datasheet
213Kb / 4P
   AC-DC Constant Current LED Driver
AMEPR60-AZ AIMTEC-AMEPR60-AZ_16 Datasheet
701Kb / 14P
   AC-DC Constant Current or Constant Voltage LED Driver
AMEPR30-AZ AIMTEC-AMEPR30-AZ_16 Datasheet
1Mb / 15P
   AC-DC Constant Current or Constant Voltage LED Driver
AMER150-AZ AIMTEC-AMER150-AZ_16 Datasheet
640Kb / 11P
   AC-DC Constant Current or Constant Voltage LED Driver
AMER90-AZ AIMTEC-AMER90-AZ_16 Datasheet
632Kb / 11P
   AC-DC Constant Current or Constant Voltage LED Driver
AMEPR30C-AZ AIMTEC-AMEPR30C-AZ_16 Datasheet
760Kb / 17P
   AC-DC Constant Current or Constant Voltage LED Driver
AMER120-AZ AIMTEC-AMER120-AZ_16 Datasheet
641Kb / 10P
   AC-DC Constant Current or Constant Voltage LED Driver
logo
AiT Semiconductor Inc.
A9913 AITSEMI-A9913 Datasheet
431Kb / 8P
   AC-DC LED DRIVER 85~265V AC INPUT LED CONSTANT CURRENT DRIVER
REV1.0 - NOV 2013
A9912 AITSEMI-A9912 Datasheet
371Kb / 10P
   AC-DC LED DRIVER 85~265V AC INPUT LED CONSTANT CURRENT DRIVER
REV1.1 - OCT 2013
logo
Mean Well Enterprises C...
LDD-L MEANWELL-LDD-L Datasheet
185Kb / 2P
   DC-DC Constant Current LED driver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com