Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMEPR30D-24140AZ Datasheet(PDF) 4 Page - AIMTEC

Part # AMEPR30D-24140AZ
Description  AC-DC Constant current LED Driver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMEPR30D-24140AZ Datasheet(HTML) 4 Page - AIMTEC

  AMEPR30D-24140AZ Datasheet HTML 1Page - AIMTEC AMEPR30D-24140AZ Datasheet HTML 2Page - AIMTEC AMEPR30D-24140AZ Datasheet HTML 3Page - AIMTEC AMEPR30D-24140AZ Datasheet HTML 4Page - AIMTEC AMEPR30D-24140AZ Datasheet HTML 5Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Series AMEPR30D-AZ
up to 2A | AC-DC LED driver
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052.1e R3.S
4 of 5
North America only
Triac Dimming Feature


Similar Part No. - AMEPR30D-24140AZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEPR30D-24140AZ AIMTEC-AMEPR30D-24140AZ Datasheet
519Kb / 5P
   up to 2A | AC-DC / DC-DC LED driver
AMEPR30D-24140AZ-110 AIMTEC-AMEPR30D-24140AZ-110 Datasheet
505Kb / 5P
   up to 2A | AC-DC LED driver
AMEPR30D-24140AZ-220 AIMTEC-AMEPR30D-24140AZ-220 Datasheet
505Kb / 5P
   up to 2A | AC-DC LED driver
AMEPR30D-24140AZ-U AIMTEC-AMEPR30D-24140AZ-U Datasheet
505Kb / 5P
   up to 2A | AC-DC LED driver
More results

Similar Description - AMEPR30D-24140AZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEPR25D-24100AZ AIMTEC-AMEPR25D-24100AZ Datasheet
213Kb / 4P
   AC-DC Constant Current LED Driver
AMEPR60-AZ AIMTEC-AMEPR60-AZ_16 Datasheet
701Kb / 14P
   AC-DC Constant Current or Constant Voltage LED Driver
AMEPR30-AZ AIMTEC-AMEPR30-AZ_16 Datasheet
1Mb / 15P
   AC-DC Constant Current or Constant Voltage LED Driver
AMER150-AZ AIMTEC-AMER150-AZ_16 Datasheet
640Kb / 11P
   AC-DC Constant Current or Constant Voltage LED Driver
AMER90-AZ AIMTEC-AMER90-AZ_16 Datasheet
632Kb / 11P
   AC-DC Constant Current or Constant Voltage LED Driver
AMEPR30C-AZ AIMTEC-AMEPR30C-AZ_16 Datasheet
760Kb / 17P
   AC-DC Constant Current or Constant Voltage LED Driver
AMER120-AZ AIMTEC-AMER120-AZ_16 Datasheet
641Kb / 10P
   AC-DC Constant Current or Constant Voltage LED Driver
logo
AiT Semiconductor Inc.
A9913 AITSEMI-A9913 Datasheet
431Kb / 8P
   AC-DC LED DRIVER 85~265V AC INPUT LED CONSTANT CURRENT DRIVER
REV1.0 - NOV 2013
A9912 AITSEMI-A9912 Datasheet
371Kb / 10P
   AC-DC LED DRIVER 85~265V AC INPUT LED CONSTANT CURRENT DRIVER
REV1.1 - OCT 2013
logo
Mean Well Enterprises C...
LDD-L MEANWELL-LDD-L Datasheet
185Kb / 2P
   DC-DC Constant Current LED driver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com