Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC14093B Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC14093B
Description  Quad 2-Input
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14093B Datasheet(HTML) 4 Page - ON Semiconductor

  MC14093B_14 Datasheet HTML 1Page - ON Semiconductor MC14093B_14 Datasheet HTML 2Page - ON Semiconductor MC14093B_14 Datasheet HTML 3Page - ON Semiconductor MC14093B_14 Datasheet HTML 4Page - ON Semiconductor MC14093B_14 Datasheet HTML 5Page - ON Semiconductor MC14093B_14 Datasheet HTML 6Page - ON Semiconductor MC14093B_14 Datasheet HTML 7Page - ON Semiconductor MC14093B_14 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MC14093B
http://onsemi.com
4
SWITCHING CHARACTERISTICS (CL = 50 pF, TA = 25_C)
Characteristic
Symbol
VDD
Vdc
Min
Typ
(Note 5)
Max
Unit
Output Rise Time
tTLH
5.0
10
15
100
50
40
200
100
80
ns
Output Fall Time
tTHL
5.0
10
15
100
50
40
200
100
80
ns
Propagation Delay Time
tPLH, tPHL
5.0
10
15
125
50
40
250
100
80
ns
5. Data labeled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance.
Figure 1. Switching Time Test Circuit and Waveforms
PULSE
GENERATOR
VDD
OUTPUT
CL
VSS
7
14
INPUT
20 ns
20 ns
VDD
VSS
VOH
VOL
tPLH
tPHL
OUTPUT
INPUT
tTHL
tTLH
90%
50%
10%
90%
50%
10%
Vout
Vin
VH
VDD
VSS
VDD
VSS
(a) Schmitt Triggers will square up
(a) inputs with slow rise and fall times.
(b) A Schmitt trigger offers maximum
(b) noise immunity in gate applications.
VH
Vout
Vin
VDD
VSS
VDD
VSS
Figure 2. Typical Schmitt Trigger Applications


Similar Part No. - MC14093B_14

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14093BCP ONSEMI-MC14093BCP Datasheet
215Kb / 8P
   Quad 2-Input NAND Schmitt Trigger
March, 2000 ??Rev. 3
MC14093BCP ONSEMI-MC14093BCP Datasheet
160Kb / 9P
   Quad 2?묲nput NAND Schmitt Trigger
October, 2006 ??Rev. 7
MC14093BCPG ONSEMI-MC14093BCPG Datasheet
160Kb / 9P
   Quad 2?묲nput NAND Schmitt Trigger
October, 2006 ??Rev. 7
MC14093BD ONSEMI-MC14093BD Datasheet
215Kb / 8P
   Quad 2-Input NAND Schmitt Trigger
March, 2000 ??Rev. 3
MC14093BD ONSEMI-MC14093BD Datasheet
160Kb / 9P
   Quad 2?묲nput NAND Schmitt Trigger
October, 2006 ??Rev. 7
More results

Similar Description - MC14093B_14

ManufacturerPart #DatasheetDescription
logo
AVG Semiconductors(HITE...
DV74ACT158 AVG-DV74ACT158 Datasheet
321Kb / 4P
   Quad 2-Input Multiplexer
logo
NXP Semiconductors
74AHC157 NXP-74AHC157 Datasheet
95Kb / 16P
   Quad 2-input multiplexer
Rev. 02-9 November 2007
logo
Fairchild Semiconductor
74ACT158 FAIRCHILD-74ACT158 Datasheet
91Kb / 8P
   Quad 2-Input Multiplexer
MM74HC157 FAIRCHILD-MM74HC157 Datasheet
69Kb / 7P
   Quad 2-Input Multiplexer
logo
ON Semiconductor
74VHC157 ONSEMI-74VHC157 Datasheet
339Kb / 12P
   Quad 2-Input Multiplexer
May 2007 Rev. 1.2
logo
Nexperia B.V. All right...
74HCT157-Q100 NEXPERIA-74HCT157-Q100 Datasheet
261Kb / 15P
   Quad 2-input multiplexer
Rev. 3 - 24 July 2020
74HCT157 NEXPERIA-74HCT157 Datasheet
262Kb / 15P
   Quad 2-input multiplexer
Rev. 9 - 24 July 2020
logo
Renesas Technology Corp
HD74AC157 RENESAS-HD74AC157 Datasheet
105Kb / 8P
   Quad 2-Input Multiplexer
logo
Texas Instruments
CY54FCT157T TI-CY54FCT157T_01 Datasheet
302Kb / 11P
[Old version datasheet]   QUAD 2-INPUT MULTIPLEXERS
logo
Fairchild Semiconductor
74ACT158 FAIRCHILD-74ACT158_05 Datasheet
111Kb / 8P
   Quad 2-Input Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com