Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TE5650AN Datasheet(PDF) 3 Page - MORNSUN Science& Technology Ltd.

Part # TE5650AN
Description  two-terminal isolation
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

TE5650AN Datasheet(HTML) 3 Page - MORNSUN Science& Technology Ltd.

  TE5650AN Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. TE5650AN Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. TE5650AN Datasheet HTML 3Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Signal conditioning modules
TExxxxAN Series
2014.09.02-A/0
Page 3 of 3
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
2. Recommended EMC circuit
Si n+
Si n-
TE 5530A N
TV S1
R1
Si n+
Si n-
Fig. 2
Components
Recommended parameters
R1
12Ω/2W
TVS1
SMBJ15CA
3. For more information please find the application notes on www.mornsun-power.com
Dimensions and Recommended Layout
Notes:
1. Packing Information please refer to 'Product Packing Information'. Packing bag number: 58240002;
2. Unless otherwise specified, data in this datasheet should be tested under the conditions of Ta=25℃, humidity<75% when inputting
nominal voltage and outputting rated load;
3. All index testing methods in this datasheet are based on our Company’s corporate standards;
4. The performance indexes of the product models listed in this datasheet are as above, but some indexes of non-standard model
products will exceed the above-mentioned requirements, and please directly contact our technician for specific information;
5. We can provide product customization service;
6. Specifications of this product are subject to changes without prior notice.
Mornsun Guangzhou Science & Technology Co., Ltd.
Address: No. 5, Kehui St. 1, Kehui Development Center, Science Ave., Guangzhou Science City, Luogang District, Guangzhou, P. R. China
Tel: 86-20-38601850-8801
Fax: 86-20-38601272
E-mail: info@mornsun.cn


Similar Part No. - TE5650AN

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
TE5634N MORNSUN-TE5634N Datasheet
1Mb / 5P
   ACTIVE HIGH PRECISION AMPLIFIER
More results

Similar Description - TE5650AN

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
TE6650HN MORNSUN-TE6650HN Datasheet
1Mb / 6P
   Two-terminal isolation
TE5540CN MORNSUN-TE5540CN Datasheet
682Kb / 3P
   Two- port isolation
T6650L MORNSUN-T6650L Datasheet
250Kb / 3P
   Three-terminal isolation
logo
List of Unclassifed Man...
ISOV-4-20MA ETC2-ISOV-4-20MA Datasheet
441Kb / 4P
   Two-wire Voltage Signal Isolation Distributor IC
3T064A ETC1-3T064A Datasheet
1Mb / 4P
   TWO TERMINAL THYRISTOR SERIES
logo
Sensitron
AD590 SENSITRON-AD590 Datasheet
32Kb / 2P
   TWO-TERMINAL TEMPERATURE TRANSDUCER
logo
Burr-Brown (TI)
ISO212 BURR-BROWN-ISO212 Datasheet
114Kb / 11P
   Low Cost, Two-Port Isolated, 1500Vrms ISOLATION AMPLIFIER
logo
Analog Devices
AD590 AD-AD590 Datasheet
3Mb / 16P
   Two-Terminal IC Temperature Transducer
REV. C
logo
PHOENIX CONTACT
2862217 PHOENIX-2862217 Datasheet
96Kb / 4P
   Terminal with two analog inputs
logo
Littelfuse
SL1411A LITTELFUSE-SL1411A Datasheet
189Kb / 2P
   Two-terminal Gas Plasma Arrester
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com