Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L5109G-AG6-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # L5109G-AG6-R
Description  Inherently Uniform LED Current
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L5109G-AG6-R Datasheet(HTML) 2 Page - Unisonic Technologies

  L5109G-AG6-R Datasheet HTML 1Page - Unisonic Technologies L5109G-AG6-R Datasheet HTML 2Page - Unisonic Technologies L5109G-AG6-R Datasheet HTML 3Page - Unisonic Technologies L5109G-AG6-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
L5109
Advance
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R125-038.a
PIN CONFIGURATION
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
SW
Switch Pin.
2
GND
Ground Pin
3
FB
Feedback Voltage.
4
CTRL
Shutdown and Dimming Pin.
5
VOUT
Output Pin.
6
VIN
Input Supply Pin.
BLOCK DIAGRAM
+
+
-
EA
+
-
+
-
FB
3
200mV
VREF
6
VIN
CTRL
4
1.2 MHz OSC
RAMP
GENERATOR
COMPARATOR
R
S
Q
Q1
OVP
5
1
VOUT
GND
2
SS
DRIVER
SW
PWM


Similar Part No. - L5109G-AG6-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
L5109 TI1-L5109 Datasheet
1Mb / 24P
[Old version datasheet]   High Voltage 1-A Peak Half-Bridge Gate Driver
More results

Similar Description - L5109G-AG6-R

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS19371CX6 TSC-TS19371CX6 Datasheet
495Kb / 8P
   Inherently Matched LED Current
logo
Bel Fuse Inc.
CL2-25-12 BEL-CL2-25-12 Datasheet
912Kb / 2P
   Inherently or Non-Inherently Limited
CL2-20-12 BEL-CL2-20-12 Datasheet
844Kb / 2P
   Inherently or Non-Inherently Limited
logo
TT Electronics.
LOB TTELEC-LOB Datasheet
531Kb / 3P
   Inherently non-inductive
logo
Everlight Electronics C...
EALP03SXABA0 EVERLIGHT-EALP03SXABA0 Datasheet
501Kb / 13P
   Uniform color.
logo
Lite-On Technology Corp...
LTD-4708JS LITEON-LTD-4708JS Datasheet
148Kb / 5P
   CONTINUOUS UNIFORM SEGMENTS
logo
SunLED Corporation
XGURX5D SUNLED-XGURX5D Datasheet
210Kb / 3P
   Uniform light disbursement
logo
Wabash Transformer Inc.
CL05X00-0CT WABASH-CL05X00-0CT Datasheet
959Kb / 3P
   Class 2 UL5085-3 Transformer 5VA - 30VA, Inherently Energy Limited
logo
Lite-On Technology Corp...
LTD-5723AY LITEON-LTD-5723AY Datasheet
786Kb / 5P
   Continuous uniform segments
LTS-5503AE LITEON-LTS-5503AE Datasheet
786Kb / 5P
   Continuous uniform segments
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com