Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1116Y18A Datasheet(PDF) 2 Page - Anachip Corp

Part # AP1116Y18A
Description  0.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1116Y18A Datasheet(HTML) 2 Page - Anachip Corp

  AP1116Y18A Datasheet HTML 1Page - Anachip Corp AP1116Y18A Datasheet HTML 2Page - Anachip Corp AP1116Y18A Datasheet HTML 3Page - Anachip Corp AP1116Y18A Datasheet HTML 4Page - Anachip Corp AP1116Y18A Datasheet HTML 5Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AP1116
0.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
Anachip Corp.
www.anachip.com.tw
Rev. 1.0 Aug.27, 2004
2/5
Connection Diagram
Adj (GND)
3 PIN SOT89
Vout
Vin
1
3
2
Tab is Vout
Pin Descriptions
NAME
I/O
PIN #
FUNCTION
Adj (GND)
I
1
A resistor divider from this pin to the Vout pin and ground sets the
output voltage. (Ground only for Fixed-Mode)
Vout
O
2
The output of the regulator. A minimum of 10uF capacitor (0.15Ω
≤ ESR ≤ 20Ω) must be connected from this pin to ground to insure
stability.
Vin
I
3
The input pin of regulator. Typically a large storage capacitor
(0.15Ω ≤ ESR ≤ 20Ω) is connected from this pin to ground to
insure that the input voltage does not sag below the minimum
dropout voltage during the load transient response. This pin must
always be 1.3V higher than Vout in order for the device to
regulate properly.
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VIN
DC Supply Voltage
-0.3 to 18 V
V
PD
Power Dissipation
Internally Limited
TST
Storage Temperature
-65 to +150
oC
TOP
Operating Junction Temperature Range
0 to +150
oC


Similar Part No. - AP1116Y18A

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1115 ANACHIP-AP1115 Datasheet
165Kb / 7P
   0.6A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Diodes Incorporated
AP1115 DIODES-AP1115 Datasheet
212Kb / 7P
   0.6A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1115 Rev. 1
AP1115 DIODES-AP1115 Datasheet
120Kb / 8P
   0.6A LOW DROPOUT POSITIVE ADJUSTABLE
AP1115 Rev. 7
AP1115 DIODES-AP1115 Datasheet
217Kb / 8P
   0.6A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1115-1.5 DIODES-AP1115-1.5 Datasheet
217Kb / 8P
   0.6A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
More results

Similar Description - AP1116Y18A

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1084 ANACHIP-AP1084 Datasheet
197Kb / 10P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
E-Tech Electronics LTD
GL1116 ETL-GL1116 Datasheet
251Kb / 4P
   0.6A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GU1085 ETL-GU1085 Datasheet
260Kb / 4P
   3A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Zhaoxingwei Electronics...
LY6117 ZHAOXINGWEI-LY6117 Datasheet
111Kb / 2P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Tiger Electronic Co.,Lt...
LMT1117 TGS-LMT1117 Datasheet
306Kb / 3P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
E-Tech Electronics LTD
GU1084 ETL-GU1084 Datasheet
319Kb / 4P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
SeCoS Halbleitertechnol...
SJA1117B SECOS-SJA1117B Datasheet
220Kb / 3P
   1.0A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
GTM CORPORATION
G1117A GTM-G1117A Datasheet
253Kb / 4P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GJ1084 GTM-GJ1084 Datasheet
248Kb / 4P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Diodes Incorporated
APX1117 DIODES-APX1117 Datasheet
165Kb / 8P
   1A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
APX1117 Rev. 1
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com