Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K9K1208U0M-YCB0 Datasheet(PDF) 1 Page - Samsung semiconductor

Part # K9K1208U0M-YCB0
Description  64M x 8 Bit NAND Flash Memory
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K9K1208U0M-YCB0 Datasheet(HTML) 1 Page - Samsung semiconductor

  K9K1208U0M-YCB0 Datasheet HTML 1Page - Samsung semiconductor K9K1208U0M-YCB0 Datasheet HTML 2Page - Samsung semiconductor K9K1208U0M-YCB0 Datasheet HTML 3Page - Samsung semiconductor K9K1208U0M-YCB0 Datasheet HTML 4Page - Samsung semiconductor K9K1208U0M-YCB0 Datasheet HTML 5Page - Samsung semiconductor K9K1208U0M-YCB0 Datasheet HTML 6Page - Samsung semiconductor K9K1208U0M-YCB0 Datasheet HTML 7Page - Samsung semiconductor K9K1208U0M-YCB0 Datasheet HTML 8Page - Samsung semiconductor K9K1208U0M-YCB0 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
K9K1208U0M-YCB0, K9K1208U0M-YIB0
FLASH MEMORY
1
Document Title
64M x 8 Bit NAND Flash Memory
Revision History
The attached data sheets are prepared and approved by SAMSUNG Electronics. SAMSUNG Electronics CO., LTD. reserve the
right to change the specifications. SAMSUNG Electronics will evaluate and reply to your requests and questions about device. If you
have any questions, please contact the SAMSUNG branch office near your office.
Revision No
0.0
0.1
0.2
0.3
Remark
Preliminary
Preliminary
Final
History
1. Initial issue
- The followings are disprepancy items between K9K5608U0M (256Mb
DDP) and K9K1208U0M (512Mb DDP).
1. Changed Input / Output Capacitance
- Input / Output Capacitance (Max.) : 20 pF --> 30pF
- Input Capacitance (Max.) : 20 pF --> 30pF
1. Changed SE pin description
- SE is recommended to coupled to GND or Vcc and should not be
toggled during reading or programming.
1. Changed don’t care mode in address cycles
- *X can be "High" or "Low" => *L must be set to "Low"
2. Explain how pointer operation works in detail.
3. Renamed GND input (pin # 6) on behalf of SE (pin # 6)
- The SE input controls the access of the spare area. When SE is high,
the spare area is not accessible for reading or programming. SE is rec
ommended to be coupled to GND or Vcc and should not be toggled
during reading or programming.
=> Connect this input pin to GND or set to static low state unless the
sequential read mode excluding spare area is used.
4. Updated operation for tRST timing
- If reset command(FFh) is written at Ready state, the device goes into
Busy for maximum 5us.
AC Characteristics
K9K5608U0M
K9K1208U0M
Read Cycle Time (tRC)
Min. 50ns
Min. 60ns
Write Cycle Time (tWC)
Min. 50ns
Min. 60ns
WE High hold Time (tWH)
Min. 15ns
Min. 25ns
Data Hold Time (tDH)
Min. 10ns
Min. 15ns
RE High Hold Time (tREH)
Min. 15ns
Min. 25ns
Draft Date
June 19th 2000
June 24th 2000
July 17th 2000
Nov. 20th 2000
Note : For more detailed features and specifications including FAQ, please refer to Samsung’s Flash web site.
http://www.intl.samsungsemi.com/Memory/Flash/datasheets.html


Similar Part No. - K9K1208U0M-YCB0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9K1208U0A-YCB0 SAMSUNG-K9K1208U0A-YCB0 Datasheet
357Kb / 27P
   64M x 8 Bit NAND Flash Memory
K9K1208U0A-YCB0 SAMSUNG-K9K1208U0A-YCB0 Datasheet
359Kb / 27P
   64M x 8 Bit NAND Flash Memory
K9K1208U0A-YIB0 SAMSUNG-K9K1208U0A-YIB0 Datasheet
357Kb / 27P
   64M x 8 Bit NAND Flash Memory
K9K1208U0A-YIB0 SAMSUNG-K9K1208U0A-YIB0 Datasheet
359Kb / 27P
   64M x 8 Bit NAND Flash Memory
K9K1208U0C SAMSUNG-K9K1208U0C Datasheet
953Kb / 39P
   64M x 8 Bit , 32M x 16 Bit NAND Flash Memory
More results

Similar Description - K9K1208U0M-YCB0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9F1208Q0B SAMSUNG-K9F1208Q0B Datasheet
767Kb / 45P
   64M x 8 Bit NAND Flash Memory
K9F1208R0B SAMSUNG-K9F1208R0B Datasheet
1Mb / 45P
   64M x 8 Bit NAND Flash Memory
K9K1208U0A-YCB0 SAMSUNG-K9K1208U0A-YCB0 Datasheet
357Kb / 27P
   64M x 8 Bit NAND Flash Memory
K9F1208U0M- SAMSUNG-K9F1208U0M- Datasheet
1Mb / 41P
   64M x 8 Bit NAND Flash Memory
DS_K9K1208U0A SAMSUNG-DS_K9K1208U0A Datasheet
359Kb / 27P
   64M x 8 Bit NAND Flash Memory
K9K1208Q0C SAMSUNG-K9K1208Q0C Datasheet
953Kb / 39P
   64M x 8 Bit , 32M x 16 Bit NAND Flash Memory
K91G08Q0M SAMSUNG-K91G08Q0M Datasheet
729Kb / 40P
   128M x 8 Bit / 64M x 16 Bit NAND Flash Memory
K9K1G08U0A SAMSUNG-K9K1G08U0A Datasheet
906Kb / 43P
   128M x 8 Bit / 64M x 16 Bit NAND Flash Memory
K9F1208D0A SAMSUNG-K9F1208D0A Datasheet
748Kb / 46P
   64M x 8 Bit , 32M x 16 Bit NAND Flash Memory
K9F1216U0A SAMSUNG-K9F1216U0A Datasheet
968Kb / 45P
   64M x 8 Bit , 32M x 16 Bit NAND Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com